Part Number Hot Search : 
N605903 204S1 BYD57D SGBJ6K 00415 HER520F B4133 2SA1796
Product Description
Full Text Search
 

To Download L6388 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L6388
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
1

FEATURES
HIGH VOLTAGE RAIL UP TO 600 V dV/dt IMMUNITY 50 V/nsec IN FULL TEMPERATURE RANGE DRIVER CURRENT CAPABILITY:400 mA SOURCE,650 mA SINK SWITCHING TIMES 70/40 nsec RISE/FALL WITH 1nF LOAD 3.3V, 5V, 15V CMOS/TTL INPUTS COMPARATORS WITH HYSTERESYS AND PULL DOWN INTERNAL BOOTSTRAP DIODE OUTPUTS IN PHASE WITH INPUTS DEAD TIME AND INTERLOCKING FUNCTION
Figure 1. Package
SO8
DIP8
Table 1. Order Codes
Part Number L6388 L6388D L6388D013TR Package DIP8 SO8 SO8 in Tape & Reel

It has a Driver structure that enables to drive independent referenced N Channel Power MOS or IGBT. The Upper (Floating) Section is enabled to work with voltage Rail up to 600V. The Logic Inputs are CMOS/TTL compatible for ease of interfacing with controlling devices.
2
DESCRIPTION
The L6388 is an high-voltage device, manufactured with the BCD"OFF-LINE" technology. Figure 2. Block Diagram
BOOTSTRAP DRIVER
8
Vboot H.V. Cboot
VCC
3
UV DETECTION LOGIC
UV DETECTION
R R
HVG DRIVER 7
HVG
HIN
2 SHOOT THROUGH PREVENTION 1
LEVEL SHIFTER
S VCC
OUT 6 5 LVG DRIVER LVG TO LOAD
LIN
4
GND
May 2005
Rev. 2 1/11
L6388
Table 2. Absolute Maximum Rating
Symbol Vout Vcc Vboot Vhvg Vlvg Vi dVout/dt Ptot Tj Tstg Output Voltage Supply Voltage Floating Supply Voltage High Side Gate Output Voltage Low Side Gate Output Voltage Logic Input Voltage Allowed Output Slew Rate Total Power Dissipation (Tj = 85C) Junction Temperature Storage Temperature Parameter Value -3 to Vboot - 18 - 0.3 to +18 - 1 to 618 - 1 to Vboot -0.3 to Vcc +0.3 -0.3 to Vcc +0.3 50 750 150 -50 to 150 Unit V V V V V V V/ns mW C C
Note: ESD immunity for pins 6, 7 and 8 is guaranteed up to 900V (Human Body Model)
Figure 3. Pin Connection (Top view)
LIN HIN VCC GND
1 2 3 4
D97IN517A
8 7 6 5
Vboot HVG OUT LVG
Table 3. Pin Description
N. 1 2 3 4 5 6 7 8 Name LIN HIN Vcc GND LVG (*) OUT HVG (*) Vboot O O O Type I I I Low Side Driver Logic Input High Side Driver Logic Input Low Voltage Power Supply Ground Low Side Driver Output High Side Driver Floating Reference High Side Driver Output Bootstrap Supply Voltage Function
(*) The circuit guarantees 0.3V maximum on the pin (@ Isink = 10mA). This allows to omit the "bleeder" resistor connected between the gate and the source of the external MOSFET normally used to hold the pin low.
Table 4. Thermal Data
Symbol Rth j-amb Parameter Thermal Resistance Junction to Ambient SO8 150 Minidip 100 Unit C/W
2/11
L6388
Table 5. Recommended Operating Conditions
Symbol Vout VBS (*) fsw Vcc Tj 3 Pin 6 8 Parameter Output Voltage Floating Supply Voltage Switching Frequency Supply Voltage Junction Temperature -45 HVG,LVG load CL = 1nF Test Condition Min. Note 1 Note 1 Typ. Max. 580 17 400 17 125 Unit V V kHz V C
Note 1: If the condition Vboot - Vout < 18V is guaranteed, Vout can range from -3 to 580V (*): VBS = Vboot - Vout
Table 6. Electrical Characteristics (Vcc = 15V; Tj = 25C)
Symbol Pin Parameter Test Condition Min. Typ. Max. Unit
AC OPERATION
ton toff tr tf DT 7,5 7,5 7,5 1 vs 5 High/Low Side Driver Turn-On 2 vs 7 Propagation Delay High/Low Side Driver Turn-Off Propagation Delay Rise Time Fall Time Dead Time Vout = 0V Vout = 0V CL = 1000pF CL = 1000pF 220 225 160 70 40 320 300 220 100 80 420 ns ns ns ns ns
DC OPERATION
Low Supply Voltage Section Vccth1 Vccth2 Vcchys Iqccu Iqcc Rdson 3 Vcc UV Turn On Threshold Vcc UV Turn Off Threshold Vcc UV Hysteresis Undervoltage Quiescent Supply Current Quiescent Current Vcc 9V Vcc = 15V 9.1 7.9 0.9 250 350 125 330 450 9.6 8.3 10.1 8.8 V V V A A
Bootstrap Driver on Resistance (**) Vcc
Bootstrapped Supply Voltage Section VBSth1 VBSth2 VBShys IQBS ILK 8 VBS UV Turn On Threshold VBS UV Turn Off Threshold VBS UV Hysteresis VBS Quiescent Current High Voltage Leakage Current HVG ON Vhvg = Vout = Vboot = 600V 8.5 7.2 0.9 250 10 9.5 8.2 10.5 9.2 V V V A A
High/Low Side Driver Iso Isi 5,7 Source Short Circuit Current Sink Short Circuit Current VIN = Vih (tp < 10s) VIN = Vil (tp < 10s) 300 500 400 650 mA mA
3/11
L6388
Table 6. Electrical Characteristics (continued) (Vcc = 15V; Tj = 25C)
Symbol Pin Parameter Test Condition Min. Typ. Max. Unit
Logic Inputs Vil Vih Iih Iil 1, 2 Low Level Logic Input Voltage High Level Logic Input Voltage High Level Logic Input Current Low Level Logic Input Current VIN = 15V VIN = 0V -1 1.8 20 70 1.1 V V A A
(**) RDSON is tested in the following way: R DSON = ------------------------------------------------------------------------------------------------------------I 1 ( V CC, V CCBOOT1 ) - I 2 ( V CC, V CCBOOT2 ) where I1 is pin 8 current when VCBOOT = VCBOOT1, I2 when VCBOOT = VCBOOT2.
( V CC - V CBOOT1 ) - ( V CC - V CBOOT2 )
Figure 4. Dead Time Waveforms Definitions
LIN
H IN
DT DT
LVG
DT
HVG
Figure 5. Propagation Delay Waveform Definitions
LIN
50% 50% 50%
> DT
> DT 50% 50%
HIN
ton
Interlocking function
90% 10% toff
LVG
ton 90%
HVG
10%
toff
4/11
L6388
3
INPUT LOGIC
Input logic is provided with an interlocking circuitry which avoids the two outputs (LVG, HVG) to be active at the same time when both the logic input pins (LIN, HIN) are at a high logic level. In addition, to prevent cross conduction of the external MOSFETs, after each output is turned-off the other output cannot be turned-on before a certain amount of time (DT) (see Figure 4). Figure 6. Typical Rise and Fall Times vs. Load Capacitance
time (nsec) 250 200 Tr 150 Tf 100 50 0
D99IN1054
Figure 7. Quiescent Current vs. Supply Voltage
Iq (A) 104
D99IN1055
103
102
10
0 1 2 3 4 5 C (nF) For both high and low side buffers @25C Tamb
0
2
4
6
8
10
12
14
16 VS(V)
3.1 BOOTSTRAP DRIVER A bootstrap circuitry is needed to supply the high voltage section. This function is normally accomplished by a high voltage fast recovery diode (fig. 8a). In the L6388 a patented integrated structure replaces the external diode. It is realized by a high voltage DMOS, driven synchronously with the low side driver (LVG), with in series a diode, as shown in fig. 8b An internal charge pump (fig. 8b) provides the DMOS driving voltage . The diode connected in series to the DMOS has been added to avoid undesirable turn on of it. 3.2 CBOOT selection and charging To choose the proper CBOOT value the external MOS can be seen as an equivalent capacitor. This capacitor CEXT is related to the MOS total gate charge : Q gate C EXT = -------------V gate The ratio between the capacitors CEXT and CBOOT is proportional to the cyclical voltage loss . It has to be: CBOOT>>>CEXT e.g.: if Qgate is 30nC and Vgate is 10V, CEXT is 3nF. With CBOOT = 100nF the drop would be 300mV. If HVG has to be supplied for a long time, the CBOOT selection has to take into account also the leakage losses. e.g.: HVG steady state consumption is lower than 200A, so if HVG TON is 5ms, CBOOT has to supply 1C to CEXT. This charge on a 1F capacitor means a voltage drop of 1V. The internal bootstrap driver gives great advantages: the external fast recovery diode can be avoided (it usually has great leakage current). This structure can work only if VOUT is close to GND (or lower) and in the meanwhile the LVG is on. The charging time (Tcharge) of the CBOOT is the time in which both conditions are fulfilled and it
5/11
L6388
has to be long enough to charge the capacitor. The bootstrap driver introduces a voltage drop due to the DMOS RDSON (typical value: 125 Ohm). At low frequency this drop can be neglected. Anyway increasing the frequency it must be taken in to account. The following equation is useful to compute the drop on the bootstrap DMOS: Q gate V drop = I ch arg e R dson V drop = ------------------- R dson T ch arg e where Qgate is the gate charge of the external power MOS, Rdson is the on resistance of the bootstrap DMOS, and Tcharge is the charging time of the bootstrap capacitor. For example: using a power MOS with a total gate charge of 30nC the drop on the bootstrap DMOS is about 1V, if the Tcharge is 5s. In fact: 30nC V drop = -------------- 125 0.8V 5s Vdrop has to be taken into account when the voltage drop on CBOOT is calculated: if this drop is too high, or the circuit topology doesn't allow a sufficient charging time, an external diode can be used. Figure 8. Bootstrap Driver.
DBOOT
VS
VBOOT H.V. HVG
CBOOT VOUT TO LOAD
LVG
a
VBOOT H.V. HVG
VS
CBOOT VOUT TO LOAD
LVG
b
6/11
L6388
Figure 9. VBOOT UV Turn On Threshold vs. Temperature
13 12 11 Vccth2(V)
VBSth1(V)
Typ.
Figure 12. VCC UV Turn Off Threshold vs. Temperature
11
@ Vcc = 15V
10 9
Typ.
10 9 8 7 6 5
8 7 6
-45
-25
0
25 50 Tj (C)
75
100
125
-45
-25
0
25
50
75
100
125
Tj (C)
Figure 10. VBOOT UV Turn Off Threshold vs. Temperature
14 13 12 11
Figure 13. Output Source Current vs. Temperature
1000
@ Vcc = 15V
current (mA)
@ Vcc = 15V
800 600
Typ.
VBSth2(V)
10 9 8 7 6 -45 -25 0 25 50 75 100 125
Typ.
400 200 0 -45 -25 0 25 50 Tj (C) 75 100 125
Figure 11. VCC UV Turn On Threshold vs. Temperature
13 12
Figure 14. Output Sink Current vs. Temperature
1000
@ Vcc = 15V
800 current (mA) 600 400 200 0
Vccth1(V)
11 10 9 8 7 -45 -25 0 25 50 Tj (C) 75 100 125
Typ.
Typ.
-45
-25
0
25 50 Tj (C)
75
100
125
7/11
L6388
Figure 15. DIP8 Mechanical Data & Package Dimensions
mm DIM. MIN. A a1 B b b1 D E e e3 e4 F I L Z 3.18 7.95 2.54 7.62 7.62 6.6 5.08 3.81 1.52 0.125 0.51 1.15 0.356 0.204 1.65 0.55 0.304 10.92 9.75 0.313 0.100 0.300 0.300 0.260 0.200 0.150 0.060 TYP. 3.32 0.020 0.045 0.014 0.008 0.065 0.022 0.012 0.430 0.384 MAX. MIN. TYP. 0.131 MAX. inch
OUTLINE AND MECHANICAL DATA
DIP-8
8/11
L6388
Figure 16. SO8 Mechanical Data & Package Dimensions
mm DIM. MIN. A A1 A2 B C D (1) E e H h L k ddd 5.80 0.25 0.40 1.35 0.10 1.10 0.33 0.19 4.80 3.80 1.27 6.20 0.50 1.27 0.228 0.010 0.016 TYP. MAX. 1.75 0.25 1.65 0.51 0.25 5.00 4.00 MIN. 0.053 0.004 0.043 0.013 0.007 0.189 0.15 0.050 0.244 0.020 0.050 TYP. MAX. 0.069 0.010 0.065 0.020 0.010 0.197 0.157 inch
OUTLINE AND MECHANICAL DATA
0 (min.), 8 (max.) 0.10 0.004
Note: (1) Dimensions D does not include mold flash, protrusions or gate burrs. Mold flash, potrusions or gate burrs shall not exceed 0.15mm (.006inch) in total (both side).
SO-8
0016023 C
9/11
L6388
Table 7. Revision History
Date January 2005 May 2005 Revision 1 2 First Issue Changed from Preliminary Data to Final Description of Changes
10/11
L6388
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2005 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
11/11


▲Up To Search▲   

 
Price & Availability of L6388

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X