Part Number Hot Search : 
1N5988A HA3R150S BUV27 LCA05C10 SDU40N03 TS6121AX ECDT25H PLED6SW
Product Description
Full Text Search
 

To Download KDV239 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
VCO FOR UHF RADIO. FEATURES
Ultra Low Series Resistance : rS=0.44 (Typ.) Small Package.
KDV239
VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE
CATHODE MARK
B 1 K
G
A
H F
2 D
E
J C I
MAXIMUM RATING (Ta=25
CHARACTERISTIC Reverse Voltage Junction Temperature Storage Temperature Range
)
SYMBOL VR Tj Tstg RATING 15 150 -55 150
1. ANODE 2. CATHODE
UNIT V
M M
DIM A B C D E F G H I J K L M
MILLIMETERS _ 2.50 + 0.1 _ 1.25 + 0.05 _ 0.90 + 0.05 0.30+0.06/-0.04 _ 1.70 + 0.05 MIN 0.17 _ 0.126 + 0.03 0~0.1 1.0 MAX _ 0.15 + 0.05 _ 0.4 + 0.05 2 +4/-2 4~6
USC
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Reverse Voltage Reverse Current Capacitance Capacitance Ratio Series Resistance VR IR C2V C10V K rS
)
TEST CONDITION IR=1 A VR=15V VR=2V, f=1MHz VR=10V, f=1MHz C2V/C10V, f=1MHz VR=1V, f=470MHz MIN. 15 3.8 1.5 2.0 TYP. 4.25 1.75 2.4 0.44 MAX. 3 4.7 2.0 0.6 UNIT V nA pF
SYMBOL
Marking
Type Name
UJ
2001. 6. 11
Revision No : 1
L
1/2
KDV239
CV - VR
10 REVERSE CURRENT IR (A) CAPACITANCE C V (pF) 7 5 3
f=1MHz Ta=25 C
I R - VR
100p
10p
Ta=80 C
1p
Ta=60 C Ta=25 C
0.1p
1 0 4 8 12 16 REVERSE VOLTAGE VR (V)
0.01p 0 5 10 15 20 25
REVERSE VOLTAGE VR (V)
r s - VR
0.8 SERIES RESISTANCE r s () SERIES RESISTANCE rs ()
Ta=25 C f=100MHz
rs - f
1.0 0.8 0.6 0.4 0.2 0 20
VR=1V Ta=25 C
0.6
0.4
0.2
0 1 3 5 10 20
50
100
300
500
1K
REVERSE VOLTAGE VR (V)
FREQUENCY f (MHz)
C - Ta
3 CAPACITANCE CHANGE RATIO C (%)
f=1MHz
VR=1V VR=2V VR=6V VR=10V
2 1 0 -1 -2 -3 -50
NOTE :
C(%) =
C(Ta) - C(25) C(25)
100
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE Ta ( C)
2001. 6. 11
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of KDV239

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X