Part Number Hot Search : 
MTD214 RK73H2H SS315B IME1668 AMS4154S 74ACT257 GSA1601 S1ZA20
Product Description
Full Text Search
 

To Download KBU601G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W TE
PO WE R SEM IC O ND U C TO RS
KBU600G - KBU610G
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
Features
! ! ! ! ! ! Glass Passivated Die Construction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability Ideal for Printed Circuit Boards A B C D K L -~~+ E
KBU Dim Min Max A 22.70 23.70 B 3.80 4.10 C 4.20 4.70 D 1.70 2.20 E 10.30 11.30 G 4.50 6.80 H 4.60 5.60 J 25.40 -- K -- 19.30 L 16.80 17.80 M 6.60 7.10 N 4.70 5.20 P 1.20 1.30 All Dimensions in mm
J
G H M
Mechanical Data
! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 8.0 grams (approx.) Mounting Position: Any Marking: Type Number
N P
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. KBU 600G 50 35
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TA = 65C
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IR Tj, TSTG
KBU 601G 100 70
KBU 602G 200 140
KBU 604G 400 280 6.0 175 1.1 5.0 500 -55 to +150
KBU 606G 600 420
KBU 608G 800 560
KBU 610G 1000 700
Unit
V V A A V A C
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (per element) Peak Reverse Current At Rated DC Blocking Voltage @IF = 3.0A @TA = 25C @TA = 125C
Operating and Storage Temperature Range
KBU600G - KBU610G
1 of 3
(c) 2002 Won-Top Electronics
6 5
100 IF, INSTANTANEOUS FWD CURRENT (A)
I(AV), AVERAGE OUTPUT CURRENT (A)
4 3
10
2
1.0
1
Single Phase Half Wave 60 Hz Resistive or Inductive Load
Tj = 25C Pulse Width = 300 ms
0
20
40 60 80 100 120 140 TA , AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1 0.6
0.7 0.8 0.9 1.0 1.1 1.2 1.3 VF, INSTANTANEOUS FWD VOLTAGE (V) Fig. 2 Typical Forward Characteristics, per element
250 IFSM, PEAK FWD SURGE CURRENT (A)
400
200
Cj, CAPACITANCE (pF)
150
100
100
50
8.3ms Single Half Sine-Wave JEDEC Method
Tj = 25C f = 1MHz
0 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
IR, INSTANTANEOUS REVERSE CURRENT (mA) 10
10
1
10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance Per Element
1
Tj = 100C
1.0
0.1
Tj = 25C
0.01 0 20 40 60 80 100 120 140 RATED PERCENT OF PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
KBU600G - KBU610G
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
KBU600G KBU601G KBU602G KBU604G KBU606G KBU608G KBU610G
Package Type
SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge
Shipping Quantity
400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box 400 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
KBU600G - KBU610G
3 of 3


▲Up To Search▲   

 
Price & Availability of KBU601G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X