Part Number Hot Search : 
BU2505FV AK2360A LTC1154 MC100LV TA8429H LA7796T MAX3323E EPB5025
Product Description
Full Text Search
 

To Download KBJ4005G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBJ4005G - KBJ410G
4.0A GLASS PASSIVATED BRIDGE RECTIFIER Features
* * * * * * * Glass Passivated Die Construction High Case Dielectric Strength of 1500V RMS Low Reverse Leakage Current Surge Overload Rating to 120A Peak Ideal for Printed Circuit Board Applications Plastic Material - UL Flammability H Classification 94V-0 UL Listed Under Recognized Component Index, C File Number E94661
KBJ Dim Min 24.80 14.70 17.20 0.90 7.30 3.10 AE 3.30 1.50 9.30 2.50 3.40 4.40 0.60 Max 25.20 15.30 17.80 1.10 7.70 3.40 AE 3.70 1.90 9.70 2.90 3.80 4.80 0.80 A B C D E G H J K L M N
P A B N
4.00 Nominal
Mechanical Data
* * * * * * * Case: Molded Plastic Terminals: Plated Leads, Solderable per MIL-STD-202, Method 208 Polarity: Molded on Body Mounting: Through Hole for #6 Screw Mounting Torque: 5.0 in-lbs Maximum Approx. Weight: 4.6 grams Marking: Type Number
E
_
K J
L M
D
R
G
P R
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TC = 115C Non-Repetitive Peak Forward Surge Current, 8.3 ms single half-sine-wave superimposed on rated load (JEDEC method) Forward Voltage per element @ IF = 2.0A Peak Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range @TC = 25C @ TC = 125C KBJ Symbol 4005G VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RqJC Tj, TSTG 50 35
@ TA = 25C unless otherwise specified
KBJ 401G 100 70
KBJ 402G 200 140
KBJ 404G 400 280 4.0 120 1.0 5.0 500 40 5.5 -65 to +150
KBJ 406G 600 420
KBJ 408G 800 560
KBJ 410G 1000 700
Unit V V A A V A pF C/W C
Typical Junction Capacitance per Element (Note 1)
Notes:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 2. Thermal resistance from junction to case per element. Unit mounted on 300 x 300 x 1.6mm aluminum plate heat sink.
DS21206 Rev. F-2
1 of 2
KBJ4005G-KBJ410G
5 4
IF, INSTANTANEOUS FORWARD CURRENT (A)
6
10
TJ = 150C TJ = 25C
IO, AVERAGE RECTIFIED CURRENT (A)
1.0
3
2 1
Resistive or Inductive load
0.1
0 25 50 75 100 125 150
Pulse width = 300s
0.01 0 0.4 0.8 1.2 1.6 1.8 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
180
1000
IFSM, PEAK FWD SURGE CURRENT (A)
Tj = 150C
120
Cj, JUNCTION CAPACITANCE (pF)
160
Single half-sine-wave (JEDEC method)
f = 1MHz Tj = 25C
80
100
40
0
1
10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current
100
10 0.1 1.0 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
IR, INSTANTANEOUS REVERSE CURRENT (A)
1000
TJ = 150C
100
TJ = 125C
TJ = 100C
10
1.0
TJ = 25C
0.1
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS21206 Rev. F-2
2 of 2
KBJ4005G-KBJ410G


▲Up To Search▲   

 
Price & Availability of KBJ4005G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X