|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
* 1N4614-1THRU 1N4627-1 AVAILABLE IN JAN, PER MIL-PRF-19500/435 * LOW CURRENT OPERATION AT 250 A JANTX, JANTXV AND JANS 1N4614 thru 1N4627 and 1N4614-1 thru 1N4627-1 * LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS * DOUBLE PLUG CONSTRUCTION * METALLURGICALLY BONDED MAXIMUM RATINGS Operating Temperature: -65C to +175C DC Power Dissipation: 500mW @ +50C Power Derating: 4 mW / C above +50C Forward Voltage @ 200 mA: 1.1 Volts maximum * ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise speci1/2ed. JEDEC TYPE NUMBER NOMINAL ZENER VOLTAGE V @I Z ZT (Note 1) VOLTS ZENER TEST CURRENT I ZT MAXIMUM ZENER IMPEDANCE Z @I ZT ZT (Note 2) MAXIMUM REVERSE LEAKAGE CURRENT 1 R @V R MAXIMUM DC ZENER CURRENT lZM MAXIMUM NOISE DENSITY ND A 250 250 250 250 250 250 250 250 250 250 250 250 250 250 OHMS 1200 1250 1300 1400 1500 1600 1650 1700 1650 1600 1550 1500 1400 1200 A 7.5 5.0 4.0 2.0 1.0 0.8 7.5 7.5 5.0 4.0 10.0 10.0 10.0 10.0 VOLTS 1 1 1 1 1 1 1.5 2 2 2 3 3 4 5 mA 120 110 100 95 90 87 85 83 80 77 75 70 65 61 V/ 1 1 1 1 1 1 1 1 1 1 1 2 4 5 Hz 1N4614 1N4615 1N4616 1N4617 1N4618 1N4619 1N4620 1N4621 1N4622 1N4623 1N4624 1N4625 1N4626 1N4627 1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 FIGURE 1 DESIGN DATA CASE: Hermetically sealed glass case. DO - 35 outline. LEAD MATERIAL: Copper clad steel. LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 250 C/W maximum at L = .375 inch THERMAL IMPEDANCE: (ZOJX): 35 C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING POSITION: ANY. * JEDEC Registered Data. NOTE 1 The JEDEC type numbers shown above have a Zener voltage tolerance of + 5% of the nominal Zener voltage. Vz is measured with the device junction in thermal equilibrium at an ambient themperature of 25C + 3C. A "C" suffix denotes a + 2% tolerance and a "D" suffix denotes a + 1% tolerance. Zener impedance is derived by superimposing on l ZT A 60Hz rms a.c. current equal to 10% of l ZT (25 A a.c.) NOTE 2 6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com 45 thru 1N4627 INCLUDING -1 VERSIONS 400 0JL, Junction to Lead Thermal Resistance (C/W) 1N4614 300 200 100 0 0.2 0.4 0.6 0.8 1.0 L, lead Length to Heat Sink (iNCHES) FIGURE 2 TYPICAL THERMAL RESISTANCE 1000 500 400 300 200 ZENER IMPEDANCE ZZT (OHMS) 100 50 40 30 20 10 5 4 3 2 1 .1 .2 .5 1 2 5 10 20 50 100 OPERATING CURRENT IZT (mA) 3.3 VOLT 5.1 VOLT 6.2 VOLT FIGURE 3 ZENER IMPEDANCE VS. OPERATING CURRENT 46 This datasheet has been download from: www..com Datasheets for electronics components. |
Price & Availability of JANTXV1N4624-1 |