Part Number Hot Search : 
STV0672 Z840006 24AVR RUSBF160 TFMCJ16A 1N5244B ISO7840 B2567
Product Description
Full Text Search
 

To Download IRGBC30U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 9.682A
IRGBC30U
INSULATED GATE BIPOLAR TRANSISTOR
Features
* Switching-loss rating includes all "tail" losses * Optimized for high operating frequency (over 5kHz) See Fig. 1 for Current vs. Frequency curve
G E C
UltraFast IGBT
VCES = 600V VCE(sat) 3.0V
@VGE = 15V, I C = 12A
n-channel
Description
Insulated Gate Bipolar Transistors (IGBTs) from International Rectifier have higher usable current densities than comparable bipolar transistors, while at the same time having simpler gate-drive requirements of the familiar power MOSFET. They provide substantial benefits to a host of high-voltage, highcurrent applications.
TO-220AB
Absolute Maximum Ratings
Parameter
VCES IC @ T C = 25C IC @ T C = 100C ICM ILM VGE EARV PD @ T C = 25C PD @ T C = 100C TJ TSTG Collector-to-Emitter Voltage Continuous Collector Current Continuous Collector Current Pulsed Collector Current Clamped Inductive Load Current Gate-to-Emitter Voltage Reverse Voltage Avalanche Energy Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range Soldering Temperature, for 10 sec. Mounting torque, 6-32 or M3 screw.
Max.
600 23 12 92 92 20 10 100 42 -55 to +150 300 (0.063 in. (1.6mm) from case) 10 lbf*in (1.1N*m)
Units
V A
V mJ W
C
Thermal Resistance
Parameter
RJC RCS RJA Wt Junction-to-Case Case-to-Sink, flat, greased surface Junction-to-Ambient, typical socket mount Weight
Min.
-- -- -- --
Typ.
-- 0.50 -- 2.0 (0.07)
Max.
1.2 -- 80 --
Units
C/W g (oz)
Revision 0
C-657
IRGBC30U
Electrical Characteristics @ T = 25C (unless otherwise specified) J
V(BR)CES V(BR)ECS
V(BR)CES/TJ
VCE(on)
Parameter Collector-to-Emitter Breakdown Voltage Emitter-to-Collector Breakdown Voltage Temperature Coeff. of Breakdown Voltage Collector-to-Emitter Saturation Voltage
VGE(th) VGE(th)/TJ gfe ICES IGES
Gate Threshold Voltage Temperature Coeff. of Threshold Voltage Forward Transconductance Zero Gate Voltage Collector Current Gate-to-Emitter Leakage Current
Min. Typ. Max. Units Conditions 600 -- -- V VGE = 0V, I C = 250A 20 -- -- V VGE = 0V, IC = 1.0A -- 0.63 -- V/C VGE = 0V, I C = 1.0mA -- 2.2 3.0 IC = 12A V GE = 15V -- 2.7 -- V IC = 23A See Fig. 2, 5 -- 2.4 -- IC = 12A, T J = 150C 3.0 -- 5.5 VCE = VGE, IC = 250A -- -11 -- mV/C VCE = VGE, IC = 250A 3.1 8.6 -- S VCE = 100V, I C = 12A -- -- 250 A VGE = 0V, V CE = 600V -- -- 1000 VGE = 0V, V CE = 600V, T J = 150C -- -- 100 nA VGE = 20V
Switching Characteristics @ T = 25C (unless otherwise specified) J
Qg Qge Qgc td(on) tr td(off) tf Eon Eoff Ets td(on) tr td(off) tf Ets LE Cies Coes Cres Parameter Total Gate Charge (turn-on) Gate - Emitter Charge (turn-on) Gate - Collector Charge (turn-on) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Switching Loss Turn-Off Switching Loss Total Switching Loss Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Switching Loss Internal Emitter Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Typ. Max. Units Conditions 29 36 IC = 12A 4.8 6.8 nC VCC = 400V See Fig. 8 12 17 VGE = 15V 24 -- TJ = 25C 15 -- ns IC = 12A, V CC = 480V 92 200 VGE = 15V, R G = 23 93 190 Energy losses include "tail" 0.18 -- 0.35 -- mJ See Fig. 9, 10, 11, 14 0.53 1.0 24 -- TJ = 150C, 15 -- ns IC = 12A, V CC = 480V 160 -- VGE = 15V, R G = 23 200 -- Energy losses include "tail" 0.9 -- mJ See Fig. 10, 14 7.5 -- nH Measured 5mm from package 660 -- VGE = 0V 100 -- pF VCC = 30V See Fig. 7 11 -- = 1.0MHz
Notes: Repetitive rating; V GE=20V, pulse width limited by max. junction temperature. ( See fig. 13b ) VCC=80%(V CES), VGE=20V, L=10H, R G= 23, ( See fig. 13a ) Repetitive rating; pulse width limited by maximum junction temperature. Pulse width 80s; duty factor 0.1%. Pulse width 5.0s, single shot.
C-658
IRGBC30U
30
For b oth :
Triangula r w ave:
LO A D C U R R E N T (A )
20
S quare w ave: 60% of rated voltage
D uty c y cle: 50% TJ = 125C T sink = 90 C G ate driv e as spe c ified P ow e r Diss ipa tion = 2 1W
C lamp voltage: 80% of rated
10
Ideal diodes
0 0.1 1 10 100
f, F re quency (kH z)
Fig. 1 - Typical Load Current vs. Frequency
(For square wave, I=I RMS of fundamental; for triangular wave, I=I PK)
1000
1000
I C , Collector-to-E m itter C urrent (A)
IC , C ollector-to-E mitter C urrent (A )
100
100
TJ = 2 5C TJ = 15 0 C
10
TJ = 1 50 C
10
TJ = 2 5C
1
1 1
V G E = 15 V 20 s P UL S E W ID TH
10
0.1 5 10
V C C = 1 00 V 5 s P UL S E W IDTH
15 20
V C E , C o llector-to-Em itter V oltage (V)
V G E , G ate -to-E m itter V olta ge (V )
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
C-659
IRGBC30U
25
V G E = 1 5V
4.0
V G E = 15 V 8 0 s P U LS E W IDTH
V C E , C o llec to r-to-E m itter V oltage (V )
M aximum D C Collector Current (A )
3.5
20
I C = 2 4A
3.0
15
2.5
10
I C = 1 2A
2.0
5
I C = 6.0 A
1.5
0 25 50 75 100 125 150
1.0 -60 -40 -20 0 20 40 60 80 100 120 140 160
T C , C ase Tem perature (C )
T C , C a s e Te m p e ra ture (C )
Fig. 4 - Maximum Collector Current vs. Case Temperature
Fig. 5 - Collector-to-Emitter Voltage vs. Case Temperature
10
T he rm al R e sp ons e (Z thJ C )
1
D = 0 .5 0
0 .2 0 0 .1 0
PD M
0.1
0 .0 5 0 .0 2 0 .0 1 S IN G L E P U L S E (T H E R M A L R E S P O N S E )
t
1
t
2
N o te s : 1 . D u ty fa c to r D = t
1
/t
2
0.01 0.00001
2 . P e a k T J = P D M x Z thJ C + T C
0.0001
0.00 1
0.01
0.1
1
10
t 1 , R e c ta n gu la r P u ls e D ura tio n (s e c )
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
C-660
IRGBC30U
14 0 0
C, C apacitance (pF)
10 0 0
Cies
800
Coes
600
V G E , G ate-to-E m itter V oltag e (V )
100
12 0 0
V GE = 0V, f = 1MHz C ies = C ge + C gc , Cce SHORTED C res = C gc C oes = C ce + C gc
20
V C E = 40 0V I C = 12 A
16
12
8
400
Cres
200
4
0 1 10
0 0 5 10 15 20 25 30
V C E , C o llector-to-Em itter V oltage (V)
Q g , T o tal G a te C h a rg e (n C )
Fig. 7 - Typical Capacitance vs. Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs. Gate-to-Emitter Voltage
0 .6 6
To ta l S w itching L osses (m J)
0 .6 4
To ta l S w itc hing Lo sse s (m J)
VC C VG E TC IC
= 4 80 V = 15 V = 25 C = 1 2A
10
R G = 23 V GE = 1 5V V CC = 48 0V I C = 2 4A
0 .6 2
0 .6 0
I C = 12A
1
I C = 6.0A
0 .5 8
0 .5 6
0 .5 4 0 10 20 30 40 50 60
0.1 -60 -40 -20 0 20 40 60 80 1 00 120 140 160
R G , G ate R es istance ( )
W
TC , C a se T e m p e ra tu re (C )
Fig. 9 - Typical Switching Losses vs. Gate Resistance
Fig. 10 - Typical Switching Losses vs. Case Temperature
C-661
IRGBC30U
3.0
T o ta l S w itc hin g L o s s e s (m J )
2.5
I C , C o llec to r-to-E m itter C urre nt (A )
RG TC VCC VGE
= 23 = 1 50C = 48 0V = 1 5V
1000
VG E E 20 V G= T J = 125 C
100
2.0
S A FE O P E RA TIN G A RE A
10
1.5
1.0
1
0.5
0.0 5 10 15 20 25
0.1 1 10 100 1000
I C , C o lle c to r-to -E m itte r C u rre n t (A )
V C E , C o lle cto r-to-E m itte r V olta g e (V )
Fig. 11 - Typical Switching Losses vs. Collector-to-Emitter Current
Fig. 12 - Turn-Off SOA
Refer to Section D for the following: Appendix C: Section D - page D-5 Fig. 13a - Clamped Inductive Load Test Circuit Fig. 13b - Pulsed Collector Current Test Circuit Fig. 14a - Switching Loss Test Circuit Fig. 14b - Switching Loss Waveform Package Outline 1 - JEDEC Outline TO-220AB Section D - page D-12
C-662


▲Up To Search▲   

 
Price & Availability of IRGBC30U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X