Part Number Hot Search : 
PST7042M 2DSBA 651BMLF 330M2 AST163 N5333 FR151 TXC101
Product Description
Full Text Search
 

To Download HMPS8599 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6319-B Issued Date : 1996.07.18 Revised Date : 2000.10.01 Page No. : 1/4
HMPS8599
PNP SILICON TRANSISTOR
Description
HMPS8599 is designed for general purpose amplifier applications.
Features
* Low Collector-Emitter Saturation Voltage * HMPS8599 is complementary to HMPS8099
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +125 C Junction Temperature ................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ............................................................................... 625 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ....................................................................................... -80 V VCES Collector to Emitter Voltage..................................................................................... -80 V VEBO Emitter to Base Voltage ............................................................................................ -5 V IC Collector Current ...................................................................................................... -500 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO ICEO *hFE1 *hFE2 *hFE3 *VCE(sat)1 *VCE(sat)2 VBE(on) fT Cob Min. -80 -80 -5 100 100 75 -0.6 150 Typ. Max. -100 -100 -100 300 -0.4 -0.3 -0.8 8 Unit V V V nA nA nA Test Conditions IC=-100uA, IE=0 IC=-10mA, IB=0 IE=-10uA, IC=0 VCB=-80V, IE=0 VEB=-4V, IC=0 VCE=-60V, IB=0 IC=-1mA, VCE=-5V IC=-10mA, VCE=-5V IC=-100mA, VCE=-5V IC=-100mA, IB=-5mA IC=-100mA, IB=-10mA IC=-10mA, VCE=-5V VCE=-5V, IC=-10mA, f=100MHz VCB=-5V, IE=0, f=1MHz
*Pulse Test : Pulse Width 380us, Duty Cycle2%
V V V MHz PF
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 10000
Spec. No. : HE6319-B Issued Date : 1996.07.18 Revised Date : 2000.10.01 Page No. : 2/4
Saturation Voltage & Collector Current
Saturation Voltage (mV)
1000 VBE(sat) @ IC=10IB
VCE=5V
hFE
100
100
VCE(sat) @ IC=10IB 10 0.1 1 10 100 1000 10 0.1 1 10 100 1000
Collector Current (mA)
Collector Current (mA)
Capacitance & Reverse-Biased Voltage
100 1000
Cutoff Frequency & Collector Current
Cutoff Frequency (MHz)
Capacitance (pF)
VCE=20V 100
10 Cob
1 0.1 1 10 100
10 1 10 100
Reverse Biased Voltage (V)
Collector Current (mA)
On Voltage Collector Current
10 10000
Safe Operating Area
PT=1ms PT=100ms
Collector Current-IC (mA)
1000 PT=1s
On Voltage (V)
1
100
VBE(ON) @ VCE=5V
10
0.1 1 10 100 1000
1 1 10 100
Collector Current (mA)
Forward Biased Voltage-VCE (V)
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6319-B Issued Date : 1996.07.18 Revised Date : 2000.10.01 Page No. : 3/4
PD-Ta
700 600
Power Dissipation-PD(mW)
500 400 300 200 100 0 0 20 40 60 80 100
o
120
140
160
Ambient Temperature-Ta( C)
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
12 3
Spec. No. : HE6319-B Issued Date : 1996.07.18 Revised Date : 2000.10.01 Page No. : 4/4
2
Marking :
HSMC Logo Part Number Date Code Rank Product Series
3
Laser Mark
HSMC Logo Product Series
C
D
Part Number
H I E F
G
Ink Mark Style : Pin 1.Emitter 2.Base 3.Collector
1
3-Lead TO-92 Plastic Package HSMC Package Code : A
*:Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes : 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HMPS8599

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X