Part Number Hot Search : 
BA6822S 0C102 VE225LT1 C4006 MC33151 CP782X R5F21 74LVCH
Product Description
Full Text Search
 

To Download HDC10CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDC5.0CA - HDC30CA
375W LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR Features
* * * * * * * * 375W Peak Pulse Power Dissipation 5.0V - 30V Standoff Voltages Glass Passivated Die Construction Bi-Directional Device Excellent Clamping Capability Fast Response Time Plastic Material: UL Flammability Classification Rating 94V-0 Very Low Capacitance
ADVANCE INFORMATION
(See Note)
MiniDIP
L AB
G
Dim A B
Min 5.75 3.6 0.15 0.05 3/4 0.70 4.5 2.8 2.5 0.50
Max 5.43 4.0 0.35 0.20 7.0 1.10 4.9 2.9 2.7 0.80
DE
C D E
~
H J K
~
C
Note: Do not make electrical connection to these terminals.
Mechanical Data
* * * * * Case: MiniDIP, Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Polarity Indicator: TBD Marking: Date Code and Marking Code Weight: 0.125 grams (approx.)
G H J K L
~
EQUIVALENT CIRCUIT
~
All Dimensions in mm
Maximum Ratings
@ TA = 25C unless otherwise specified Symbol PPK Cj Tj, TSTG Value 375 30 -55 to +150 Unit W pF C
Characteristic Peak Pulse Power Dissipation (Non repetitive current pulse derated above TA = 25C) (Note 1) Capacitance (Note 2) Operating and Storage Temperature Range
Electrical Characteristics
Type Number (Note 4) HDC5.0CA HDC6.0CA HDC7.0CA HDC8.0CA HDC10CA HDC12CA HDC15CA HDC18CA HDC22CA HDC26CA HDC30CA
Notes: 1. 2. 3. 4.
@ TA = 25C unless otherwise specified Test Current IT(mA) 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max. Reverse Leakage @ VRWM IR (mA) 50 50 13 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Max. Clamping Voltage @ Ipp VC (V) 11.2 12.2 13.9 15.4 18.7 21.5 26.0 30.7 37.0 43.6 49.8 Max. Peak Pulse Current Ipp (A) 40.2 35.9 30.8 27.2 21.8 18.6 15.2 12.7 10.4 8.8 7.6 HC5 HC6 HC7 HC8 HC10 HC12 HC15 HC18 HC22 HC26 HC30
Reverse Standoff Voltage VRWM (V) 5.0 6.0 7.0 8.0 10 12 15 18 22 26 30
Breakdown Voltage VBR @ IT (Note 3) Min (V) 7.0 7.3 8.4 9.5 11.7 13.9 17.3 20.6 25.0 29.5 33.9 Max (V) 7.6 8.0 9.2 10.4 12.9 15.3 19.1 22.7 27.5 33.8 37.4
Marking Code
Valid provided that the terminals are maintained at a distance of 10mm from case at 25C. VR = 0V, f = 1.0MHz VBR measured with IT current pulse = 300ms Tolerance; Reverse Standoff Voltage, 5%.
DS30087 Rev. 1P-0
1 of 2
HDC5.0CA - HDC30CA
100
ADVANCE INFORMATION
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
75
50
25
10 X 1000 Waveform as defined by REA
0 0
25
50
75
100 125 150 175 200
TA, AMBIENT TEMPERATURE (C) Fig. 1 Pulse Derating Curve
100
PPK, PEAK PULSE POWER (kW)
Tj = 25C
10
Non Repetitive Pulse Waveform
1.0
0.1 0.1 1.0 10 100 1000 10000
tp PULSE WIDTH (s) Fig. 2 Pulse Rating Curve
IP, PEAK PULSE CURRENT (%Ipp)
100
tr = 10s Peak Value Ipp
Half Value Ipp/2
50
tp
0
10 X 1000 Waveform as defined by R.E.A.
0
1
2
3
t, TIME (ms) Fig. 3 Pulse Waveform
DS30087 Rev. 1P-0
2 of 2
HDC5.0CA - HDC30CA


▲Up To Search▲   

 
Price & Availability of HDC10CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X