Part Number Hot Search : 
6EAH1 HPLW110 2N5754 0125M3 S60D45PT 2SD1209K 224AL AT93C4
Product Description
Full Text Search
 

To Download GBU401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBU401 THRU GBU407
Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 4.0 Amperes
Features
UL Recognized File # E-96005 Ideal for printed circuit board Reliable low cost construction Plastic material has Underwriters Laboratory Flammability Classification 94V-0 Surge overload rating to 150 amperes peak High temperature soldering guaranteed: 260oC / 10 seconds / .375", (9.5mm) lead lengths at 5 lbs., (2.3kg) tension
.880(22.3) .860(21.8)
.160(4.1) .140(3.5)
GBU
.140(3.56) .130(3.30) 0.125(3.2)x45 CHAMFER .740(18.8) .720(18.3) 9 TYP.
.020R(TYP.) .310(7.90) .290(7.40)
.085(2.16) .065(1.65)
.075 (1.9)R
.080(2.03) .060(1.52)
Mechanical Data
Case: Molded plastic body Terminals: Leads solderable per MIL-STD-750, Method 2026 Weight: 0. 3 ounce, 8.0 grams Mounting torque: 5 in. lbs. Max.
.100(2.54) .085(2.16)
.050(1.27) .040(1.02) .190(4.83) .210(5.33)
.710(18.0) .690(17.5)
.085(2.16) .075(1.90)
.080(2.03) .065(1.65)
.022(0.56) .018(0.46)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol GBU GBU GBU GBU GBU GBU GBU Units Type Number
401
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TC = 100 Peak Forward Surge Current, 8.3 ms Single Half Sne-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 4.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Typical Thermal Resistance (Note 1) (Note 2) Typical Junction Capacitance (Note 3) Operating Temperature Range Storage Temperature Range
402
403
404
405
406
407
VRRM VRMS VDC I(AV) IFSM VF IR RJA RJC Cj TJ
50 35 50
100 70 100
200 140 200
400 280 400 4.0 150 1.0 5.0 500 20 4.0
600 420 600
800 1000 560 700 800 1000
V V V A A V uA uA /W
100 -55 to +150 -55 to + 150
45
TSTG Notes: 1. Mounted on P.C.B. with 0.5 x 0.5" (12 x 12mm) Copper Pads and 0.375" 9.5mm) Lead Length. 2. Mounted on Al. Plate of 2" x 3" x 0.25" 3. Measured at 1.0MHZ and Applied Reverse Voltage of 4.0 Volts.
pF
- 648 -
RATINGS AND CHARACTERISTIC CURVES (GBU401 THRU GBU407)
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
PEAK FORWARD SURGE CURRENT. (A)
175 150 125 100 75 50 25 1 2 5 10 20 50 100 Tj=150 C 8.3ms Single Half Sine Wave
FIG.2-MAXIMUM FORWARD CURRENT DERATING CURVE
5
AVERAGE FORWARD CURRENT. (A)
4
3
2
1
HEAT-SINK MOUNTG 2" x 3" x 0.25" AI-PLATE
0 0 50 100
o
150
NUMBER OF CYCLES AT 60Hz
CASE TEMPERATURE. ( C)
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
100
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
500
INSTANTANEOUS FORWARD CURRENT. (A)
40
100
INSTANTANEOUS REVERSE CURRENT. (mA)
Tj=125 0C
20 10
10
4.0 2.0
1
1.0
0.4
Tj=25 0C Pulse Width=300ms 1% Duty Cycle
0.1 Tj=25 0C
0.2 0.01 0.7 0.8 0.9 1.0 1.1 1.2 1.3 0 20 40 60
50-400V 600-1000V
80 100
0 0.6
INSTANTANEOUSFORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
- 649 -


▲Up To Search▲   

 
Price & Availability of GBU401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X