Part Number Hot Search : 
D221MF UR4KB40 HER30 AP4426GM CR201 0E0002 SMBJ40 PS8551L4
Product Description
Full Text Search
 

To Download GBL01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBL005 THRU GBL10
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Case Type GBL
0.125 (3.17) x 45 degrees Chamfer 0.825 (20.9) 0.815 (20.7)
Forward Current - 4.0 Amperes
FEATURES
0.421 (10.7) 0.411 (10.4) 0.080 (2.03) 0.060 (1.50)
0.095 (2.41) 0.080 (2.03) 0.098 (2.5) 0.075 (1.9) 0.050 (1.27) 0.040 (1.02) 0.210 (5.3) 0.190 (4.8) 0.040 (1.02) 0.030 (0.76) 0.022 (0.56) 0.018 (0.46)
0.098 (2.5) 0.075 (1.9) 0.718 (18.2) 0.682 (17.3)
Lead Depth
0.022 (0.56) 0.018 (0.46)
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 This series is UL listed under the Recognized Component Index, file number E54214 Glass passivated chip junctions High case dielectric strength Typical IR less than 0.1A High surge current capability Ideal for printed circuit boards High temperature soldering guaranteed: 260C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
0.140 (3.56) 0.128 (3.25)
MECHANICAL DATA
Case: Molded plastic body over passivated junctions Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Mounting Position: Any Weight: 0.071 ounce, 2.0 grams
Polarity shown on front side of case: positive lead by beveled corner
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
GBL 005
GBL 01
GBL 02
GBL 04
GBL 06
GBL 08
GBL 10
UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified output current at TC=50C (NOTE 1) TA=40C (NOTE 2)
VRRM VRMS VDC I(AV) IFSM I2t VF TA=25C TA=125C
(NOTE 3) (NOTE 1) (NOTE 2)
50 35 50
100 70 100
200 140 200
400 280 400 4.0 3.0 150.0 93.0 1.1 5.0 500.0
600 420 600
800 560 800
1000 Volts 700 Volts 1000 Volts Amps Amps A2sec Volts A
Peak forward surge current, single half sine-wave superimposed on rated load (JEDEC Method) TJ=150C Rating for fusing (t<8.3ms) Maximum instantaneous forward drop per leg at 4.0 Amperes Maximum DC reverse current at rated DC blocking voltage per leg Typical junction capacitance per leg Typical thermal resistance per leg
IR CJ RJA RJL TJ, TSTG 95.0
40.0 22.0 3.5 -55 to +150
pF C/W C
Operating junction storage and temperature range
NOTES: (1) Unit mounted on 3.0 x 3.0 x 0.11" thick (7.5 x 7.5 x 0.3cm) Al. plate (2) Unit mounted on P.C.B. at 0.375" (9.5mm) lead length and 0.5 x 0.5" (12 x12mm) copper pads (3) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
4/98
RATINGS AND CHARACTERISTICS CURVES GBL005 THRU GBL10
FIG. 1 - DERATING CURVES OUTPUT RECTIFIED CURRENT
60 Hz RESISTIVE OR INDUCTIVE LOAD
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG PEAK FORWARD SURGE CURRENT, AMPERES
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
5.0 4.0 3.0 2.0
150
TJ = TJ max. SINGLE SINE-WAVE (JEDEC Method)
HEAT-SINK MOUNTING, 3.0 x 3.0 x 0.11" THK (7.5 x 7.5 x 0.3cm) AL. PLATE
100
50
1.0 0
P.C.B. MOUNTING 0.47 x 0.47" (12 x 12mm) COPPER PADS 0.375" (9.5mm) LEAD LENGTH 60Hz RESISTIVE OR INDUCTIVE LOAD
1.0 CYCLE
0
0
50
100
150
1
10
NUMBER OF CYCLES AT 60 Hz
100
AMBIENT TEMPERATURE, C
FIG. 3 - TYPICAL FORWARD VOLTAGE CHARACTERISTICS PER LEG
FIG. 4 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS PER LEG
100
INSTANTANEOUS FORWARD CURRENT, AMPERES
500
50 - 400V 600 - 1000V
10
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
100
10
TA=125C
1
1
0.1
0.1
TA=25C
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01 0
20
40
60
80
100
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
1,000
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHz Vsig=50mVp-p
TRANSIENT THERMAL IMPEDANCE, C/W
FIG. 5 - TYPICAL JUNCTION CAPACITANCE PER LEG
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
100
10
100
1
50 - 400V 600 - 1000V
10 0.1
1
10
100
0.1 0.01
0.1
REVERSE VOLTAGE, VOLTS
10 1 t, HEATING TIME, sec.
100


▲Up To Search▲   

 
Price & Availability of GBL01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X