Part Number Hot Search : 
C152H STA335A BDT61A ATTINY85 C1648X NCP1205P UC3843 IN4731
Product Description
Full Text Search
 

To Download ER802D-T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
ER800D - ER804D
8.0A D2PAK SURFACE MOUNT SUPER FAST RECTIFIER
Features
! ! ! ! ! ! ! Glass Passivated Die Construction Ideally Suited for Automatic Assembly Low Profile Package High Surge Current Capability Low Power Loss, High Efficiency Super-Fast Recovery Time Plastic Case Material has UL Flammability Classification Rating 94V-O A C J
B D
PIN 1 2 3
E
G
H K P P
D2 PAK/TO-263 Dim Min Max A 9.8 10.4 B 9.6 10.6 C 4.4 4.8 D 8.5 9.1 E -- 0.7 G 1.0 1.4 H -- 0.9 J 1.2 1.4 K 0.3 0.7 P 2.35 2.75 All Dimensions in mm
Mechanical Data
! ! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 1.7 grams (approx.) Mounting Position: Any Marking: Type Number Standard Packaging: 24mm Tape (EIA-481)
PIN 1 PIN 3 -
+ Case PIN 2
Potive CT
PIN 1 + PIN 3 + Case PIN 2
Negative CT Suffix with "N"
Maximum Ratings and Electrical Characteristics
@TA=25C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. ER 800D ER 801D ER 801AD ER 802D ER 803D ER 804D
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 100C
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr Cj Tj, TSTG
Unit
50 35
100 70
150 105 8.0 125 0.95 10 300 35 70
200 140
300 210
400 280
V V A A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range @IF = 8.0A @TA = 25C @TA = 100C
1.3
V A
50 50 -50 to +150
nS pF C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
ER800D - ER804D
1 of 3
(c) 2002 Won-Top Electronics
8
IF, INSTANTANEOUS FORWARD CURRENT (A)
10 I(AV), AVERAGE FORWARD CURRENT (A)
100
800D - 802D
10
6
4
803D - 804D
1.0
2
Pulse width = 300s 2% duty cycle
0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.1 0.2 0.6 1.0 1.4 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
400
150 IFSM, PEAK FORWARD SURGE CURRENT (A)
8.3 ms single half-sine-wave JEDEC method
125
800D - 802D
100
Cj, CAPACITANCE (pF)
100
75
50
803D - 804D
25
10
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current
IR, INSTANTANEOUS REVERSE CURRENT (mA) 100
100
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
TC = 100C
10
TC = 75C
1.0
0.1
TC = 25C
0.01 0 40 80 120 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
ER800D - ER804D
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
ER800D-T3 ER801D-T3 ER801AD-T3 ER802D-T3 ER803D-T3 ER804D-T3
!
Package Type
D PAK D PAK D PAK D PAK D PAK D PAK
2 2 2 2 2 2
Shipping Quantity
800/Tape & Reel 800/Tape & Reel 800/Tape & Reel 800/Tape & Reel 800/Tape & Reel 800/Tape & Reel
T3 suffix refers to a 13" reel. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.33 (8.38)
0.12 (3.05) 0.08 (2.032)
0.42 (10.66) 0.04 (1.016)
0.24 (6.096)
0.63 (17.02)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
ER800D - ER804D
3 of 3
(c) 2002 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of ER802D-T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X