Part Number Hot Search : 
F0805 MHW5182A S1146M GBP301 XXHR3 XXHR3 V0DS00 SMCJ58
Product Description
Full Text Search
 

To Download CNX35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hutton Close, Crowther Ind Est, Washington, Tyne & Wear NE38 0AH, England Email: enquiry@isocomoptocouplers.com - Tel: +44 (0)191 4166546 - Fax: +44 (0)191 4155055
CNG35, CNG36, CNG39 CNX35, CNX36, CNX39 OPTICALLY COUPLED ISOLATORS
Circuit Features Description Absolute Maximum Ratings Electro-optical Characteristics Similar Optocouplers Home Page
Circuit
Features
3120-4400 Volt Isolation. High DC Current Transfer Ratio. Low Cost Dual-In-Line Package. Working Voltage 2500 VDC
Description
The CNG/CNX Series are optically coupled isolators consisting of a Gallium Arsenide infrared emitting diode and an NPN silicon phototransistor mounted in a standard 6-pin dualin-line package. Surface Mount Option Available.
All electrical parameters are 100% tested by manufacturing. Specifications are guaranteed to a cumulative 0.65% AQL
Absolute Maximum Ratings (Ta=25C)
Storage Temperature: Operating Temperature: Lead Soldering: Input-To-Output Isolation Voltage: -55C to +150C -55C to +100C 260C for 10s, 1.6mm from case 3120-4400Vdc
Input Diode
Forward DC Current: Reverse DC Voltage: Peak Forward Current (1s p.w. 300pps): Power Dissipation: Derate Linearly: 100mA 5V 3A 200mW 1.33mW/C above 25C
Output Transistor
Collector-Emitter Voltage: Power Dissipation: 30V 200mW
Optocoupler
Collector Cut-off Current (Dark) ICEW: 200nA Max (Vcc=10V; work. volt.=2.5kV Diode; Isolation Voltage DC VIO: If=0) Isolation Voltage AC (RMS) VIO: 4.4kVMin 3.12kVMin
Package
Total Power Dissipation: Derate Linearly: 250mW 3.3mW/C above 25C
Electro-optical Characteristics (Ta=25C)
INPUT VF IR OUTPUT PARAMETER Forward Voltage Reverse Current PARAMETER Collector cut-off current (dark) ICEO Collector-Emitter Breakdown CONDITIONS IF=10mA VR=5V CONDITIONS VCE=10V VCE=10V, TA=70C VCB=10V V(BR) CEO 30 MIN TYP MAX UNIT 1.5 10 50 10 20 V A nA A nA V
MIN TYP MAX UNIT
Voltage COUPLED PARAMETER DC Current Transfer Ratio IC/IF CNG/CNX35 IF=10mA, VCE=5V 40 CNG/CNX36 CNG/CNX39 RIO VCE(SAT) CIO TR TON TF TOFF Input-to-Output Isolation Resistance Collector-Emitter Saturation Voltage Capacitance Input to Output Output Rise Time Output Turn-on Time Output Fall Time Output Turn-off Time 63 100 VIO=500V, (note 1) 100 IF=10mA, IC=2.5mA f=1MHz (note 1) IF=10mA, VCC=5.0V RL=75ohm, TA=25C 0.2 0.6 2 3 2 2.5 4 5.6 3.5 4.1 0.4 80 125 200 % % % Gohm V pf s s s s CONDITIONS MIN TYP MAX UNIT
Isocom takes great effort to ensure accurate data, but regrettably cannot be held liable for any error on its website. Visit File Lists to confirm old printouts are up-to-date.


▲Up To Search▲   

 
Price & Availability of CNX35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X