Part Number Hot Search : 
G1H10 TLE4905G TW0232A MK107 NTE1790 DT54FCT TM7222 TDA920
Product Description
Full Text Search
 

To Download CD9012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company
PNP SILICON PLANAR TRANSISTOR
CD9012 TO-92 CBE
General Purpose Audio Amplifier Applications.
ABSOLUTE MAXIMUM RATINGS DESCRIPTION Collector -Emitter Voltage Collector -Base Voltage Emitter Base Voltage Collector Current Collector Power Dissipation Operating And Storage Junction Temperature Range SYMBOL VCEO VCBO VEBO IC PC Tj, Tstg VALUE 30 40 5.0 500 625 -55 to +150 UNIT V V V mA mW deg C
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified) DESCRIPTION SYMBOL TEST CONDITION MIN TYP VCEO IC=1mA, IB=0 30 Collector -Emitter Voltage VCBO IC=100uA, IE=0 40 Collector -Base Voltage VEBO IE=100uA, IC=0 5.0 Emitter Base Voltage ICBO VCB=25V, IE=0 Collector Cut off Current IEBO VEB=3V, IC=0 Emitter Cut off Current hFE IC=50mA,VCE=1V * 64 DC Current Gain IC=500mA,VCE=1V 40 Collector Emitter Saturation Voltage VCE(Sat) IC=150mA,IB=15mA IC=500mA,IB=50mA VBE(Sat) IC=150mA,IB=15mA Base Emitter Saturation Voltage IC=500mA,IB=50mA Dynamic Characteristics Cob VCB=10V,f=1MHz Output Capacitance ft VCE=10V, IC=50mA, 200 Transition Frequency f=100MHz NF VCE=10V, IC=1mA Noise Figure f=1KHz hFE CLASSIFICATION * D/E/F= 64 t G/H/I= 118 to 305: J 278 to 465
MAX 100 100 465 0.20 0.60 1.0 1.2 10 6.0
UNIT V V V nA nA
V V V V pF MHz dB
Continental Device India Limited
Data Sheet
Page 1 of 3
TO-92 Plastic Package
B
TO-92 Transistors on Tape and Ammo Pack
Amm o Pack Style
M EC H AN IC AL D ATA Ad hesive Tape on To p Sid e
P h A A1 (p)
FE E
D
C arrier Strip
A
h
T
321
H1 H0 L
LA BE L
FL AT SIDE 8.2"
W2
Wo W1 W
K
t1 t F1 F P2 Po F2 Do
1 3"
1.7 7"
D 3 E 2 1
ITEM
Flat S id e o f Tran sistor and Ad hesive Tape Visib le 20 00 pcs./A m mo P ack
All dim ensions in m m unless specified otherw ise
SYM BO L A1 A T P Po SPEC IFICATIO N REM ARKS M IN. NO M . M AX. TO L . 4.8 4.0 5.2 4.8 4.2 3.9 12.7 1 12.7 0.3 CUM U LAT IVE PIT CH ERRO R 1.0 m m /20 PITCH 6.35 0.4 TO BE M EASU RED AT BOT TOM O F CLIN CH +0.6 5.08 -0.2 0 1 AT TO P OF BO DY 18 0.5 6 0.2 9 +0.7 -0.5 0.5 0.2 16 0.5 23.25 11.0 4 0.2 1.2 t1 0.3 - 0.6 2.54 +0.4 -0.1 3 6N
D G
AA SEC AA
BOD Y W IDT H BOD Y H EIG HT BOD Y T HICKNESS PITCH OF C OM PO NENT FEED HO LE PIT CH
F
F
DIM A
MIN. 4.32 4.45 3.18 0.41 0.35
MAX. 5.33 5.20 4.19 0.55 0.50
FEED HO LE CENTRE TO CO M PONENT CENTRE DISTAN CE BETW EEN O UTER LEADS CO M PONENT ALIGN M EN T TAPE W IDTH HO LD-DO W N TAPE W IDTH HO LE PO SITIO N HO LD-DO W N TAPE POSIT IO N LEAD W IRE C LINCH HEIG HT CO M PONENT HEIGHT LENG TH O F SNIPPED LEADS FEED HO LE DIAM ET ER TO TAL TAPE THIC KNESS LEAD - TO - LEAD DISTANCEF 1, CLINC H HEIGHT PULL - O UT F OR CE
P2 F h W Wo W1 W2 Ho H1 L Do t F2 H2 (P)
321
All diminsions in mm.
B C D E F G H K
H
C
PIN CONFIGURATION 1. COLLECTOR 2. BASE 3. EMITTER
5 DEG 1.14 1.40 1.14 1.53 12.70 --
N OT ES 1 . M A X IM U M A L IG N M E N T D E V IAT IO N B E T W E E N L E A D S N O T T O B E G R E AT E R T H A N 0 .2 m m . 2 . M A X IM U M N O N -C U M U L AT IV E VA R IAT IO N B E T W E E N TA P E F E E D H O L E S S H A L L N O T E X C E E D 1 m m IN 2 0 P IT C H E S . 3 . H O L D D O W N TA P E N O T TO E X C E E D B E Y O N D T H E E D G E (S ) O F C A R R IE R TA P E A N D T H E R E S H A L L B E N O E X P O S U R E O F A D H E S IV E . 4 . N O M O R E T H A N 3 C O N S E C U T IV E M IS S IN G C O M P O N E N T S A R E P E R M IT T E D . 5 . A TA P E T R A IL E R , H AV IN G AT L E A S T T H R E E F E E D H O L E S A R E R E Q U IR E D A F T E R T H E L A S T C O M P O N E N T. 6 . S P L IC E S S H A L L N O T IN T E R F E R E W IT H T H E S P R O C K E T F E E D H O L E S .
Packing Detail
PACKAGE Details TO-92 Bulk TO-92 T&A 1K/polybag 2K/ammo box STANDARD PACK Net Weight/Qty 200 gm/1K pcs 645 gm/2K pcs Size 3" x 7.5" x 7.5" 12.5" x 8" x 1.8" INNER CARTON BOX Qty 5.0K 2.0K Size 17" x 15" x 13.5" 17" x 15" x 13.5" OUTER CARTON BOX Qty 80.0K 32.0K Gr Wt 23 kgs 12.5 kgs
Continental Device India Limited
Data Sheet
Page 2 of 3
Customer Notes
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/CD is believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
Continental Device India Limited
Data Sheet Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CD9012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X