Part Number Hot Search : 
74HCT3 CE13C C7D0123S SC3150 MAZW062H T711002 25616 PBSS303
Product Description
Full Text Search
 

To Download BY359DX-1500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Objective specification
Rectifier diode fast, high-voltage
FEATURES
* Low forward volt drop * Fast switching * Soft recovery characteristic * High thermal cycling performance * Isolated mounting tab
BY359DX-1500
SYMBOL
QUICK REFERENCE DATA
VR = 1500 V VF 1.5 V IF(AV) = 10 A IFSM 60 A trr 600 ns
k 1
a 2
GENERAL DESCRIPTION
Glass-passivated double diffused rectifier diode featuring low forward voltage drop, fast reverse recovery and soft recovery characteristic. The device is intended for use in TV receivers, series resonant switched mode power supplies and other high voltage circuits. The BY359DX series is supplied in the conventional leaded SOD117 package.
PINNING
PIN 1 2 tab DESCRIPTION cathode anode isolated
SOD117
case
1
2
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134). SYMBOL VRSM VRRM VRWM IF(AV) IF(RMS) IFRM IFSM PARAMETER Peak non-repetitive reverse voltage Peak repetitive reverse voltage Crest working reverse voltage Average forward current RMS forward current Peak repetitive forward current Peak non-repetitive forward current I2t for fusing Storage temperature Operating junction temperature CONDITIONS MIN. -40 MAX. 1500 1500 1300 10 20 60 60 66 18 150 150 UNIT V V V A A A A A A2s C C
sinusoidal; a = 1.57; Ths = tbf sinusoidal; a = 1.57 t = 10 ms t = 8.3 ms half sine wave; Tj = 150 C prior to surge; with reapplied VRWM(max) t = 10 ms
I2t Tstg Tj
ISOLATION LIMITING VALUE & CHARACTERISTIC
Ths = 25 C unless otherwise specified SYMBOL Visol PARAMETER R.M.S. isolation voltage from both terminals to external heatsink CONDITIONS f = 50-60 Hz; sinusoidal waveform; R.H. 65% ; clean and dustfree MIN. TYP. MAX. 2500 UNIT V
Cisol
Capacitance from both terminals f = 1 MHz to external heatsink
-
10
-
pF
April 1998
1
Rev 1.000
Philips Semiconductors
Objective specification
Rectifier diode fast, high-voltage
THERMAL RESISTANCES
SYMBOL Rth j-hs Rth j-a PARAMETER Thermal resistance junction to heatsink Thermal resistance junction to ambient CONDITIONS with heatsink compound without heatsink compound in free air. MIN. -
BY359DX-1500
TYP. tbf
MAX. tbf tbf -
UNIT K/W K/W K/W
STATIC CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL VF IR PARAMETER Forward voltage Reverse current CONDITIONS IF = 20 A IF = 10 A; Tj = 150C VR = 1300 V VR = 1300 V; Tj = 100 C MIN. TYP. 1.3 1.00 10 50 MAX. 1.8 1.5 100 300 UNIT V V A A
DYNAMIC CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL trr Qs Vfr PARAMETER Reverse recovery time Reverse recovery charge Peak forward recovery voltage CONDITIONS IF = 2 A; VR 30 V; -dIF/dt = 20 A/s IF = 2 A; VR 30 V; -dIF/dt = 20 A/s IF = 10 A; dIF/dt = 30 A/s MIN. TYP. 0.47 1.6 11.0 MAX. 0.6 2.0 UNIT s C V
April 1998
2
Rev 1.000
Philips Semiconductors
Objective specification
Rectifier diode fast, high-voltage
MECHANICAL DATA
Dimensions in mm Net Mass: 5.9 g
BY359DX-1500
16.0 max 0.7 4.5 10.0 27 max 25.1 25.7 22.5 max 5.1 2.2 max 18.1 min 1.1 0.4 M 2 10.9 3.3
5.8 max 3.0
25
0.9 max 3.3
Fig.1. SOD117; The seating plane is electrically isolated from all terminals.
Notes 1. Refer to mounting instructions for F-pack envelopes. 2. Epoxy meets UL94 V0 at 1/8".
April 1998
3
Rev 1.000
Philips Semiconductors
Objective specification
Rectifier diode fast, high-voltage
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
BY359DX-1500
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1998 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
April 1998
4
Rev 1.000


▲Up To Search▲   

 
Price & Availability of BY359DX-1500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X