|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DISCRETE SEMICONDUCTORS DATA SHEET BFQ242 PNP video transistor Product specification Supersedes data of 1995 Oct 09 File under Discrete Semiconductors, SC05 1996 Sep 04 Philips Semiconductors Product specification PNP video transistor APPLICATIONS * Primarily intended for cascode output and buffer stages in high resolution colour monitors. DESCRIPTION PNP silicon transistor encapsulated in a 3-lead plastic SOT32 package. PINNING Top view 1 2 3 MBC077 - 1 BFQ242 handbook, halfpage PIN 1 2 3 DESCRIPTION emitter collector base Fig.1 Simplified outline SOT32. QUICK REFERENCE DATA SYMBOL VCBO IC Ptot fT Cre Tj PARAMETER collector-base voltage collector current (DC) total power dissipation transition frequency feedback capacitance junction temperature Tmb = 25 C IC = -25 mA; VCE = -10 V IC = 0; VCB = -10 V CONDITIONS open emitter - - - 1 1.7 - TYP. MAX. -100 -100 5 - - 175 V mA W GHz pF C UNIT LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VCBO VCER VEBO IC IC(AV) Ptot Tstg Tj PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) average collector current total power dissipation storage temperature junction temperature CONDITIONS open emitter RBE = 100 open collector see Fig.2 see Fig.2 Tmb = 25 C; see Fig.3 - - - - - - -65 - MIN. MAX. -100 -95 -3 -100 -100 5 +175 175 V V V mA mA W C C UNIT 1996 Sep 04 2 Philips Semiconductors Product specification PNP video transistor BFQ242 -103 handbook, halfpage MBG501 handbook, halfpage 6 MBG502 IC (mA) Ptot (W) 4 -102 2 -10 -10 0 -102 VCE (V) -103 0 100 Tmb (oC) 200 Tmb = 25 C. VCE -50 V. Fig.2 DC SOAR. Fig.3 Power derating curve. THERMAL CHARACTERISTICS SYMBOL Rth j-mb PARAMETER thermal resistance from junction to mounting base CONDITIONS Ptot = 5 W; Tmb = 25 C VALUE 30 UNIT K/W CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL V(BR)CBO V(BR)CER V(BR)EBO ICES hFE fT Cre PARAMETER collector-base breakdown voltage emitter-base breakdown voltage collector-emitter leakage current DC current gain transition frequency feedback capacitance CONDITIONS IC = -0.1 mA; IE = 0 IC = 0; IE = -0.1 mA VCE = -50 V; VBE = 0 IC = -25 mA; VCE = -10 V; see Fig.4 IC = -25 mA; VCE = -10 V; f = 500 MHz; see Fig.5 IC = 0; VCB = -10 V; f = 1 MHz; see Fig.6 MIN. -100 -95 -3 - 20 - - - - - - - 1 1.7 TYP. MAX. - - - -100 - - - GHz pF UNIT V V V A collector-emitter breakdown voltage IC = -1 mA; RBE = 100 1996 Sep 04 3 Philips Semiconductors Product specification PNP video transistor BFQ242 handbook, halfpage 80 MBG503 handbook, halfpage 1.2 MBG504 hFE 60 fT (MHz) 0.8 40 0.4 20 0 0 -20 -40 -60 -80 -100 IC (mA) 0 -10 -20 -50 2 IC (mA) -10 VCE = -10 V; tp = 500 s. VCE = -10 V; f = 500 MHz. Fig.4 DC current gain as a function of collector current; typical values. Fig.5 Transition frequency as a function of collector current; typical values. handbook, halfpage C 6 re (pF) 5 MBG505 4 3 2 1 0 0 -2 -4 -6 -8 -10 VCB (V) f = 1 MHz. Fig.6 Feedback capacitance as a function of collector-base voltage; typical values. 4 1996 Sep 04 Philips Semiconductors Product specification PNP video transistor PACKAGE OUTLINE BFQ242 handbook, full pagewidth 2.7 max 7.8 max 3.75 3.2 3.0 11.1 max 2.54 max (1) 1.2 15.3 min 1 0.88 max 0.5 2 3 4.58 90 o 2.29 MBC076 Dimensions in mm. Fig.7 SOT32. 1996 Sep 04 5 Philips Semiconductors Product specification PNP video transistor DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values BFQ242 This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. 1996 Sep 04 6 |
Price & Availability of BFQ242 |