Part Number Hot Search : 
8C10D ICE2Q UPD17 TE4946 L0025 7S11BMT 03060 SST509
Product Description
Full Text Search
 

To Download BCX70K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCX70 Series
Small Signal Transistor (NPN)
TO-236AB (SOT-23)
.122 (3.1) .110 (2.8) .016 (0.4) 3 .056 (1.43) .052 (1.33)
Top View
wP Ne
duc ro
t
Mounting Pad Layout
0.037 (0.95) 0.037 (0.95)
1
2 max. .004 (0.1)
Pin Configuration 1 = Base 2 = Emitter 3 = Collector
.007 (0.175) .005 (0.125)
.037(0.95) .037(0.95)
0.079 (2.0) 0.035 (0.9)
.045 (1.15) .037 (0.95)
0.031 (0.8)
.016 (0.4)
.016 (0.4)
.102 (2.6) .094 (2.4)
Dimensions in inches and (millimeters)
Dimensions in inches and (millimeters)
Mechanical Data
Case: SOT-23 Plastic Package Weight: approx. 0.008g Marking BCX70G = AG Code: BCX70H = AH BCX70J = AJ BCX70K = AK Packaging Codes/Options: E8/10K per 13" reel (8mm tape), 30K/box E9/3K per 7" reel (8mm tape), 30K/box
Features
* NPN Silicon Epitaxial Planar Transistors for switching and AF amplifier applications. * Suited for low level, low noise, low frequency applications in hybrid circuits. * Low current, low voltage. * As complementary types, BCX71 Series PNP transistors are recommended.
Maximum Ratings & Thermal Characteristics Ratings at 25C ambient temperature unless otherwise specified.
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Peak Base Current Power Dissipation Thermal Resistance Junction to Ambient Air Junction Temperature Storage Temperature Range
Note: (1) Mounted on FR-4 printed-circuit board.
Symbol VCBO VCEO VEBO IC IB Ptot RJA Tj TS
Value 45 45 5.0 200 50 250 500
(1)
Unit V V V mA mA mW C/W C C
150 -65 to +150
11/10/00
BCX70 Series
Small Signal Transistor (NPN)
Electrical Characteristics (TJ = 25C unless otherwise noted)
Parameter BCX70G BCX70H BCX70J BCX70K BCX70G BCX70H BCX70J BCX70K BCX70G BCX70H BCX70J BCX70K Symbol Test Condition VCE = 5 V, IC = 10 A VCE = 5 V, IC = 10 A VCE = 5 V, IC = 10 A VCE = 5 V, IC = 10 A VCE = 5 V, IC = 2 mA VCE = 5 V, IC = 2 mA VCE = 5 V, IC = 2 mA VCE = 5 V, IC = 2 mA VCE = 1 V, IC = 50 mA VCE = 1 V, IC = 50 mA VCE = 1 V, IC = 50 mA VCE = 1 V, IC = 50 mA IC = 10 mA, IB = 0.25 mA IC = 50 mA, IB = 1.25 mA IC = 10 mA, IB = 0.25 mA IC = 50 mA, IB = 1.25 mA VCE = 5 V, IC = 2 mA VCE = 5 V, IC = 10 A VCE = 1 V, IC = 50 mA VCB = 45 V, VBE = 0 V VCB = 45 V, VBE = 0 V TA = 150C VEB = 4 V, IC = 0 VCE = 5 V, IC = 10 mA f = 100 MHz VCB = 10 V, f = 1 MHz, IE = 0 VEB = 0.5 V, f = 1 MHz, IC = 0 VCE = 5 V, IC = 200 A, RS = 2 k, f = 1 kHz, B = 200 Hz VCE = 5 V, IC = 2 mA, f = 1.0 kHZ VCC = 10 V, IC = 10 mA, IB(on) = -IB(off) = 1 mA VCC = 10 V, IC = 10 mA, IB(on) = -IB(off) = 1 mA Min -- 30 40 100 120 180 250 380 50 70 90 100 50 100 600 700 550 -- -- -- -- -- 100 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 650 520 780 -- -- -- 250 2.5 8 2 200 260 330 520 85 480 150 800 ns ns Max -- -- -- -- 220 310 460 630 -- -- -- -- 350 550 850 1050 750 -- -- 20 20 20 -- -- -- 6 Unit
DC Current Gain
hFE
--
Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage
VCEsat VBEsat
mV mV
Base-Emitter Voltage
VBE
mV nA A nA MHz pF pF dB
Collector Cut-off Current Emitter Cut-off Current Gain-Bandwidth Product Collector-Base Capacitance Emitter-Base Capacitance Noise Figure BCX70G BCX70H BCX70J BCX70K
ICBO IEBO fT CCBO CEBO F
Small Signal Current Gain
hfe
Turn-on Time at RL = 990 (see fig. 1) Turn-off Time at RL = 990 (see fig. 1)
ton toff
BCX70 Series
Small Signal Transistor (NPN)
Ratings and Characteristic Curves
Fig. 1 Switching Waveforms
INPUT 10%
90%
t on
t off
10% 90% OUTPUT 10%
td tr ts tf
90%


▲Up To Search▲   

 
Price & Availability of BCX70K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X