Part Number Hot Search : 
C3216X7 NVFMCZ 55C4V CDLL4903 SMC5342B BQ040 R2100 PIC16L
Product Description
Full Text Search
 

To Download BC856AWT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
General Purpose Transistors
PNP Silicon
These transistors are designed for general purpose amplifier applications. They are housed in the SOT-323/ SC-70 which is designed for low power surface mount applications.
3 COLLECTOR
1 BASE
BC856AWT1, BWT1 BC857AWT1, BWT1 BC858AWT1, BWT1 CWT1
3
2 EMITTER
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current -- Continuous Symbol V CEO V CBO V
EBO
BC856 -65 -80 -5.0 -100
BC857 -45 -50 -5.0 -100
BC858 -30 -30 -5.0 -100
Unit V V V mAdc
1 2
CASE 419-02, STYLE 3 SOT- 323 / SC-70
IC
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board, (1) TA = 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD R JA T J , T stg Max 150 833 -55 to +150 Unit mW C/W C
DEVICE MARKING
BC856AWT1 = 3A; BC856BWT1 = 3B; BC857AWT1 = 3E; BC857BWT1 = 3F; BC858AWT1 = 3J; BC858BWT1 = 3K; BC858CWT1 = 3L
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted.)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
BC856 Series BC857 Series BC858 Series Collector-Emitter Breakdown Voltage BC856 Series (IC = -10 A, VEB = 0) BC857 Series BC858 Series Collector-Base Breakdown Voltage BC856 Series (IC = - 10 A) BC857 Series BC858 Series Emitter-Base Breakdown Voltage BC856 Series (IE = - 1.0 A) BC857 Series, BC858 Series Collector Cutoff Current (VCB = - 30 V) (VCB = - 30 V, TA = 150C) 1.FR-5=1.0 x 0.75 x 0.062in Collector-Emitter Breakdown Voltage (IC = -10 mA) V
(BR)CEO
V (BR)CES
V
(BR)CBO
V
(BR)EBO
I CBO
- 65 - 45 - 30 - 80 - 50 - 30 - 80 - 50 - 30 - 5.0 - 5.0 - 5.0 -- --
-- -- -- -- -- -- -- -- -- -- -- -- -- --
-- -- -- -- -- -- -- -- -- -- -- -- - 15 - 4.0
v
v
v
v nA A
K5-1/5
LESHAN RADIO COMPANY, LTD.
BC856AWT1, BWT1 BC857AWT1, BWT1 BC858AWT1, BWT1, CWT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Continued)
Characteristic Symbol Min Typ Max Unit
ON CHARACTERISTICS
BC856A, BC857A, BC858A BC856B, BC857B, BC858B BC858C, (I C = -2.0 mA, V CE = -5.0 V) BC856A, BC857A, BC858A BC856B, BC857B, BC858B BC858C Collector-Emitter Saturation Voltage (I C = -10 mA, I B = - 0.5 mA) Collector-Emitter Saturation Voltage (I C = -100 mA, I B = - 5.0 mA) Base-Emitter Saturation Voltage (I C = -10 mA, I B = -0.5 mA) Base-Emitter Saturation Voltage (I C = -100 mA, I B = -5.0 mA) Base-Emitter Voltage (I C = -2.0 mA, V CE = -5.0 V) Base-Emitter Voltage (I C = -10 mA, V CE = -5.0 V) DC Current Gain (I C = -10 A, V CE = -5.0 V) h FE -- -- -- 125 220 420 -- -- -- -- - 0.6 -- 90 150 270 180 290 520 -- -- - 0.7 - 0.9 -- -- -- -- -- 250 475 800 - 0.3 - 0.65 -- -- - 0.75 - 0.82 --
V V V
CE(sat)
V V V
BE(sat)
BE(on)
SMALL-SIGNAL CHARACTERISTICS
Current-Gain -- Bandwidth Product (I C = - 10 mA, V CE = - 5.0 Vdc, f = 100 MHz) Output Capacitance (V CB = - 10 V, f = 1.0 MHz) Noise Figure (I C= - 0.2 mA,V CE= - 5.0 Vdc, R S= 2.0 k, f =1.0 kHz, BW= 200 Hz) fT Cob NF 100 -- -- -- -- -- -- 4.5 10 MHz pF dB
K5-2/5
LESHAN RADIO COMPANY, LTD.
BC856AWT1, BWT1 BC857AWT1, BWT1, BC858AWT1, BWT1, CWT1
BC857/BC858
2.0
-1.0
hFE, NORMALIZED DC CURRENT GAIN
1.5
VCE= -10 V T A = 25C
V, VOLTAGE (VOLTS)
-0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1
T A = 25C V BE(sat) @ I C /I B=10
1.0
0.7
V BE(on) @ V CE = -10 V
0.5
0.3
V CE(sat) @ I C /I B = 10
0.2 -0.2 -0.5 -1.0 -2.0 -5.0 -10 -20 -50 -100 -200
0 -0.1 -0.2 -0.5 -1.0 -2.0 -5.0 -10 -20 -50 -100
I C , COLLECTOR CURRENT (mAdc) Figure 1. Normalized DC Current Gain
VB , TEMPERATURE COEFFICIENT (mV/ C)
I C , COLLECTOR CURRENT (mAdc) Figure 2. "Saturation" and "On" Voltages
VCE, COLLECTOR- EMITTER VOLTAGE (V)
-2.0
1.0
T A = 25C
-1.6
-55C to +125C
1.2
1.6
-1.2
2.0
-0.8
IC= -10 mA
I C= -50 mA
I C= -200 mA I C= -100 mA
2.4
-0.4
I C= -20 mA
2.8
0 -0.02 -0.1 -1.0 -10 -20 -0.2 -1.0 -10 -100
I B , BASE CURRENT (mA) Figure 3. Collector Saturation Region
I C , COLLECTOR CURRENT (mA) Figure 4. Base-Emitter Temperature Coefficient
10.0
400
C ib T A=25C
C, CAPACITANCE(pF)
5.0
300
fT, CURRENT- GAIN - BANDWIDTH PRODUCT (MHz)
7.0
200 150 100 80
V CE = -10V T A = 25C
3.0
C ob
2.0
60 40 30 20 -0.5 -1.0 -2.0 -3.0 -5.0 -10 -20 -30 -50
1.0 -0.4 -0.6 -1.0 -2.0 -4.0 -6.0 -10 -20 -30 -40
V R , REVERSE VOLTAGE (VOLTS)
I C , COLLECTOR CURRENT (mAdc)
Figure 5. Capacitances
Figure 6. Current-Gain - Bandwidth Product
K5-3/5
LESHAN RADIO COMPANY, LTD.
BC856AWT1, BWT1 BC857AWT1, BWT1, BC858AWT1, BWT1, CWT1
BC856
hFE , DC CURRENT GAIN (NORMALIZED)
-1.0 V CE = -5.0V T A = 25C 2.0 1.0 0.5 0.2 0 -0.1-0.2 -1.0 -2.0 -5.0 -10 -20 -50 -100-200 I C , COLLECTOR CURRENT (mA) -0.2 -0.5 -1.0 -2.0 -5.0 -10 -20 -50 -100 -200 T J= 25C
V, VOLTAGE (VOLTS)
-0.8 VBE(sat) @ I C/I B=10 -0.6 -0.4 -0.2 VCE(sat) @ I C /I B= 10 VBE @VCE= -5.0 V
I C , COLLECTOR CURRENT (mA)
Figure 7. DC Current Gain
V CE , COLLECTOR- EMITTER VOLTAGE (VOLTS)
Figure 8. "On" Voltage
VB , TEMPERATURE COEFFICIENT (mV/C)
-2.0 -1.6
IC = -20mA -50mA -100mA -200mA
-1.0 -1.4 -1.8 -2.2 -2.6 -3.0 -0.2
-1.2 -0.8 -0.4
-10mA
VB for V BE
-55C to 125C
TJ= 25C 0 -0.02 -0.05 -0.1 -0.2 -0.5 -1.0 -2.0 -5.0 -10 -20
-0.5 -1.0 -2.0
-5.0
-10 -20
-50 -100 -200
I B , BASE CURRENT (mA)
I C , COLLECTOR CURRENT (mA)
Figure 9. Collector Saturation Region
Figure 10. Base-Emitter Temperature Coefficient
fT, CURRENT- GAIN - BANDWIDTH PRODUCT T
40
C, CAPACITANCE (pF)
20
T J= 25C C ib
500 200 100 50 20
VCE= -5.0V
10 6.0 4.0 2.0 -0.1 -0.2 -0.5
C ob
-1.0 -2.0
-5.0
-10 -20
-50 -100
-1.0
-10
-100
V R , REVERSE VOLTAGE (VOLTS)
I C , COLLECTOR CURRENT (mA)
Figure 11. Capacitance
Figure 12. Current-Gain - Bandwidth Product
K5-4/5
LESHAN RADIO COMPANY, LTD.
BC856AWT1, BWT1 BC857AWT1, BWT1, BC858AWT1, BWT1, CWT1
r( t), TRANSIENT THERMAL RESISTANCE (NORMALIZED)
1.0 0.7 0.5 0.3 0.2
D=0.5 0.2
SINGLE PULSE
0.1 0.1 0.07 0.05 0.03 0.02 0.01 0.1
0.05
SINGLE PULSE
P(pk) t1 t2 DUTY CYCLE, D = t 1 /t 2
Z JC (t) = r(t) R JC R JC = 83.3C/W MAX Z JA (t) = r(t) R JA R JA = 200C/W MAX D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t 1 T J(pk) - T C = P (pk) R JC (t)
0.2
0.5
1.0
2.0
5.0
10
20 t, TIME (ms)
50
100
200
500
1.0k 2.0k
5.0k
10k
Figure 13. Thermal Response
-200 1s
I C , COLLECTOR CURRENT (mA)
3 ms
-100 -50 TA= 25C TJ= 25C
-10 -5.0
BC558 BC557 BC556 BONDING WIRE LIMIT THERMAL LIMIT SECOND BREAKDOWN LIMIT
The safe operating area curves indicate I C -V CE limits of the transistor that must be observed for reliable operation. Collector load lines for specific circuits must fall below the limits indicated by the applicable curve. The data of Figure 14 is based upon T J(pk) = 150C; T C or T A is variable depending upon conditions. Pulse curves are valid for duty cycles to 10% provided T J(pk) < 150C. T J(pk) may be calculated from the data in Figure 13. At high case or ambient temperatures, thermal limitations will reduce the power that can be handled to values less than the limitations imposed by the secondary breakdown.
-2.0 -1.0
-0.5
-10
-30 -45 -65 -100
V CE , COLLECTOR-EMITTER VOLTAGE (V)
Figure 14. Active Region Safe Operating Area
K5-5/5


▲Up To Search▲   

 
Price & Availability of BC856AWT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X