|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BC556/557/558/559/560 BC556/557/558/559/560 Switching and Amplifier * High Voltage: BC556, VCEO= -65V * Low Noise: BC559, BC560 * Complement to BC546 ... BC 550 1 TO-92 1. Collector 2. Base 3. Emitter PNP Epitaxial Silicon Transistor Absolute Maximum Ratings Ta=25C unless otherwise noted Symbol VCBO Parameter Collector-Base Voltage : BC556 : BC557/560 : BC558/559 Collector-Emitter Voltage : BC556 : BC557/560 : BC558/559 Emitter-Base Voltage Collector Current (DC) Collector Power Dissipation Junction Temperature Storage Temperature Value -80 -50 -30 -65 -45 -30 -5 -100 500 150 -65 ~ 150 Units V V V V V V V mA mW C C VCEO VEBO IC PC TJ TSTG Electrical Characteristics Ta=25C unless otherwise noted Symbol ICBO hFE VCE (sat) VBE (sat) VBE (on) fT Cob NF Parameter Collector Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Collector-Base Saturation Voltage Base-Emitter On Voltage Current Gain Bandwidth Product Output Capacitance Noise Figure : BC556/557/558 : BC559/560 : BC559 : BC560 Test Condition VCB= -30V, IE=0 VCE= -5V, IC=2mA IC= -10mA, IB= -0.5mA IC= -100mA, IB= -5mA IC= -10mA, IB= -0.5mA IC= -100mA, IB= -5mA VCE= -5V, IC= -2mA VCE= -5V, IC= -10mA VCE= -5V, IC= -10mA, f=10MHz VCB= -10V, IE=0, f=1MHz VCE= -5V, IC= -200A f=1KHz, RG=2K VCE= -5V, IC= -200A RG=2K, f=30~15000MHz 2 1 1.2 1.2 -600 Min. 110 -90 -250 -700 -900 -660 150 6 10 4 4 2 -750 -800 Typ. Max. -15 800 -300 -650 mV mV mV mV mV mV MHz pF dB dB dB dB Units nA hFE Classification Classification hFE A 110 ~ 220 B 200 ~ 450 C 420 ~ 800 (c)2002 Fairchild Semiconductor Corporation Rev. A2, August 2002 BC556/557/558/559/560 Typical Characteristics -50 -45 1000 IB = -400A IB = -350A IB = -300A IB = -250A IB = -200A IB = -150A IB = -100A IB = -50A 1 -0.1 VCE = -5V IC[mA], COLLECTOR CURRENT -40 -35 -30 -25 -20 -15 -10 -5 -0 -2 -4 -6 -8 -10 hFE, DC CURRENT GAIN 100 10 -12 -14 -16 -18 -20 -1 -10 -100 VCE[V], COLLECTOR-EMITTER VOLTAGE IC[mA], COLLECTOR CURRENT Figure 1. Static Characteristic Figure 2. DC current Gain VBE(sat), VCE(sat)[V], SATURATION VOLTAGE -10 -100 -1 V BE(sat) IC[mA], COLLECTOR CURRENT IC = -10 IB VCE = -5V -10 -0.1 -1 VCE(sat) -0.01 -0.1 -0.1 -1 -10 -100 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 IC[mA], COLLECTOR CURRENT VBE[V], BASE-EMITTER VOLTAGE Figure 3. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Figure 4. Base-Emitter On Voltage fT[MHz], CURRENT GAIN-BANDWIDTH PRODUCT 1000 Cob(pF), CAPACITANCE 10 f=1MHz IE = 0 VCE = -5V 100 1 -1 -10 -100 10 -1 -10 VCB[V], COLLECTOR-BASE VOLTAGE IC[mA], COLLECTOR CURRENT Figure 5. Collector Output Capacitance Figure 6. Current Gain Bandwidth Product (c)2002 Fairchild Semiconductor Corporation Rev. A2, August 2002 BC556/557/558/559/560 Package Dimensions TO-92 4.58 -0.15 +0.25 0.46 14.47 0.40 0.10 4.58 0.20 1.27TYP [1.27 0.20] 3.60 0.20 1.27TYP [1.27 0.20] 0.38 -0.05 +0.10 3.86MAX 1.02 0.10 0.38 -0.05 +0.10 (R2.29) (0.25) Dimensions in Millimeters (c)2002 Fairchild Semiconductor Corporation Rev. A2, August 2002 TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM FACTTM ActiveArrayTM FACT Quiet seriesTM BottomlessTM FAST(R) FASTrTM CoolFETTM CROSSVOLTTM FRFETTM GlobalOptoisolatorTM DOMETM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET(R) VCXTM FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Preliminary No Identification Needed Full Production Obsolete Not In Production (c)2002 Fairchild Semiconductor Corporation Rev. I1 |
Price & Availability of BC556 |