Part Number Hot Search : 
L5521 QL3004 TA124E ATS240B CP40347 LT5511 MB88351 GH80N
Product Description
Full Text Search
 

To Download BAS16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Switching Diode
COMCHIP
www.comchip.com.tw
BAS16
Voltage: 75 Volts Current: 200mA
Features
Fast Switching Speed Surface Mount Package Ideally Suited for Automatic Insertion For General Purpose Switching Applications High Conductance
SOT-23
.119 (3.0) .110 (2.8) .020 (0.5)
Top View
.056 (1.40) .047 (1.20)
3
Mechanical data
Case: SOT -23, Plastic Terminals : Solderable per NIL-STD -202, method 208 Approx. Weight: 0.008 gram
1
2
.006 (0.15)max.
.006 (0.15) .002 (0.05)
.037(0.95) .037(0.95)
.020 (0.5)
.020 (0.5)
.103 (2.6) .086 (2.2)
3
CATHODE
1
ANODE
Dimensions in inches (millimeters)
MAXIMUM RATINGS
Rating Continuous Reverse Voltage Peak Forward Current Peak Forward Surge Current Symbol VR IF IFM(surge) Value 75 200 500 Unit Vdc mAdc mAdc
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board(1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate,(2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 RqJA PD 556 300 2.4 RqJA TJ, Tstg 417 - 55 to +150 Unit mW mW/C C/W mW mW/C C/W C
MDS0212004A
Page 1
.044 (1.10) .035 (0.90)
Surface Mount Switching Diode
Characteristic Symbol Min
COMCHIP
www.comchip.com.tw
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Max Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current (VR = 75 Vdc) (VR = 75 Vdc, TJ = 150C) (VR = 25 Vdc, TJ = 150C) Reverse Breakdown Voltage (IBR = 100 Adc) Forward Voltage (IF = 1.0 mAdc) (IF = 10 mAdc) (IF = 50 mAdc) (IF = 150 mAdc) Diode Capacitance (VR = 0, f = 1.0 MHz) Forward Recovery Voltage (IF = 10 mAdc, tr = 20 ns) Reverse Recovery Time (IF = IR = 10 mAdc, RL = 50 ) Stored Charge (IF = 10 mAdc to VR = 5.0 Vdc, RL = 500 ) 1.FR-5 = 1.0 X 0.75 X 0.062 in. 2.Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina. IR -- -- -- V(BR) VF -- -- -- -- CD VFR trr QS -- -- -- -- 715 855 1000 1250 2.0 1.75 6.0 45 pF Vdc ns pC 75 1.0 50 30 -- Vdc mV Adc
MDS0212004A
Page 2
Surface Mount Switching Diode
Rating and Characteristic Curves (BAS16)
820 +10 V 2.0 k 100 H 0.1 F DUT 50 Output Pulse Generator 50 Input Sampling Oscilloscopes VR Input Signal 90% IR IF 0.1 F tr 10% tp t IF
COMCHIP
www.comchip.com.tw
trr
t
IR(REC) = 1.0 mA Output Pulse (IF = IR = 10 mA; Measured at IR(REC) = 1.0 mA)
Notes: 1. A 2.0 k variable resistor adjusted for a Forward Current (IF) of 10 mA. Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA. Notes: 3. tp trr
Figure 1. Recovery Time Equivalent Test Circuit
100 10 TA = 150C
IF, Forward Current (mA) (mA)
TA = 85C 10 TA = - 40C
IR , Reverse Current (A)
1.0
TA = 125C
0.1
TA = 85C
1.0
TA = 25C
TA = 55C 0.01 TA = 25C
0.1 0.2 0.4 0.6 0.8 VF, Forward Voltage (V) 1.0 1.2
0.001 0 10 20 30 VR, Reverse Voltage (V) 40 50
Figure 2. Forward Voltage
Figure 3. Leakage Current
0.68
CD, Diode Capacitance (pF)
0.64
0.60
0.56
0.52
0
2
4 VR, Reverse Voltage (V)
6
8
Figure 4. Capacitance
MDS0212004A
Page 3


▲Up To Search▲   

 
Price & Availability of BAS16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X