Part Number Hot Search : 
CFD1264Q C100B2 P14NK5 FZ1200 MV8141 2SC14 LT1100 ES300XP
Product Description
Full Text Search
 

To Download BA3612AKV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Audio ICs
Pre-power amplifier for headphone stereos
BA3612AKV
The BA3612AKV is configured of a pre-amplifier and a headphone amplifier, and contains internal AMS, B.B, AVLS, and BEEP amplifier functions. Also, this IC can be used in combination with the BA3641FV to enable configuration of recording and playback sets. FApplications Portable cassette players FFeatures 1) Low current consumption. 2) Internal AMS function. 3) Internal B.B function. 4) Internal AVLS function. FAbsolute maximum ratings (Ta = 25_C)
5) Internal BEEP amplifier. 6) Supports Dolby-B. 7) Supports OCL output.
FRecommended operating conditions (Ta = 25_C)
355
Audio ICs
FBlock diagram
BA3612AKV
356
Audio ICs
BA3612AKV
FPin descriptions (The pin voltage of VCC = 2.3V, )B = 1.3V is the standard value for the measurement circuit under quiescent conditions. Modes: PWR-ON, TC, FWD, NOR, Mute-OFF, B.B-OFF, AVLS-OFF)
357
Audio ICs
BA3612AKV
358
Audio ICs
BA3612AKV
359
Audio ICs
BA3612AKV
360
Audio ICs
BA3612AKV
361
Audio ICs
BA3612AKV
362
Audio ICs
BA3612AKV
FElectrical characteristics (unless otherwise noted, )B = 1.3V, VCC = 2.3V, f = 1kHz, PreOutRL = 5k, PWROutRL = 16 (OCL), Ta = 25_C, and measurement condition pertaining to ripple: VCC and )B are common-mode input)
363
Audio ICs
BA3612AKV
(unless otherwise noted, )B = 1.3V, VCC = 2.3V, f = 1kHz, PreOutRL = 5k, PWROutRL = 16 (OCL), Ta = 25_C, and measurement condition pertaining to ripple: VCC and )B are common-mode input)
364
Audio ICs
BA3612AKV
(unless otherwise noted, )B = 1.3V, VCC = 2.3V, f = 1kHz, PreOutRL = 5k(OCL), PWROutRL = 16 (OCL), Ta = 25_C)
365
Audio ICs
BA3612AKV
Conditions applied to control pins (Unless otherwise noted, )B = 0.9V, VCC = 1.7V, f = 1kHz, PreOutRL = 5k ,PWROutRL = 16 (OCL), Ta = 25_C)
366
Audio ICs
FMeasurement circuit
BA3612AKV
367
Audio ICs
FElectrical characteristic curves
BA3612AKV
FExternal dimensions (Units: mm)
368


▲Up To Search▲   

 
Price & Availability of BA3612AKV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X