Part Number Hot Search : 
FAN53418 1017000 RB3039 TA78012 AD5258 BC857C HJ1109 MV8411
Product Description
Full Text Search
 

To Download B81130-A1104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EMI Suppression Capacitors X2 / 275 Vac
X2 capacitors with very small dimensions Rated ac voltage 275 V, 50/60 Hz Construction
I I I I
B 81 130
Dielectric: polypropylene (MKP) Plastic case (UL 94 V-0) Epoxy resin sealing, flame-retardant Impregnated
Features
I Very small dimensions I Self-healing properties
Terminals
I Parallel wire leads, tinned I Two standard lead lengths
Lead spacing 0,4 10 mm
Lead diameter Lead length l1 d (mm) (mm) 0,6 0,8 6-1 6-1 -- 26 2
available: 6 mm und 26 mm Other lead lengths available upon request. Marking Manufacturer's logo and lot number date code, rated capacitance (coded), capacitance tolerance (code letter), rated ac voltage, type number, interference suppression sub-class (X2), style (MKP), climatic category, awarded marks of conformity. Delivery mode Bulk (untaped) Taped (Ammo pack or reel) For notes on taping, refer to chapter "Taping and packing", page 274. Marks of conformity Marks of conformity Standards EN 132400 / IEC 384-14, 2nd edition UL 1414 (VR = 250 Vac) Approved by UL according to CSA C22.2 No. 0; 1 (V R = 250 Vac)
15 mm
Lead spacing = 10 mm Lead spacing 15 mm (22 nF ... 1,0 F)
AAAAA C1103 XX-10n M 275V~
AAAAA C1104 XX-1 M 275V~
B81130 X2 MKP/SH 40/100/21/C
V DE
B81130 X2 MKP/SH 40/100/21/C
V DE
IEC 384-14(2)
KMK0570-T
250 V~
250 V~
KMK0571-2
Lead spacing = 27,5 mm (1,5 and 2,2 F)
AAAAA C1155 XX-15 M 275V~
B81130 X2 MKP/SH 40/100/21/C
V DE
IEC 384-14(2)
250 V~
KMK0699-I
Certificate 18643-4670-1010/A1G E97863/97NK11940A E97863/97NK11940A
1)
1) Not for 1,5 and 2,2 F
231 12/00
X2
B 81 130 275 Vac
Ordering codes and packing units Lead spacing 0,4 mm 10 CR Maximum dimensions bxhxl (mm) 4,0 x 9,0 x 13,0 4,0 x 9,0 x 13,0 5,0 x 11,0 x 13,0 5,0 x 11,0 x 13,0 6,0 x 12,0 x 13,0 6,0 x 12,0 x 13,0 5,0 x 10,5 x 18,0 5,0 x 10,5 x 18,0 5,0 x 10,5 x 18,0 6,0 x 11,0 x 18,0 6,0 x 12,0 x 18,0 7,0 x 12,5 x 18,0 8,5 x 14,5 x 18,0 9,0 x 17,5 x 18,0 Ordering code1) Packing units (pcs) Ammo Reel Untaped pack Lead length 6 mm 26 mm 1700 1700 1300 1300 1100 1100 1300 1300 1300 1100 1100 900 700 700 700 600 500 400 400 350 350 350 300 250 -- -- -- -- 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 500 500 720 630 510 540 540 510 320 320 280 260 240 200 200 180 -- -- -- -- -- -- 1000 1000 1000 1000 1000 800 500 500 500 500 450 350 300 300 200 200 200 150 150 100 100 100
10 nF 15 nF 22 nF 33 nF 33 nF 47 nF 22 nF 33 nF 47 nF 68 nF 0,10 F 0,10 F 0,15 F 0,22 F
B81130-C1103-+*** 1000 B81130-C1153-+*** 1000 B81130-C1223-+*** 830 B81130-C1333-M*** 830 B81130-A1333-+*** 680 B81130-C1473-+*** 680 B81130-B1223-+*** 1170 B81130-B1333-+*** 1170 B81130-B1473-+*** 1170 B81130-C1683-+*** 960 B81130-C1104-M*** 960 B81130-A1104-+*** 830 B81130-C1154-+*** 680 B81130-C1224-+*** 640 B81130-B1154-+*** B81130-B1224-+*** B81130-C1334-+*** B81130-C1474-M*** B81130-A1474-+*** B81130-C1684-M*** B81130-B1474-+*** B81130-B1684-+*** B81130-C1105-M*** B81130-A1105-+*** B81130-C1155-M*** B81130-A1155-+*** B81130-C1225-M*** B81130-A1225-+*** 680 580 480 390 390 370 -- -- -- -- -- -- -- --
15
22,5
0,15 F 6,0 x 15,0 x 26,5 0,22 F 7,0 x 16,0 x 26,5 0,33 F 8,5 x 16,5 x 26,5 0,47 F 10,5 x 16,5 x 26,5 0,47 F 10,5 x 18,5 x 26,5 0,68 F 11,0 x 20,5 x 26,5 0,47 F 0,68 F 1,0 F 1,0 F 1,5 F 1,5 F 2,2 F 2,2 F 11,0 x 21,0 x 31,5 11,0 x 21,0 x 31,5 12,5 x 21,5 x 31,5 13,5 x 23,0 x 31,5 15,0 x 24,5 x 31,5 18,0 x 27,5 x 31,5 18,0 x 27,5 x 31,5 19,0 x 30,0 x 31,5
27,5
Capacitance tolerance: 20 % = M, 10 % = K (closer tolerances upon request)
1) Replace the + by the code letter for the required capacitance tolerance. Replace the *** by the code number for the required lead length or packing. 000 = lead length 6 mm (untaped) 026 = lead length 26 mm (untaped) 289 = taped, Ammo pack 189 = taped, reel
232 12/00
B 81 130 275 Vac
Technical data Climatic category in accordance with IEC 60068-1 Lower category temperature Tmin Upper category temperature Tmax 40/100/21
X2
- 40 C + 100 C
Passive flammability category in accordance with IEC 40 (CO) 752 C Damp heat test Limit values after damp heat test 21 days/40 C/93 % relative humidity Capacitance change |C/C| Dissipation factor change tan Insulation resistance Ris or time constant = C R Ris Permissible continuous ac voltage Permissible continuous dc voltage DC test voltage Dissipation factor tan (in 10-3) at 20 C (upper limit values) Insulation resistance R is or time constant = CR R is at 20 C, rel. humidity 65 % (minimum as-delivered values) Impedance Z versus frequency f (typical values) 275 V (50/60 Hz) 560 V 2121 V, 2 s CR 0,1 F 1 kHz 1,0 100 kHz 5 0,1 F < CR 1 F C R > 1 F 1,0 10 1,0 13
3% 0,5 10-3 (at 1 kHz) 1,0 10-3 (at 10 kHz) 50 % of minimum as-delivered values
at
CR 0,33 F 100 G
C R > 0,33 F 30 000 s
233 12/00
X2
B 81 130 275 Vac
Pulse handling capability Maximum permissible voltage change per unit of time for non-sinusoidal voltages (pulse, sawtooth). VR Max. rate of voltage rise V pp/ in V/s (for V pp = VR) Lead spacing 10 mm 275 Vac 290 15 mm 110 22,5 mm 50 27,5 mm 30
For V pp < VR, the permissible voltage rise rate V pp/ may be multiplied by the factor VR/V pp. Also refer to the calculation example in chapter "General technical information", page 302.
VR Pulse characteristic k 0 in V2/s (for V pp VR) Lead spacing 10 mm 275 Vac 220 000 15 mm 80 000 22,5 mm 35 000 27,5 mm 21 000
234 12/00
Herausgegeben von EPCOS AG Marketing Kommunikation, Postfach 80 17 09, 81617 Munchen, DEUTSCHLAND EPCOS AG 2000. Alle Rechte vorbehalten. Vervielfaltigung, Veroffentlichung, Verbreitung und Verwertung dieser Broschure und ihres Inhalts ohne ausdruckliche Genehmigung der EPCOS AG nicht gestattet. Mit den Angaben in dieser Broschure werden die Bauelemente spezifiziert, keine Eigenschaften zugesichert. Bestellungen unterliegen den vom ZVEI empfohlenen Allgemeinen Lieferbedingungen fur Erzeugnisse und Leistungen der Elektroindustrie, soweit nichts anderes vereinbart wird. Diese Broschure ersetzt die vorige Ausgabe. Fragen uber Technik, Preise und Liefermoglichkeiten richten Sie bitte an den Ihnen nachstgelegenen Vertrieb der EPCOS AG oder an unsere Vertriebsgesellschaften im Ausland. Bauelemente konnen aufgrund technischer Erfordernisse Gefahrstoffe enthalten. Auskunfte daruber bitten wir unter Angabe des betreffenden Typs ebenfalls uber die zustandige Vertriebsgesellschaft einzuholen.
Published by EPCOS AG Marketing Communications, P.O. Box 80 17 09, 81617 Munich, GERMANY EPCOS AG 2000. All Rights Reserved. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. The information contained in this brochure describes the type of component and shall not be considered as guaranteed characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
1


▲Up To Search▲   

 
Price & Availability of B81130-A1104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X