Part Number Hot Search : 
B0530 HSU200 CDV19 SBT6045 UPD70 PT2313 TFMAJ120 MT88E45
Product Description
Full Text Search
 

To Download AT90SC9608RCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
General
* * * * * * * High-performance, Low-power secureAVR Enhanced RISC Architecture
- 135 Powerful Instructions (Most Executed in a Single Clock Cycle) Low Power Idle and Power-down Modes Bond Pad Locations Conforming to ISO 7816-2 ESD Protection to 6000V Operating Ranges: 2.7 to 5.5V Compliant with GSM, 3GPP and EMV 2000 Specifications; PC Industry Compatible Available in Wafers, Modules, and Industry-standard Packages
Memory
* 96K Bytes of ROM Program Memory * 8K Bytes of EEPROM, Including 128 OTP Bytes and 384-byte Bit-addressable Area
- 1 to 64-byte Program / Erase - 1.25 ms Program / 1.25 ms Erase - Typically More than 500,000 Write/Erase Cycles at a Temperature of 25oC - 10 Years Data Retention * 4K Bytes of RAM * 32K Bytes of ROM Dedicated to Atmel's Crypto Library
Secure Microcontroller for Smart Cards AT90SC 9608RCT Summary
Peripherals
* One ISO 7816 Controller * * * * * * * * *
- Up to 625 kbps at 5 MHz - Compliant with T=0 and T=1 Protocols One I/O Port Programmable Internal Oscillator (Up to 40 MHz for AdvX and up to 20 MHz for Internal CPU Clock) Two 16-bit Timers Random Number Generator (RNG) 2-level, 7-vector Interrupt Controller Hardware DES and Triple DES DPA Resistant Checksum Accelerator CRC 16 & 32 Engine (Compliant with ISO/IEC 3309) 32-Bit Cryptographic Accelerator (AdvX) for Public Key Operations - RSA, DSA, ECC, Diffie-Hellman
Security
* * * * * * * *
Dedicated Hardware for Protection Against SPA/DPA Attacks Advanced Protection Against Physical Attack, Including Active Shield Environmental Protection Systems Voltage Monitor Frequency Monitor Temperature Monitor Light Protection Secure Memory Management/Access Protection (Supervisor Mode)
Development Tools
* Voyager Emulation Platform (ATV4) to Support Software Development * IAR Embedded Workbench(R) V3.20 Debugger or Atmel's AVR Studio(R) Version 4.07 or
Above
* Software Libraries and Application Notes
6517AS-SMIC-28Jun05
Note: This is a summary document. A complete document will be available under NDA. For more information, please contact your local Atmel sales office.
Description
The AT90SC9608RCT is a low-power, high-performance, 8/16-bit microcontroller with ROM program memory, EEPROM data memory and a crypto-accelerator, based on the secureAVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the AT90SC9608RCT achieves throughputs close to 1 MIPS per MHz. Its Harvard architecture includes 32 general purpose working registers directly connected to the ALU, allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The AT90SC9608RCT uses the secureAVR that allows the linear addressing of up to 8M bytes of code and up to 16M bytes of data as well as a number of new functional and security features. The AT90SC9608RCT includes 8K bytes of Atmel's high density, non volatile memory. The crypto engine featured in the AT90SC series is the AdvX, a 32-bit accelerator dedicated to perform fast encryption or authentication functions. Additional security features include power and frequency protection logic, logical scrambling on program data and addresses, Power Analysis countermeasures and memory accesses controlled by a supervisor mode. Figure 1 shows the AT90SC9608RCT secureAVR Enhanced RISC Architecture. Figure 1. AT90SC9608RCT secureAVR Enhanced RISC Architecture
Data Bus 8-bit OTP EEPROM User Memory ROM ATMEL Program Memory 16 Instruction Register 16 8 Instruction Decoder 16 Control Lines Status Register 8 General Purpose Registers X
Y Z CLK
Access Control
RNG
Secure Control
GND
VCC
AdvX Cryptoaccelerator
PC
Access Control 8
RAM Data Memory Interrupt Unit
ALU
ISO 7816 Controller ISO 7816 I/O Port 0 Timer Reset Circuit DES DPA Counter measures CRC and Checksum Accelerator RST
IN/OUT0
2
AT90SC9608RCT
6517AS-SMIC-28Jun05
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) Atmel Corporation 2005. All rights reserved. Atmel(R), logo and combinations thereof, Everywhere You Are (R) and others, are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
Printed on recycled paper.
6517AS-SMIC-28Jun05


▲Up To Search▲   

 
Price & Availability of AT90SC9608RCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X