![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Features General * * * * * * * High-performance, Low-power secureAVRTM Enhanced RISC Architecture - 135 Powerful Instructions (Most Executed in a Single Clock Cycle) Low Power Idle and Power-down Modes Bond Pad Locations Conforming to ISO 7816-2 ESD Protection to 4000V Operating Ranges: 1.62 to 5.5V Compliant with GSM, 3GPP and EMV 2000 Specifications; PC Industry Compatible Available in Wafers, Modules, and Industry-standard Packages Memory * 288K Bytes of ROM Program Memory * 144K Bytes of EEPROM, Including 128 OTP Bytes and 384-byte Bit-addressable Area - 1 to 128-byte Program / Erase - 1 ms Program / 1 ms Erase - Typically More than 500,000 Write/Erase Cycles at a Temperature of 25oC - 10 Years Data Retention * EEPROM Erase Only Mode * Write EEPROM With or Without Autoerase - Bit-write Mode (Optional) - Full or Partial Page Erase Mode (Optional) - Block Erase Mode (Optional) * 6K Bytes of RAM Secure Microcontroller for Smart Cards AT90SC 288144RT Summary Peripherals * One ISO 7816 Controller * * * * * * * * - Up to 625kbps at 5 MHz - Compliant with T=0 and T=1 Protocols One I/O Port Programmable Internal Oscillator (Up to 20 MHz on ROM) Two 16-bit Timers Random Number Generator (RNG) 2-level, 7-vector Interrupt Controller Hardware DES and Triple DES (DPA Resistant) Checksum Accelerator CRC 16 Engine (Compliant with ISO/IEC 3309) Security * * * * * * * Dedicated Hardware for Protection Against SPA/DPA Attacks Protection Against Physical Attack Environmental Protection Systems Voltage Monitor Frequency Monitor Light Protection Secure Memory Management/Access Protection (Supervisor Mode) Development Tools * Voyager Emulation Platform (ATV2 Standard) to Support Software Development * IAR Embedded Workbench(R) V3.20c Debugger or Atmel's AVR Studio(R) Version 4.07 or Above * Software Libraries and Application Notes 6509AS-SMIC-30Mar05 Note: This is a summary document. A complete document will be available under NDA. For more information, please contact your local Atmel sales office. Description The AT90SC288144RT is a low-power, high-performance, 8/16-bit microcontroller with flexible ROM program memory, EEPROM data memory, based on the secureAVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the AT90SC288144RT achieves throughputs close to 1 MIPS per MHz. Its Harvard architecture includes 32 general-purpose working registers directly connected to the ALU, allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The AT90SC288144RT uses the secureAVR that allows the linear addressing of up to 8M bytes of code and up to 16M bytes of data as well as a number of new functional security features. The ability to map the EEPROM in the code space allows parts of the program memory to be reprogrammed in-system. This technology combined with the versatile 8/16-bit CPU on a monolithic chip provides a highly flexible and cost-effective solution to many smart card applications. The AT90SC288144RT benefits of advanced EEPROM functions (XP Mode), but can also be configured to offer compatibility with modes from previous product generations. Additional security features include power and frequency protection logic, logical scrambling on program data and addresses, Power Analysis countermeasures and memory accesses controlled by a supervisor mode. A block diagram of the AT90SC288144RT is shown in Figure 1. Figure 1. AT90SC288144RT secureAVR Enhanced RISC Architecture Data Bus 8-bit OTP EEPROM User Memory Program Memory 16 Instruction Register 16 Instruction Decoder 16 Control Lines DPA Counter measures CRC and Checksum Accelerator ALU 8 General Purpose Registers X Y Z CLK Access Control RNG RAM Data Memory Interrupt Unit Access Control 8 ISO 7816 Controller ISO 7816 I/O Port 0 Timer Secure Control GND VCC PC 8 IN/OUT0 Reset Circuit DES RST Status Register 2 AT90SC288144RT 6509AS-SMIC-30Mar05 Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600 Atmel Operations Memory 2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 RF/Automotive Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Regional Headquarters Europe Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500 Microcontrollers 2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60 Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80 Asia Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369 ASIC/ASSP/Smart Cards Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743 Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581 Literature Requests www.atmel.com/literature Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life. (c) Atmel Corporation 2005. All rights reserved. Atmel (R), logo and combinations thereof, and others are registered trademarks. Everywhere You Are SM and others are the trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others. Printed on recycled paper. 6509AS-SMIC-30Mar05 |
Price & Availability of AT90SC288144RT
![]() |