Part Number Hot Search : 
MTM8N20 5GR15S DD2521S FR307 402C2293 FU024 N74AC SA2111C
Product Description
Full Text Search
 

To Download AT90SC25672RCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
General
* High-performance, Low-power secureAVRTM Enhanced RISC Architecture * * * * * *
- 135 Powerful Instructions (Most Executed in a Single Clock Cycle) Low Power Idle and Power-down Modes Bond Pad Locations Conforming to ISO 7816-2 ESD Protection to 6000V Operating Range: 1.62V to 5.5V Compliant with GSM, 3GPP and EMV 2000 Specifications; PC Industry Compatible Available in Wafers, Modules and Industry-standard Packages
Memory
* 256K Bytes of ROM User Program Memory * 32K Bytes of ROM Dedicated to Atmel's Crypto-library * 72K Bytes of EEPROM, Including 128 OTP Bytes and 384-byte Bit-addressable Area
- 1 to 128-byte Program/Erase - 1.25 ms Program / 1.25 ms Erase - Typically More than 500,000 Write/Erase Cycles at a Temperature of 25C - 10 Years Data Retention * EEPROM Erase Only Mode * Write EEPROM With or Without Autoerase * 8K Bytes of RAM
Secure Microcontroller for Smart Cards AT90SC 25672RCT (-USB) Preliminary Summary
Peripherals
* ISO 7816 Controller * * * * * * * * * * *
- Up to 625 kbps at 5 MHz - Compliant with T = 0 and T = 1 Protocols One I/O Port Optional USB 2.0 Full Speed interface with 5 endpoints and DMA controller Programmable Internal Oscillator (Up to 40 MHz for CPU and Crypto Accelerator) Two 16-bit Timers Random Number Generator (RNG) 2-level, 9-vector Interrupt Controller Hardware DES and Triple DES DPA/DEMA Resistant Checksum Accelerator CRC 16 & 32 Engine (Compliant with ISO/IEC 3309) 32-bit AdvXTM Cryptographic Accelerator for Public Key Operations with GF(2n) Multiplier and Firmware (RSA, ECC, Key Generation)
Security
* * * * * * * *
Dedicated Hardware for Protection Against SPA/DPA/SEMA/DEMA Attacks Advanced Protection Against Physical Attack, Including Active Shield Environmental Protection Systems Voltage Monitor Frequency Monitor Light Protection Temperature Monitor Secure Memory Management/Access Protection (Supervisor Mode)
Development Tools
* Voyager Emulation Platform (ATV4 Advanced) to Support Software Development * IAR Systems EWAVR(R) V3.10 Debugger or Atmel's AVR Studio(R) Version 4.07 or Above * Software Libraries and Application Notes
6522AS-SMIC-05 Sep 05
Note: This is a summary document. A complete document will be available under NDA. For more information, please contact your local Atmel sales office.
Description
The AT90SC25672RCT(-USB) is a low-power, high-performance, 8/16-bit microcontroller with ROM program memory, EEPROM data memory, cryptographic accelerator based on the secureAVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the AT90SC25672RCT(-USB) achieves throughputs close to 1 MIPS per MHz. Its Harvard architecture includes 32 generalpurpose working registers directly connected to the ALU, allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The AT90SC25672RCT(-USB) uses a new AVR(R) architecture, the secureAVR that allows the linear addressing of up to 8M bytes of code and up to 16M bytes of data as well as a number of new functional and security features. The cryptographic accelerator featured in this product is the AdvX, a 32-bit accelerator dedicated to performing fast encryption and authentication functions. It is combined with a 32K byte-ROM for a high-performance and secure crypto firmware. The ability to map the EEPROM in the code space allows parts of the program memory to be reprogrammed in-system. This technology combined with the versatile 8/16-bit CPU on a monolithic chip provides a highly flexible and cost-effective solution to many smart card applications. Additional security features include power and frequency protection logic, logical scrambling on program data and addresses, Power Analysis countermeasures and memory accesses controlled by a supervisor mode. A block diagram of the AT90SC25672RCT(-USB) is shown in Figure 1 hereafter.
Optional USB Controller Description
The AT90SC25672RCT(-USB) optionally features an USB V2.0 Full Speed controller which requires a 48 MHz external crystal for the data transfer. The USB interface consists of a Serial Interface Engine (SIE) and a Universal Function Interface (UFI). The SIE performs clock/data separation, NRZI encoding and decoding, bit stuffing, CRC generation and checking and serial-parallel data conversion. The UFI connects the USB interface to the AVR. It consists of a protocol engine and provides five configurable data transfer endpoints, each with it's own DPRAM in the memory area. The data transfer type for each endpoint is configured by software. The table below indicates the characteristics of each endpoint:
Table 1: Characteristics of each endpoint.
Endpoint number EP0 EP1 EP2 EP3 EP4 Size (bytes) 64 2 * 64 2 * 64 64 64 Available data transfer modes BULK, ISOCHRONOUS, INTERRUPT, CONTROL BULK, ISOCHRONOUS, INTERRUPT BULK, ISOCHRONOUS, INTERRUPT BULK, ISOCHRONOUS, INTERRUPT, CONTROL BULK, ISOCHRONOUS, INTERRUPT, CONTROL
A DMA controller allows a fast communication rate between the RAM of the CPU and the DPRAM. The USB controller provides a dynamic pull-up attachment and detachment and a host detection mechanism. In addition, it offers an automatic interface detection between the USB 2.0 and the ISO7816 port.
2
AT90SC25672RCT (-USB)
6522AS-SMIC-05 Sep 05
AT90SC25672RCT (-USB)
Figure 1. AT90SC25672RCT(-USB) secureAVR Enhanced RISC Architecture.
OTP EEPROM User Memory Crypto ROM ROM Program Memory 16 Instruction Register 16 Instruction Decoder 16 8 Control Lines Status Register General Purpose Registers X Y Z 8 8 Access Control
Data Bus 8-bit (USB D+) (USB D-) (USB-Xin) (USB-Xout) RNG Secure Control Advx Crypto Accel.
(Optional USB controller)
CLK GND VCC / Vbus
PC
RAM Data Memory Interrupt Unit ISO 7816 Controller
Reset Circuit
RST
ALU
Access Control
ISO 7816 I/O Port 0 DES/Triple DES
IN/OUT0
CRC and Checksum Accelerator On-Chip Security Timers
3
6522AS-SMIC-05 Sep 05
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) Atmel Corporation 2005. All rights reserved. Atmel (R), logo and combinations thereof, Everywhere You Are (R) and others, are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
Printed on recycled paper.
6522AS-SMIC-05 Sep 05


▲Up To Search▲   

 
Price & Availability of AT90SC25672RCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X