Part Number Hot Search : 
2M100 20122 74HC273P 74HC273P DTB123 P0433T 2M100 74HC273P
Product Description
Full Text Search
 

To Download AT90SC19272RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
General
* High-performance, Low-power secureAVR RISC Architecture * * * * * *
- 133 Powerful Instructions (Most Executed in a Single Clock Cycle) - Linear Addressing of up to 8M Bytes of Code and up to 16M Bytes of Data Low-power Idle and Power-down Modes Bond Pad Locations Conforming to ISO 7816-2 ESD Protection to 6000V Operating Ranges: from 2.7V to 5.5V Compliant with GSM, 3GPP and EMV 2000 Specifications; PC Industry Compatible Available in Wafers, Modules and Industry-standard Packages
Memory
* 192K Bytes of ROM Program Memory * 72K Bytes of EEPROM, Including 128-byte OTP Area and 384-byte Bit-addressable Area
- 1 to 128-byte Program/Erase - 1 ms Program, 1 ms Erase - Typically More than 500,000 Write/Erase Cycles at a Temperature of 25oC - 10 Years Data Retention * 4K Bytes of RAM
Secure Microcontroller for Smart Cards AT90SC 19272RC Summary
Peripherals
* ISO 7816 Controller * * * * * * * * *
- Up to 625 kbps at 5 MHz - Compliant with T = 0 and T = 1 Protocols Programmable Internal Oscillator (Up to 20 MHz on ROM) Two 16-bit Timers Random Number Generator (RNG) 2-level, 8-vector Interrupt Controller Hardware DES and Triple DES DPA Resistant Checksum Accelerator CRC 16 Engine (Compliant with ISO/IEC 3309) 8-bit GF(2n) Multiplier Crypto-coprocessor (Pre-programmed Functions for Cryptography and Authentication Including RSA, DSA, Key Generation, ECC)
Security
* * * * * * * *
Dedicated Hardware for Protection Against SPA/DPA Attacks Advanced Protection Against Physical Attack, Including Active Shield Environmental Protection Systems Voltage Monitor Frequency Monitor Temperature Monitor Light Protection Secure Memory Management/Access Protection (Supervisor Mode)
Development Tools
* Voyager Emulation Platform (ATV2 Advanced) to Support Software Development * IAR Systems C-Spy(R) Debugger or AVR Studio, Version 4.7 or Later * Software Libraries and Application Notes
Rev. 1592AS-SMIC-25Jun03
Note: This is a summary document. A complete document will be1 available under NDA. For more information, please contact your local Atmel sales office.
Description
The AT90SC19272RC is a low-power, high-performance, 8-/16-bit microcontroller, based on the secureAVR RISC architecture, with ROM program memory, EEPROM data memory and a crypto-coprocessor. By executing powerful instructions in a single clock cycle, the AT90SC19272RC achieves throughputs close to 1 MIPS per MHz. Its Harvard architecture includes 32 general-purpose working registers directly connected to the ALU, allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The AT90SC19272RC uses secureAVR architecture that allows the linear addressing of up to 8M bytes of code and up to 16M bytes of data, and also provides a number of new functional and security features. The crypto engine featured in the AT90SC series is the SC16, a 16-bit processor dedicated to performing fast encryption and authentication functions. Additional security features include power, frequency and temperature protection logic, logical scrambling on program data and addresses, power analysis countermeasures, and memory accesses controlled by a supervisor mode. A block diagram of the AT90SC19272RC is shown in Figure 1.
Figure 1. AT90SC19272RC secureAVR Enhanced RISC Architecture
Data Bus 8-bit OTP EEPROM User Memory Program Memory 16 Instruction Register 16 ALU Instruction Decoder 16 Control Lines Status Register 8 8 General Purpose Registers X
Y Z
Access Control
RNG
CLK
Secure Control
GND
VCC
PC
SC16 CryptoCoprocessor Access Control
ROM
RAM Data Memory Interrupt Unit ISO 7816 Controller ISO 7816 I/O Port 0 Timer
IN/OUT0
8
DES GF(2n)
Reset Circuit
RST
DPA Counter Measures CRC and Checksum Accelerator
2
AT90SC19272RC
1592AS-SMIC-25Jun03
Atmel Headquarters
Corporate Headquarters
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany TEL (49) 71-31-67-0 FAX (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland TEL (41) 26-426-5555 FAX (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France TEL (33) 2-40-18-18-18 FAX (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France TEL (33) 4-76-58-30-00 FAX (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimhatsui East Kowloon Hong Kong TEL (852) 2721-9778 FAX (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France TEL (33) 4-42-53-60-00 FAX (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland TEL (44) 1355-803-000 FAX (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan TEL (81) 3-3523-3551 FAX (81) 3-3523-7581
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
(c) Atmel Corporation 2003. Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems. ATMEL (R) is a registered trademark of Atmel. secureAVR is a trademark of Atmel. C-Spy (R) is a registered trademark of IAR Systems AB. Other terms and product names may be the trademark of others. Printed on recycled paper.
1592AS-SMIC-25Jun03 xM


▲Up To Search▲   

 
Price & Availability of AT90SC19272RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X