Part Number Hot Search : 
CXA1396D MSC7170 20N03 ZM4756A TC16V 4SMAJ120 HCT08 6V3PE
Product Description
Full Text Search
 

To Download AT28C010-12DK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Fast Read Access Time - 120 ns * Automatic Page Write Operation * * * * * * * * * *
- Internal Address and Data Latches for 128 Bytes - Internal Control Timer Fast Write Cycle Time - Page Write Cycle Time - 10 ms Maximum - 1 to 128-byte Page Write Operation Low Power Dissipation - 80 mA Active Current - 300 A CMOS Standby Current Hardware and Software Data Protection DATA Polling for End of Write Detection High Reliability CMOS Technology - Endurance: 104 or 105 Cycles - Data Retention: 10 Years Operating Range: 4.5V to 5.5V, -55 to +125C CMOS and TTL Compatible Inputs and Outputs Batch Tested for 10 Krad TID and 70 MeV Latch-up Capability JEDEC Approved byte-Wide Pinout 435 Mils Wide 32-Pin Flat Pack Package
AT28C010-12DK Mil
Space 1-megabit (128K x 8) Paged Parallel EEPROMs
AT28C010-12DK
Description
The AT28C010-12DK is a high-performance Electrically Erasable and Programmable Read-Only Memory. Its one megabit of memory is organized as 131,072 words by 8 bits. Manufactured with Atmel's advanced nonvolatile CMOS technology, the device offers access times to 120 ns with power dissipation of just 440 mW. When the device is deselected, the CMOS standby current is less than 300 A. The AT28C010-12DK is accessed like a Static RAM for the read or write cycle without the need for external components. The device contains a 128-byte page register to allow writing of up to 128 bytes simultaneously. During a write cycle, the address and 1 to 128 bytes of data are internally latched, freeing the address and data bus for other operations. Following the initiation of a write cycle, the device will automatically write the latched data using an internal control timer. The end of a write cycle can be detected by DATA POLLING of I/O7. Once the end of a write cycle has been detected a new access for a read or write can begin. Atmel's 28C010 has additional features to ensure high quality in manufacturing. The device utilizes internal error correction for extended endurance and improved data retention characteristics. An optional software data protection mechanism is available to guard against inadvertent writes. The device also includes an extra 128 bytes of EEPROM for device identification or tracking.
Preliminary
Rev. 4259A-AERO-06/03
1
Pin Configuration
Pin Name A0 - A16 CE OE WE I/O0 - I/O7 NC Function Addresses Chip Enable Output Enable Write Enable Data Inputs/Outputs No Connect
FLATPACK Top View
A16 A15 A12 A7 A6 NC A5 A4 A3 A2 A1 A0 I/O0 I/O1 I/O2 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 VCC NC WE A14 A13 A8 A9 A11 OE A10 CE I/O7 I/O6 I/O5 I/O4 I/O3
Block Diagram
2
AT28C010-12DK
4259A-AERO-06/03
AT28C010-12DK
Device Operation
* READ: The AT28C010-12DK is accessed like a Static RAM. When CE and OE are low and WE is high, the data stored at the memory location determined by the address pins is asserted on the outputs. The outputs are put in the high impedance state when either CE or OE is high. This dual-line control gives designers flexibility in preventing bus contention in their system. BYTE WRITE: A low pulse on the WE or CE input with CE or WE low (respectively) and OE high initiates a write cycle. The address is latched on the falling edge of CE or WE, whichever occurs last. The data is latched by the first rising edge of CE or WE. Once a byte write has been started it will automatically time itself to completion. Once a programming operation has been initiated and for the duration of tWC, a read operation will effectively be a polling operation. PAGE WRITE: The page write operation of the AT28C010-12DK allows 1 to 128 bytes of data to be written into the device during a single internal programming period. A page write operation is initiated in the same manner as a byte write; the first byte written can then be followed by 1 to 127 additional bytes. Each successive byte must be written within 150 s (tBLC) of the previous byte. If the tBLC limit is exceeded the AT28C010-12DK will cease accepting data and commence the internal programming operation. All bytes during a page write operation must reside on the same page as defined by the state of the A7 - A16 inputs. For each WE high to low transition during the page write operation, A7 - A16 must be the same. The A0 to A6 inputs are used to specify which bytes within the page are to be written. The bytes may be loaded in any order and may be altered within the same load period. Only bytes which are specified for writing will be written; unnecessary cycling of other bytes within the page does not occur. DATA POLLING: The AT28C010-12DK features DATA Polling to indicate the end of a write cycle. During a byte or page write cycle an attempted read of the last byte written will result in the complement of the written data to be presented on I/O7. Once the write cycle has been completed, true data is valid on all outputs, and the next write cycle may begin. DATA Polling may begin at anytime during the write cycle. TOGGLE BIT: In addition to DATA Polling the AT28C010-12DK provides another method for determining the end of a write cycle. During the write operation, successive attempts to read data from the device will result in I/O6 toggling between one and zero. Once the write has completed, I/O6 will stop toggling and valid data will be read. Reading the toggle bit may begin at any time during the write cycle. DATA PROTECTION: If precautions are not taken, inadvertent writes may occur during transitions of the host system power supply. Atmel has incorporated both hardware and software features that will protect the memory against inadvertent writes. HARDWARE PROTECTION: Hardware features protect against inadvertent writes to the AT28C010-12DK in the following ways: (a) VCC sense - if VCC is below 3.8V (typical) the write function is inhibited; (b) VCC power-on delay - once VCC has reached 3.8V the device will automatically time out 5 ms (typical) before allowing a write: (c) write inhibit - holding any one of OE low, CE high or WE high inhibits write cycles; (d) noise filter - pulses of less than 15 ns (typical) on the WE or CE inputs will not initiate a write cycle. SOFTWARE DATA PROTECTION: A software controlled data protection feature has been implemented on the AT28C010-12DK. When enabled, the software data protection (SDP), will prevent inadvertent writes. The SDP feature may be enabled or disabled by the user; the AT28C010-12DK is shipped from Atmel with SDP disabled.
*
*
*
*
*
*
*
*
3
4259A-AERO-06/03
*
SDP is enabled by the host system issuing a series of three write commands; three specific bytes of data are written to three specific addresses (refer to Software Data Protection Algorithm). After writing the 3-byte command sequence and after tWC the entire AT28C010-12DK will be protected against inadvertent write operations. It should be noted, that once protected the host may still perform a byte or page write to the AT28C010-12DK. This is done by preceding the data to be written by the same 3-byte command sequence used to enable SDP. Once set, SDP will remain active unless the disable command sequence is issued. Power transitions do not disable SDP and SDP will protect the AT28C010-12DK during power-up and power-down conditions. All command sequences must conform to the page write timing specifications. The data in the enable and disable command sequences is not written to the device and the memory addresses used in the sequence may be written with data in either a byte or page write operation. After setting SDP, any attempt to write to the device without the 3-byte command sequence will start the internal write timers. No data will be written to the device; however, for the duration of tWC, read operations will effectively be polling operations. DEVICE IDENTIFICATION: An extra 128 bytes of EEPROM memory are available to the user for device identification. By raising A9 to 12V 0.5V and using address locations 1FF80H to 1FFFFH the bytes may be written to or read from in the same manner as the regular memory array. OPTIONAL CHIP ERASE MODE: The entire device can be erased using a 6-byte software code. Please see Software Chip Erase application note for details.
*
*
*
*
DC and AC Operating Range
AT28C010-12DK-12 Operating Temperature (Case) VCC Power Supply Mil. -55C - 125C 5V 10%
Operating Modes
Mode Read Write
(2)
CE VIL VIL VIH X X X
OE VIL VIH X(1) X VIL VIH
WE VIH VIL X VIH X X
I/O DOUT DIN High Z
Standby/Write Inhibit Write Inhibit Write Inhibit Output Disable Notes: 1. X can be VIL or VIH. 2. Refer to AC Programming Waveforms
High Z
4
AT28C010-12DK
4259A-AERO-06/03
AT28C010-12DK
Electrical Characteristics
Absolute Maximum Ratings*
Temperature Under Bias................................ -55C to +125C Storage Temperature ..................................... -65C to +150C All Input Voltages (including NC Pins) with Respect to Ground ...................................-0.6V to +6.25V All Output Voltages with Respect to Ground .............................-0.6V to VCC + 0.6V Voltage on OE and A9 with Respect to Ground ...................................-0.6V to +13.5V *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC Characteristics
Symbol ILI ILO ISB1 ISB2 ICC VIL VIH VOL VOH1 VOH2 Parameter Input Load Current Output Leakage Current VCC Standby Current CMOS VCC Standby Current TTL VCC Active Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage Output High Voltage CMOS IOL = 2.1 mA IOH = -400 A IOH = -100 A; VCC = 4.5V 2.4 4,2 2.0 0.45 Condition VIN = 0V to VCC + 1V VI/O = 0V to VCC CE = VCC - 0.3V to VCC + 1V CE = 2.0V to VCC + 1V f = 5 MHz; IOUT = 0 mA Min Max 10 10 300 3 80 0.8 Units A A A mA mA V V V V V
5
4259A-AERO-06/03
AC Read Characteristics
Symbol Parameter AT28C010-12DK Min tACC tCE(1) tOE tDF
(2) (3, 4)
Units
Max 120 120 ns ns ns ns ns
Address to Output Delay CE to Output Delay OE to Output Delay CE or OE to Output Float Output Hold from OE, CE or Address, whichever occurred first 0 0 0
50 50
tOH
AC Read Waveforms(1)(2)(3)(4)
Notes:
1. CE may be delayed up to tACC - tCE after the address transition without impact on tACC. 2. OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change without impact in tACC. 3. tDF is specified from OE or CE wichever occurs first (CL = 5 pF). 4. This parameter is characterized and is not 100% tested.
6
AT28C010-12DK
4259A-AERO-06/03
AT28C010-12DK
Input Test Waveforms and Measurement Level
Output Test Load
Pin Capacitance
f = 1 MHz, T = 25C(1)
Symbol CIN COUT Note: Typ 4 8 Max 10 12 Units pF pF Conditions VIN = 0V VOUT = 0V
1. This parameter is 100% characterized and is not 100% tested.
AC Write Characteristics
Symbol tAS, tOES tAH tCS tCH tWP tDS tDH, tOEH Parameter Address, OE Set-up Time Address Hold Time Chip Select Set-up Time Chip Select Hold Time Write Pulse Width (WE or CE) Data Set-up Time Data, OE Hold Time Min 0 50 0 0 100 50 0 Max Units ns ns ns ns ns ns ns
7
4259A-AERO-06/03
AC Write Waveforms
WE Controlled
CE Controlled
Page Mode Characteristics
Symbol tWC tAS tAH tDS tDH tWP tBLC tWPH Parameter Write Cycle Time Address Set-up Time Address Hold Time Data Set-up Time Data Hold Time Write Pulse Width Byte Load Cycle Time Write Pulse Width High 50 0 50 50 0 100 150 Min Max 10 Units ms ns ns ns ns ns s ns
8
AT28C010-12DK
4259A-AERO-06/03
AT28C010-12DK
Page Mode Write Waveforms (1)(2)
Notes:
1. A7 through A16 must specify the page address during each high to low transition of WE (or CE). 2. OE must be high only when WE and CE are both low.
9
4259A-AERO-06/03
Chip Erase Waveforms
tS = 5 msec (min.) tW = tH = 10 msec (min.) VH = 12.0V 0.5V
Software Data
Figure 1. Protection Enable Algorithm(1)
LOAD DATA AA TO ADDRESS 5555
LOAD DATA 55 TO ADDRESS 2AAA
LOAD DATA A0 TO ADDRESS 5555
WRITES ENABLED(2)
LOAD DATA XX TO ANY ADDRESS(3)
LOAD LAST BYTE TO LAST ADDRESS
ENTER DATA PROTECT STATE
Notes:
1. Data Format: I/O7 - I/O0 (Hex); Address Format: A14 - A0 (Hex). 2. Write Protect state will be activated at end of write even if no other data is loaded. 3. 1 to 128 bytes of data are loaded.
10
AT28C010-12DK
4259A-AERO-06/03
AT28C010-12DK
Figure 2. Protection Disable Algorithm(1)
LOAD DATA AA TO ADDRESS 5555
LOAD DATA 55 TO ADDRESS 2AAA
LOAD DATA 80 TO ADDRESS 5555
LOAD DATA AA TO ADDRESS 5555
LOAD DATA 55 TO ADDRESS 2AAA
LOAD DATA 20 TO ADDRESS 5555
EXIT DATA PROTECT STATE(3)
LOAD DATA XX TO ANY ADDRESS(4)
LOAD LAST BYTE TO LAST ADDRESS
Notes:
1. Data Format: I/O7 - I/O0 (Hex); Address Format: A14 - A0 (Hex). 2. Write Protect state will be activated at end of write even if no other data is loaded. 3. Write Protect state will be deactivated at end of write period even if no other data if loaded. 4. 1 to 128 bytes of data are loaded.
11
4259A-AERO-06/03
Software Protected Program Cycle Waveform(1)(2)(3)
Notes:
1. A0 - A14 must conform to the addressing sequence for the first 3 bytes as shown above. 2. After the command sequence has been issued and a page write operation follows, the page address inputs (A7 - A16) must be the same for each high to low transition of WE (or CE). 3. OE must be high only when WE and CE are both low.
Data Polling Characteristics(1)
Symbol tDH tOEH tOE tWR Notes: Parameter Data Hold Time OE Hold Time OE to Output Delay
(2)
Min 10 10
Typ
Max
Units ns ns ns
Write Recovery Time 1. These parameters are characterized and not 100% tested. 2. See AC Read Characteristics.
0
ns
12
AT28C010-12DK
4259A-AERO-06/03
AT28C010-12DK
Data Polling Waveforms
Toggle Bit Characteristics(1)
Symbol tDH tOEH tOE tOEHP tWR Notes: Parameter Data Hold Time OE Hold Time OE to Output Delay OE High Pulse Write Recovery Time 1. These parameters are characterized and not 100% tested. 2. See AC Read Characteristics.
(2)
Min 10 10
Typ
Max
Units ns ns ns
150 0
ns ns
13
4259A-AERO-06/03
Toggle Bit Waveforms(1)(2)(3)
Notes:
1. Toggling either OE or CE or both OE and CE will operate toggle bit. 2. Beginning and ending state of I/O6 will vary. 3. Any addres location may be used but the address should not vary.
14
AT28C010-12DK
4259A-AERO-06/03
AT28C010-12DK
Ordering Information
tACC (ns) Active ICC (mA) Standby AT28C010-12DK-E AT28C010-12DK-M 120 80 0.3 AT28C010-12DK-MQ AT28C010-12DK-SV FP32.4 QML Q QML V Engineering Samples Standard Military Temperature Ordering Code Package Packing
15
4259A-AERO-06/03
Packaging Information
FP32.435
32F, 32-Lead, Non-Windowed, Ceramic Bottom Brazed Flat Package (Flatpack) Dimensions in Inches and Millimeters MIL-STD-1835 F-18 CONFIG B JEDEC OUTLINE MO-115
16
AT28C010-12DK
4259A-AERO-06/03
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems.
(c) Atmel Corporation 2003. All rights reserved. Atmel, the Atmel logo, and combinations thereof are registered trademarks of Atmel Corporation or its subsidiaries. Other terms and product names in this document may be the trademarks of others. Printed on recycled paper.
4259A-AERO-06/03 xM


▲Up To Search▲   

 
Price & Availability of AT28C010-12DK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X