Part Number Hot Search : 
ON0898 FLX600A PIC16F87 A2284 LPBA50M DUP75 L325D X24022SM
Product Description
Full Text Search
 

To Download ADN8831 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Technical Data
FEATURES
True current sensing and over current protection Separate heating and cooling current limits High efficiency: >90% Long-term temperature stability: 0.1C Temperature lock indication Temperature monitoring output Oscillator synchronization with an external signal Clock phase adjustment for multiple controllers Programmable switching frequency up to 1MHz Programmable maximum TEC voltage Low noise: <0.05% TEC current ripple TEC current monitoring Compact 5mm x 5mm LFCSP
Thermoelectric Cooler (TEC) Controller ADN8831
GENERAL DESCRIPTION
The ADN8831 is a monolithic controller that drives a Thermoelectric Cooler (TEC) to stabilize the temperature of a laser diode or a passive component used in telecommunications equipment. This device relies on a Negative Temperature Coefficient (NTC) thermistor or a positive temperature coefficient RTD device to sense the temperature of the object attached to the TEC. The target temperature is set with an analog input voltage either from a DAC or with an external resistor divider. The loop is stabilized by a PID compensation amplifier with high stability and low noise. The compensation network can be adjusted by the user to optimize temperature settling time. The component values for this network can be calculated based on the thermal transfer function of the laser diode or obtained from the look-up table given in the applications notes. Voltage outputs are provided to monitor both the temperature of the object and the voltage across the TEC. A 2.5V voltage reference is provided for the thermistor temperature sensing bridge.
MOSFET Drivers
APPLICATIONS
Thermoelectric Cooler (TEC) temperature control Resistive heating element control Temperature-Stabilization Substrate (TSS) control
FUNCTIONAL BLOCK DIAGRAM
Thermistor Input Temp Set Input
Error Amplifier
PID Compensation Network
Limiter Controls
An external sense resistor provides true current sensing. Current limits for both heating and cooling can be set independently.
2.5V Reference
Oscillator
Heating ILim
Cooling ILim
VLim
Freq/Phase Control
Rev. PrC
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.326.8703 (c) 2004 Analog Devices, Inc. All rights reserved.
ADN8831
TABLE OF CONTENTS
Specifications 3 Absolute Maximum Ratings 5 Pin Configuration......................................................................... 6 Pin Descriptions ........................................................................... 6
PRELIMINARY TECHNICAL DATA
Theory of Operation 9 Introduction...................................................................................9 Outline Dimensions 10 Ordering Guide 11
REVISION HISTORY
Revision PrC 7/03--Data Sheet Changed from REV PrB to REV PrC.
Rev. C | Page 2 of 11
PRELIMINARY TECHNICAL DATA
SPECIFICATIONS
Table 1. ADN8831--Electrical Characteristics (V+ = 3.0 V to 5.5 V, TA = 25C, unless otherwise noted.)
Parameter TEMPERATURE STABILITY Long Term Stability PWM OUTPUT DRIVERS Output Transition Time Nonoverlapping Clock Delay Output Resistance Output Voltage Swing Output Voltage Ripple Output Current Ripple LINEAR OUTPUT AMPLIFIER Output Resistance Output Voltage Swing POWER SUPPLY Power Supply Voltage Supply Current Shutdown Current Soft-Start Charging Current Undervoltage Lockout Standby Current Standby Threshold ERROR AMPLIFIERS Input Offset Voltage Input Voltage Range Common-Mode Rejection Ratio Output Voltage Range Power Supply Rejection Ratio Output Current Gain Bandwidth Product OSCILLATOR Sync Range Oscillator Frequency Free-Run Oscillation Frequency Phase Adjustment Range Phase Adjustment Default REFERENCE VOLTAGE Reference voltage LOGIC OUTPUTS Logic Low Output Level Logic High Outut Threshold Symbol Conditions 10 k thermistor with = -4.4% at 25C tR, tF RO(N1,P1) SFB SFB ITEC RO, LNGATE RO, LPGATE LFB VDD ISY ISD ISS UVLO ISB VSB VOS1 VOS2 VCM1,2 CMRR1,2 VOUT1,2 PSRR1,2 IOUT1,2 GBW1,2 fCLK fCLK fCLK CLK CLK VREF SYNCIN/SD connected to external clock COMPOSC = VDD, RFREQ = 150k, SYNCIN/SD = VDD COMPOSC = VDD, SYNCIN/SD = VDD 0.1 V VPHASE 2.4 V PHASE = open IREF < 2mA TEMPGD, SYNCOUT VDD 0.2V 2.37 3.0 V VDD 5.0 V -5 2 200 800 100 25 180 2.47 2.57 0.2 1,000 Low to high threshold SINCIN/SD = VDD, SS/SB = 0 V SYNCIN/SD = VDD VCM1 = 1.5 V, VIN1P - VIN1M VCM2 = 1.5 V, VIN2P - VIN2M 0 120 0 120 +5 VDD PWM not switching -40C TA +85 SYNCIN/SD = 0 V CL = 3,300 pF 50 IL = 10 mA VLIM = 0 V fCLK = 1 MHz fCLK = 1 MHz IOUT = 2 mA IOUT = 2 mA 0 3.0 8 5 2 2.5 1 200 10 10 2.7 300 100 100 VDD 0 0.2 0.2 85 178 VDD 5.5 12 15 20 65 6 VDD Min Typ
ADN8831
Max 0.01
Unit C ns ns V % % V V mA mA A A V mA mV V V V dB V dB mA MHz KHz kHz KHz V V V
1,000 1,250 1000 335
Rev. C | Page 3 of 11
ADN8831
PRELIMINARY TECHNICAL DATA
Table 2. ADN8831--Electrical Characteristics (V+ = 3.0 V to 5.5 V, TA = 25C, unless otherwise noted.)
Parameter TEC CURRENT MEASUREMENT ITEC Gain ITEC Output Range ITEC Input Range ITEC Bias Voltage ITEC Output Current TEC VOLTAGE MEASUREMENT VTEC Gain VTEC Output Range VTEC Bias Voltage VTEC Output Current VOLTAGE LIMIT VLIM Gain VLIM Input Range VLIM Input Current, cooling VLIM Input Current, heating VLIM Input Current Accuracy, heating CURRENT LIMIT ILIMC Input Voltage Range ILIMH Input Voltage Range ILIMC Limit Threshold ILIMH Limit Threshold TEMPERATURE GOOD High Threshold Low Threshold Symbol AV,ITEC VITEC VCS, VLFB VITEC, B IOUT,TEC AV,VTEC VVTEC VVTEC,B IVTEC AV,LIM VVLIM IVLIM,COOL IVLIM,HEAT IVLIM,HEAT Conditions VITEC/(VLFB-VCS) Min 98 0 0 1.2 Typ 100 Max 102 VDD VDD 1.3 Unit V/V V V V mA V/V V V mA V/V V nA mA A/A
VLFB = VCS = 0
1.25 1 0.25 1.25 1 5
VVTEC/(VLFB-VSFB) VLFB = VSFB = 2.5V
0.23 0 1.2
0.27 2.5 1.3
VSFB/VVLIM 0 VOUT2 < 1.25V VOUT2 >1.25V IVLIM/IFREQ
VDD 100 IFREQ 1.0 1.1
0.9
VILIMC VILIMH VTH,ILIMC VTH,ILIMH VOUT1,TH1 VOUT1,TH2
VITEC = 2.0V VITEC = 0.5V IN2M tied to OUT2, VIN2P = 1.5V IN2M tied to OUT2, VIN2P = 1.5V
1.25 0 1.98 0.48
2.0 0.5 1.525 1.475
VDD 1.25 2.02 0.52 1.530
V V V V V V
1.470
Rev.Pr C | Page 4 of 11
PRELIMINARY TECHNICAL DATA
ABSOLUTE MAXIMUM RATINGS
Table 3. Absolute Maximum Ratings (at 25C, unless otherwise noted)
Parameter Supply Voltage Input Voltage Storage Temperature Range Operating Temperature Range Operating Junction Temperature Lead Temperature Range (Soldering, 60 Sec) Rating 6V GND to Vs + 0.3V -65C to +150C -40C to +85C 125C 300C
ADN8831
Table 2. Thermal Resistance
Package Type 32-lead LFCSP (ACP) JA1 35 JC 10 Unit C/W
1
JA is specified for the worst-case conditions, i.e., JA is specified for device soldered in circuit board for surface mount packages.
Rev. C | Page 5 of 11
ADN8831
Pin Configuration
PRELIMINARY TECHNICAL DATA
Pin Descriptions
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 Mneumonic ILIMC IN1P IN1M OUT1 IN2P IN2M OUT2 VREF AVDD PHASE TMPGD AGND FREQ SS/SB SYNCO SYNCI/SD COMPOSC PVDD SPGATE SWITCH SNGATE PGND SFB COMPSW LPGATE LNGATE LFB CS ITEC VTEC VLIM ILIMH Type Analog Input Analog Input Analog Input Analog Output Analog Input Analog Input Analog Output Analog Output Power Analog Input Digital Output Ground Analog Input Analog Input Digital Output Digital Input Analog Output Power Analog Output Analog Input Analog Output Ground Analog Input Analog Input Analog Ouput Analog Output Analog Input Analog Input Analog Ouput Analog Ouput Analog Input Analog Input Description Analog input sets TEC cooling current protection limit. Non-inverting input to error amplifier. Inverting input to error amplifier. Output of error amplifer. Non-inverting input to compensation amplifier. Inverting input to compensation amplifier. Output of compensation amplifier. 2.5V Voltage Reference output. Power for non-driver sections. 3.0 V min; 5.5V max. Sets SYNCOUT clock phase relative to SYNCIN clock. Indicates when thermistor temperature is within 0.01C if target temperature as set by TEMPSET voltage. Analog ground. Connect to low noise ground. Sets switching frequency with an external resistor. Sets soft-start time for output voltage. Pull low to put ADN8831 into standby mode (VTEC = 0V). Phase adjustment clock output. Phase set from PHASE pin. Used to drive SYNCIN of other ADN8831 devices. Optional clock input. If not connected, clock frequency is set by FREQ pin. Pull low to put ADN8831 into shutdown mode. Comensation for oscillator; connect capacitor to ground. Power for output driver sections. 3.0V min; 5.5V max. Drives PWM output external PMOS gate. Connects to PWM FET drains. Drives PWM output external NMOS gate. Power ground. External NMOS devices connect to PGND. Connect to digital ground. PWM feedback. Typically connects to TEC- pin of TEC. Comensation for switching amplifier. Drives linear output external PMOS gate. Drives linear output external NMOS gate. Linear feedback. Will typically connect to TEC+ pin of TEC. Connect to output current sense resistor. Indicates TEC current. Indicates TEC voltage. Sets maximum TEC voltage. Sets TEC heating current protection limit.
Rev.Pr C | Page 6 of 11
PRELIMINARY TECHNICAL DATA
DETAILED BLOCK DIAGRAM
ADN8831
Figure 2. Detailed Block Diagram
Rev. C | Page 7 of 11
ADN8831
TYPICAL APPLICATION CIRCUIT
PRELIMINARY TECHNICAL DATA
Figure 3. Typical Application Circuit I
Rev.Pr C | Page 8 of 11
PRELIMINARY TECHNICAL DATA
THEORY OF OPERATION
Introduction
The ADN831 is a thermoelectric cooler (TEC) controller used to set and stabilize the temperature of the TEC. A voltage applied to the input of the ADN8831 corresponds to a target temperature set-point. Using a thermistor to monitor the current temperature of the target object, the ADN8831 applies the appropriate current to the TEC to pump heat either towards or away from the target object until the set-point temperature is reached. Self correcting auto-zero amplifiers (chop1 and chop2) are used in the input and compesation stages of the ADN8831 to provide a maximum offset voltage of 100uV over time and temperature. This results in a final temperature accuracy of 0.01C in typical applications, eliminating the ADN8831 as an error source in the temperature control loop. The TEC is driven differentially using an H-bridge configuration. The ADN8831 drives external transistors that are used to provide the current to the TEC. The maximum voltage across the TEC and current flowing through the TEC can be set using the VLIM and ILIM pins. Additional details are provided in the Setting Voltage and Current Limits section. One side of the H-bridge uses a switched output, while the other is linear. This proprietary configuration allows the
ADN8831
ADN8831 to provide efficiency of >90%, while minimizing external filtering component count. The ADN8831 requires only one inductor and one capacitor to filter the switching frequency of the switched output. For most applications, a 4.7uH inductor, a 22uF capacitor and a switching frequency of 1MHz maintains less than 0.5% worst-case output voltage ripple across the TEC. The switched output is controlled by the ADN8831's oscillator. A single resistor on the FREQ pin (pin #13) sets the switching frequency from 100kHz to 1MHz. The clock output is available at the SYNCO pin (pin #15). Connecting SYNCO to the SYNI pin of another ADN8831 allows multiple ADN8831s to be driven using a single clock. The clock phase can be changed using a simple resistor divider at the PHASE pin )pin #10). Phase adjustment allows two or more ADN8831 devices to operate from the same clock frequency and not have all outputs switch simultaneously, which could create excessive power supply ripple. Details of how to adjust the clock frequency and phase are provided in the Setting the Frequency section. The logic output of the TEMPGD pin (pin #11) indicates when the target temperature is reached. Shutdown, standby, and true current-sensing are also provided by the ADN8831 to protect from catastrophic system failures that could damage the TEC.
Rev. C | Page 9 of 11
ADN8831
OUTLINE DIMENSIONS
PRELIMINARY TECHNICAL DATA
Figure 1. 32-Lead Lead Frame Chip Scale Package [LFCSP] (CP-32) Dimensions Shown in Millimeters
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although these products feature proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev.Pr C | Page 10 of 11
PRELIMINARY TECHNICAL DATA
ORDERING GUIDE
Table 3.
Model ADN8831ACP ADN8831-EVAL Temperature Range -40C to +85C -40C to +85C Package Description 32-Lead Lead Frame Chip Scale Package Evaluation Board Package Option CP-32
ADN8831
(c) 2003 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective companies. PR04663-0-2/04(PrC)
Rev. C | Page 11 of 11


▲Up To Search▲   

 
Price & Availability of ADN8831

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X