Part Number Hot Search : 
DL4756A 2N2907A 5560N BA3933 MJ2501 HMC365 ISL90842 MJD44
Product Description
Full Text Search
 

To Download ADG1211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Technical Data
FEATURES
2 pF off capacitance 1 pC charge injection 33 V supply range 150 on resistance Fully specified at +12 V, 15 V No VL supply required 3 V logic-compatible inputs Rail-to-rail operation 16-lead TSSOP and 16-lead LFCSP packages Typical power consumption: <0.03 W
1 pF Off Capacitance, 1 pC Charge Injection, 15 V/12 V iCMOSTM Quad SPST Switches ADG1211/ADG1212/ADG1213
FUNCTIONAL BLOCK DIAGRAM
S1 IN1 D1 S2 IN2 IN2 D2 S3 IN3 D3 S4 IN4 D4 IN4 D4 IN3 D3 S4 IN4
04778-0-001
S1 IN1 D1 S2 IN2 D2 S3 IN3 IN1
S1 D1 S2 D2
ADG1211
ADG1212
ADG1213
S3 D3 S4 D4
SWITCHES SHOWN FOR A LOGIC 1 INPUT
APPLICATIONS
Automatic test equipment Data aquisition systems Battery-powered systems Sample-and-hold systems Audio signal routing Video signal routing Communication systems
Figure 1.
iCMOS construction ensures ultralow power dissipation, making the parts ideally suited for portable and batterypowered instruments. The ADG1211/ADG1212/ADG1213 contain four independent single-pole/single-throw (SPST) switches. The ADG1211 and ADG1212 differ only in that the digital control logic is inverted. The ADG1211 switches are turned on with Logic 0 on the appropriate control input, while Logic 1 is required for the ADG1212. The ADG1213 has two switches with digital control logic similar to that of the ADG1211; the logic is inverted on the other two switches. Each switch conducts equally well in both directions when on, and has an input signal range that extends to the supplies. In the off condition, signal levels up to the supplies are blocked. The ADG1213 exhibits break-before-make switching action for use in multiplexer applications. Inherent in the design is low charge injection for minimum transients when switching the digital inputs.
GENERAL DESCRIPTION
The ADG1211/ADG1212/ADG1213 are monolithic CMOS devices containing four independently selectable switches designed on an iCMOS process. iCMOS (industrial-CMOS) is a modular manufacturing process combining high voltage CMOS (complementary metal-oxide semiconductor) and bipolar technologies. It enables the development of a wide range of high performance analog ICs capable of 30 V operation in a footprint that no previous generation of high voltage parts has been able to achieve. Unlike analog ICs using conventional CMOS processes, iCMOS components can tolerate high supply voltages, while providing increased performance, dramatically lower power consumption, and reduced package size. The ultralow capacitance and charge injection of these switches make them ideal solutions for data acquisition and sample-andhold applications, where low glitch and fast settling are required. Fast switching speed coupled with high signal bandwidth make the parts suitable for video signal switching.
PRODUCT HIGHLIGHTS
1. 2. 3. 4. 5. 6. 2 pF off capacitance (15 V supply). 1 pC charge injection. 3 V logic-compatible digital inputs: VIH = 2.0 V, VIL = 0.8 V. No VL logic power supply required. Ultralow power dissipation: <0.03 W. 16-lead TSSOP and 4 mm x 4 mm LFCSP packages.
Rev. PrE
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.326.8703 (c) 2004 Analog Devices, Inc. All rights reserved.
ADG1211/ADG1212/ADG1213 TABLE OF CONTENTS
Specifications..................................................................................... 3 Single Supply ................................................................................. 3 Absolute Maximum Ratings............................................................ 6 ESD Caution.................................................................................. 6 Pin Configurations and Function Descriptions ........................... 7
Preliminary Technical Data
Terminology .......................................................................................8 Typical Performance Characteristics ..............................................9 Test Circuits..................................................................................... 12 Outline Dimensions ....................................................................... 14 Ordering Guide .......................................................................... 14
REVISION HISTORY
11/04--Revision PrE: Preliminary Version
Rev. PrE | Page 2 of 16
Preliminary Technical Data SPECIFICATIONS
SINGLE SUPPLY
VDD = 15 V 10%, VSS = -15 V, GND = 0 V, unless otherwise noted. Table 1.
Parameter ANALOG SWITCH Analog Signal Range On Resistance (RON) On Resistance Match between Channels (RON) On Resistance Flatness (RFLAT(ON)) LEAKAGE CURRENTS Source Off Leakage, IS (Off) Drain Off Leakage, ID (Off) 25C 85C Y Version1 VDD to VSS 180 Unit
ADADG1211/ADG1212/ADG1213
Test Conditions/Comments
120 5
160
V typ max typ max typ max nA typ nA max nA typ nA max nA typ
VS = 10 V, IS = -10 mA; Figure 20 VS = 10 V , IS = -10 mA
25 50 0.01 0.5 0.01 0.5
VS = -5 V/0 V/+5 V; IS = -10 mA VDD = +10 V, VSS = -10 V VS = 0 V/10 V, VD = 10 V/0 V; Figure 21 VS = 0 V/10 V, VD = 10 V/0 V; Figure 21
1
5
1
5
Channel On Leakage, ID, IS (On)
0.04 1
VS = VD = 0 V or 10 V; Figure 22
2
5
2.0 0.8 2.5 0.5
nA max
DIGITAL INPUTS Input High Voltage, VINH Input Low Voltage, VINL Input Current, IINL or IINH Digital Input Capacitance, CIN DYNAMIC CHARACTERISTICS2 tON tOFF Break-before-Make Time Delay, tD Charge Injection Off Isolation Channel-to-Channel Crosstalk Total Harmonic Distortion + Noise -3 dB Bandwidth CS (Off) CD (Off) CD, CS (On) POWER REQUIREMENTS IDD IDD ISS
0.005 5 50 15 15
V min V max A typ A max pF typ ns typ ns max ns typ ns max ns typ ns min pC typ dB typ dB typ % typ MHz typ pF typ pF typ pF typ A typ A max A typ A max A typ A max
VIN = VINL or VINH
1 1 75 85 0.002 700 2 2 4 0.001 5.0 0.001 5.0 0.001 5.0
Rev. PrE | Page 3 of 16
RL = 300 , CL = 35 pF VS = 10 V; Figure 23 RL = 300 , CL = 35 pF VS = 10 V; Figure 23 RL = 300 , CL = 35 pF VS1 = VS2 = 10 V; Figure 24 VS = 0 V, RS = 0 , CL = 1 nF; Figure 25 RL = 50 , CL = 5 pF, f = 1 MHz; Figure 26 RL = 50 , CL = 5 pF, f = 1 MHz; Figure 27 RL = 600 , 5 V rms, f = 20 Hz to 20 kHz RL = 50 , CL = 5 pF; Figure 28
VDD = +16.5 V, VSS = -16.5 V Digital Inputs = 0 V or VDD Digital Inputs = 5 V Digital Inputs = 0 V or VDD
ADG1211/ADG1212/ADG1213
Parameter IGND IGND 25C 0.001 0.001 5.0
Temperature range for Y Version is -40C to +125C. Guaranteed by design, not subject to production test.
Preliminary Technical Data
85C Y Version1 5.0 Unit A typ A max A typ A max Test Conditions/Comments Digital Inputs = 0 V or VDD Digital Inputs = 5 V
1 2
VDD = 12 V 10%, VSS = 0 V, GND = 0 V, unless otherwise noted. Table 2.
Parameter ANALOG SWITCH Analog Signal Range On Resistance (RON) On Resistance Match between Channels (RON) On -Resistance Flatness (RFLAT(ON)) LEAKAGE CURRENTS Source Off Leakage, IS (Off) Drain Off Leakage, ID (Off) Channel On Leakage, ID, IS (On) DIGITAL INPUTS Input High Voltage, VINH Input Low Voltage, VINL Input Current, IINLor IINH Digital Input Capacitance, CIN DYNAMIC CHARACTERISTICS2 tON tOFF Break-before-Make Time Delay, tD Charge Injection Off Isolation Channel-to-Channel Crosstalk -3 dB Bandwidth CS (Off) CD (Off) CD, CS (On) 25C 85C Y Version1 0 V to VDD 220 1 250 Unit V typ max typ max typ nA typ nA max nA typ nA max nA typ nA max V min V max A typ A max pF typ ns typ ns max ns typ ns max ns typ ns min pC typ dB typ dB typ MHz typ pF typ pF typ pF typ Test Conditions/Comments
VS = +10 V, IS = -10 mA; Figure 20 VS = +10 V, IS = -10 mA
12 0.01 0.5 0.01 0.5 0.04 1
VS = -5 V/0 V/+5 V, IS = -10 mA VDD = 12 V VS = 1 V/10 V, VD = 10 V/0 V; Figure 21 VS = 1 V/10 V, VD = 10 V/0 V; Figure 21 VS = VD = 1 V or 10 V; Figure 22
2.5 2.5 5 2.0 0.8
0.001 0.5 5 50 15 15 1 5 75 85 100 2 2 4
VIN = VINL or VINH
RL = 300 , CL = 35 pF VS = 8 V; Figure 23 RL = 300 , CL = 35 pF VS = 8 V; Figure 23 RL = 300 , CL = 35 pF VS1 = VS2 = 8 V; Figure 24 VS = 0 V, RS = 0 , CL = 1 nF; Figure 25 RL = 50 , CL = 5 pF, f = 1 MHz; Figure 267 RL = 50 , CL = 5 pF, f = 1 MHz; Figure 27 RL = 50 , CL = 5 pF; Figure 28
Rev. PrE | Page 4 of 16
Preliminary Technical Data
Parameter POWER REQUIREMENTS IDD IDD 25C 0.001 5.0 0.001 5.0
Temperature range for Y Version is -40C to +125C. Guaranteed by design, not subject to production test.
ADADG1211/ADG1212/ADG1213
85C Y Version1 Unit A typ A max A typ A max Test Conditions/Comments VDD = 13.2 V Digital Inputs = 0 V or VDD Digital Inputs = 5 V
1 2
Rev. PrE | Page 5 of 16
ADG1211/ADG1212/ADG1213 ABSOLUTE MAXIMUM RATINGS
TA = 25C, unless otherwise noted. Table 3.
Parameter VDD to VSS VDD to GND VSS to GND Analog Inputs1 Digital Inputs1 Peak Current, S or D Continuous Current, S or D Operating Temperature Range Industrial (B Version) Automotive (Y Version) Storage Temperature Range Junction Temperature 16-Lead TSSOP, JA Thermal Impedance 16-Lead LFCSP, JA Thermal Impedance Lead Temperature, Soldering Vapor Phase (60 s) Infrared (15 s) Rating 35 V -0.3 V to +25 V +0.3 V to -25 V VSS - 0.3 V to VDD + 0.3 V GND - 0.3 V to VDD + 0.3 V or 30 mA, whichever occurs first 100 mA (pulsed at 1 ms, 10% duty cycle max) 30 mA -40C to +85C -40C to +125C -65C to +150C 150C 150.4C/W 30.4C/W
Preliminary Technical Data
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Only one absolute maximum rating may be applied at any one time. Table 4. ADG1211/ADG1212 Truth Table
ADG1211 In 0 1 ADG1212 In 1 0 Switch Condition On Off
Table 5. ADG1213 Truth Table
Logic 0 1 Switch 1, 4 Off On Switch 2, 3 On Off
215C 220C
1
Overvoltages at IN, S, or D are clamped by internal diodes. Current should be limited to the maximum ratings given.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. PrE | Page 6 of 16
Preliminary Technical Data PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADADG1211/ADG1212/ADG1213
ADG1211/ADG1212/ADG1213
15 IN1 16 D1 14 IN2 13 D2
IN1 D1 S1 VSS GND S4 D4 IN4
1 2 3 4 5 6 7 8
16 15
IN2 D2 S2 VDD NC S3 D3
04788-0-002
ADG1211/ ADG1212/ ADG1213
TOP VIEW
14 13 12 11 10 9
S1 1 VSS 2 GND 3 S4 4
PIN 1 INDICATOR
12 S2 11 VDD 10 NC 9 S3
TOP VIEW (Not to Scale)
IN4 6
IN3 7
D4 5
D3 8
IN3
NC = NO CONNECT
NC = NO CONNECT
Figure 2. TSSOP Pin Configuration
Figure 3. LFCSP Pin Configuration
Table 6. Pin Function Descriptions
TSSOP 1 2 3 4 5 6 7 8 0 10 11 12 13 14 15 16 Pin No. LFCSP 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Mnemonic IN1 D1 S1 VSS GND S4 D4 IN4 IN3 D3 S3 NC VDD S2 D2 IN2 Function Logic Control Input. Drain Terminal. Can be an input or output. Source Terminal. Can be an input or output. Most Negative Power Supply Potential. Ground (0 V) Reference. Source Terminal. Can be an input or output. Drain Terminal. Can be an input or output. Logic Control Input. Logic Control Input. Drain Terminal. Can be an input or output. Source Terminal. Can be an input or output. No Connection. Most Positive Power Supply Potential. Source Terminal. Can be an input or output. Drain Terminal. Can be an input or output. Logic Control Input.
Rev. PrE | Page 7 of 16
04778-0-003
ADG1211/ADG1212/ADG1213 TERMINOLOGY
IDD The positive supply current. ISS The negative supply current. VD (VS) The analog voltage on Terminals D and S. RON The ohmic resistance between D and S. RFLAT(ON) Flatness is defined as the difference between the maximum and minimum value of on resistance, as measured over the specified analog signal range. IS (Off) The source leakage current with the switch off. ID (Off) The drain leakage current with the switch off. ID, IS (On) The channel leakage current with the switch on. VINL The maximum input voltage for Logic 0. VINH The minimum input voltage for Logic 1. IINL (IINH) The input current of the digital input. CS (Off) The off switch source capacitance, measured with reference to ground.
Preliminary Technical Data
CD (Off) The off switch drain capacitance, measured with reference to ground. CD, CS (On) The on switch capacitance, measured with reference to ground. CIN The digital input capacitance. tON The delay between applying the digital control input and the output switching on. See Figure 23. tOFF The delay between applying the digital control input and the output switching off. Charge Injection A measure of the glitch impulse transferred from the digital input to the analog output during switching. Off Isolation A measure of unwanted signal coupling through an off switch. Crosstalk A measure of unwanted signal that is coupled through from one channel to another as a result of parasitic capacitance. Bandwidth The frequency at which the output is attenuated by 3 dB. On Response The frequency response of the on switch. Insertion Loss The loss due to the on resistance of the switch.
Rev. PrE | Page 8 of 16
Preliminary Technical Data TYPICAL PERFORMANCE CHARACTERISTICS
ADADG1211/ADG1212/ADG1213
Figure 4. On Resistance as a Function of VD (VS) for Single Supply
Figure 7. On Resistance as a Function of VD (VS) for Different Temperatures, Single Supply
Figure 5. On Resistance as a Function of VD (VS) for Dual Supply
Figure 8. On Resistance as a Function of VD (VS) for Different Temperatures, Dual Supply
Figure 6. On Resistance as a Function of VD (VS) for Different Temperatures, Single Supply
Figure 9. Leakage Currents as a Function of VD (VS)
Rev. PrE | Page 9 of 16
ADG1211/ADG1212/ADG1213
Preliminary Technical Data
Figure 10. Leakage Currents as a Function of VD (VS)
Figure 13. Leakage Currents as a Function of Temperature
Figure 11. Leakage Currents as a Function of VD (VS)
Figure 14. Supply Current vs. Input Switching Frequency
Figure 12. Leakage Currents as a Function of Temperature
Figure 15. Charge Injection vs. Source Voltage
Rev. PrE | Page 10 of 16
Preliminary Technical Data
ADADG1211/ADG1212/ADG1213
Figure 16. TON/TOFF Times vs. Temperature
Figure 18. Crosstalk vs. Frequency
Figure 17. Off Isolation vs. Frequency
Figure 19. On Response vs. Frequency
Rev. PrE | Page 11 of 16
ADG1211/ADG1212/ADG1213 TEST CIRCUITS
IDS V1 S D
04778-0-020
Preliminary Technical Data
IS (OFF) A VS S D
ID (OFF) A
04778-0-021
ID (ON)
NC
S
D
A VD
04778-0-022
VS
RON = V1/IDS
VD
NC = No Connect
Figure 20. Test Circuit 1--On Resistance
Figure 21. Test Circuit 2--Off Leakage
Figure 22. Test Circuit 3 --On Leakage
VDD 0.1F
VSS 0.1F VIN VOUT VIN RL 300V GND CL 35pF VOUT
ADG1211
50%
50%
VDD S VS
VSS D
ADG1212
50% 90%
50% 90%
04778-0-023
IN
tON
tOFF
Figure 23. Test Circuit 4--Switching Times
VDD 0.1F
VSS 0.1F VIN 0V 50% 50%
VDD VS1 VS2 S1 S2
VSS D1 D2 RL 300V CL 35pF VOUT2 RL 300V CL 35pF VOUT1 VOUT1 0V
90%
90%
VOUT2 0V
90%
90%
GND
tD
Figure 24. Test Circuit 5--Break Before Make Time Delay
VDD
VSS
VDD RS S
VSS D VOUT CL 1nF GND
VIN
ADG1212
ON OFF
VS
IN
VIN VOUT
ADG1211
QINJ = CL3 DVOUT
04778-0-025
DVOUT
Figure 25. Test Circuit 6--Charge Injection
Rev. PrE | Page 12 of 16
04778-0-024
IN1, IN2
ADG1213
tD
Preliminary Technical Data
VDD 0.1F VSS 0.1F NETWORK ANALYZER
ADADG1211/ADG1212/ADG1213
VDD 0.1F VSS 0.1F NETWORK ANALYZER
VDD S IN
VSS
VDD S
VSS
50 D
50 VS VOUT
50 VS D VOUT
IN
VIN GND
RL 50
VIN GND
04778-0-026
RL 50
OFF ISOLATION = 20 LOG
VOUT VS
INSERTION LOSS = 20 LOG
VOUT WITH SWITCH VOUT WITHOUT SWITCH
Figure 26. Test Circuit 7--Off Isolation
Figure 28. Test Circuit 9--Bandwidth
VDD 0.1F NETWORK ANALYZER VOUT RL 50
VSS 0.1F
VDD S1
VSS
D S2 VS GND
R 50
CHANNEL-TO-CHANNEL CROSSTALK = 20 LOG
VOUT VS
Figure 27. Test Circuit 8--Channel-to-Channel Crosstalk
04778-0-027
Rev. PrE | Page 13 of 16
04778-0-028
ADG1211/ADG1212/ADG1213 OUTLINE DIMENSIONS
5.10 5.00 4.90
Preliminary Technical Data
16
9
4.50 4.40 4.30
1 8
6.40 BSC
PIN 1 1.20 MAX 0.20 0.09 0.65 BSC 0.30 0.19 COPLANARITY 0.10 SEATING PLANE 8 0 0.75 0.60 0.45
0.15 0.05
COMPLIANT TO JEDEC STANDARDS MO-153AB
Figure 29. 16-Lead Thin Shrink Small Outline Package [TSSOP] (RU-16) Dimensions shown in millimeters
4.00 BSC SQ
0.60 MAX 0.60 MAX
13 12 16 1
PIN 1 INDICATOR 2.25 2.10 SQ 1.95 0.25 MIN 1.95 BSC
PIN 1 INDICATOR
TOP VIEW
0.65 BSC 3.75 BSC SQ 0.75 0.60 0.50
EXPOSED PAD
(BOTTOM VIEW)
9 8 5
4
12 MAX 1.00 0.85 0.80
0.80 MAX 0.65 TYP 0.05 MAX 0.02 NOM
SEATING PLANE
0.30 0.23 0.18
0.20 REF
COPLANARITY 0.08
COMPLIANT TO JEDEC STANDARDS MO-220-VGGC
Figure 30. 16-Lead Lead Frame Chip Scale Package [VQ_LFCSP] 4 mm x 4 mm Body, Very Thin Quad (CP-16-4) Dimensions shown in millimeters
ORDERING GUIDE
Model ADG1211YRU ADG1211YCP ADG1212YRU ADG1212YCP ADG1213YRU ADG1213YCP Temperature Range -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C Package Description Thin Shrink Small Outline Package (TSSOP) Lead Frame Chip Scale Package (LFCSP) Thin Shrink Small Outline Package (TSSOP) Lead Frame Chip Scale Package (LFCSP) Thin Shrink Small Outline Package (TSSOP) Lead Frame Chip Scale Package (LFCSP) Package Option RU-16 CP-16-4 RU-16 CP-16-4 RU-16 CP-16-4
Rev. PrE | Page 14 of 16
Preliminary Technical Data NOTES
ADADG1211/ADG1212/ADG1213
Rev. PrE | Page 15 of 16
ADG1211/ADG1212/ADG1213 NOTES
Preliminary Technical Data
(c) 2004 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. PR04778-0-11/04(PrE)
Rev. PrE | Page 16 of 16


▲Up To Search▲   

 
Price & Availability of ADG1211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X