Part Number Hot Search : 
37101 716M6 7005S55J RER22 CD2025 LV320MH LM2CY20W PLS159
Product Description
Full Text Search
 

To Download 74LVX08MTC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVX08 Low Voltage Quad 2-Input AND Gate
May 1993 Revised February 2005
74LVX08 Low Voltage Quad 2-Input AND Gate
General Description
The LVX08 contains four 2-input AND gates. The inputs tolerate voltages up to 7V allowing the interface of 5V systems to 3V systems.
Features
s Input voltage level translation from 5V to 3V s Ideal for low power/low noise 3.3V applications s Guaranteed simultaneous switching noise level and dynamic threshold performance
Ordering Code:
Order Number 74LVX08M 74LVX08SJ 74LVX08MTC 74LVX08MTCX_NL (Note 1) Package Number M14A M14D MTC14 MTC14 Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Devices also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code. Pb-Free package per JEDEC J-STD-020B. Note 1: "_NL" indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
Pin Names An , Bn On Description Inputs Outputs
(c) 2005 Fairchild Semiconductor Corporation
DS011602
www.fairchildsemi.com
74LVX08
Absolute Maximum Ratings(Note 2)
Supply Voltage (VCC) DC Input Diode Current (IIK) VI
0.5V to 7.0V 20 mA 0.5V to 7V 20 mA 20 mA 0.5V to VCC 0.5V r25 mA r50 mA 65qC to 150qC
180 mW 240qC
Recommended Operating Conditions (Note 3)
Supply Voltage (VCC) Input Voltage (VI) Output Voltage (VO) Operating Temperature (TA) Input Rise and Fall Time ('t/'V) 2.0V to 3.6V 0V to 5.5V 0V to VCC
0.5V
DC Input Voltage (VI) DC Output Diode Current (IOK) VO VO
40qC to 85qC
0 ns/V to 100 ns/V
0.5V VCC 0.5V
DC Output Voltage (VO) DC Output Source or Sink Current (IO) DC VCC or Ground Current (ICC or IGND) Storage Temperature (TSTG) Power Dissipation Lead Temperature (TL) (Soldering, 10 seconds)
Note 2: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH Parameter HIGH Level Input Voltage VCC 2.0 3.0 3.6 VIL LOW Level Input Voltage 2.0 3.0 3.6 VOH HIGH Level Output Voltage 2.0 3.0 3.0 VOL LOW Level Output Voltage 2.0 3.0 3.0 IIN ICC Input Leakage Current Quiescent Supply Current 3.6 3.6 1.9 2.9 2.58 0.0 0.0 0.1 0.1 0.36 2.0 3.0 TA Min 1 2.0 2.4 0.5 0.8 0.8 1.9 2.9 2.48 0.1 0.1 0.44 V VIN V
25qC
Typ Max
TA
40qC to 85qC
Min 1.5 2.0 2.4 0.5 0.8 0.8 Max
Units
Conditions
V
V VIN VIL or VIH IOH IOH IOH V IL or VIH IOL IOL IOL VIN VIN 5.5V or GND VCC or GND
50 PA 50 PA 4 mA
50 PA 50 PA 4 mA
r0.1
2.0
r1.0
20.0
PA PA
Noise Characteristics (Note 4)
Symbol VOLP VOLV VIHD VILD Parameter Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum HIGH Level Dynamic Input Voltage Maximum LOW Level Dynamic Input Voltage
tf 3 ns
VCC (V) 3.3 3.3 3.3 3.3
TA Typ 0.3
25qC Limit 0.5
Units V V V V
CL (pF) 50 50 50 50
0.3
0.5
2.0 0.8
Note 4: Input tr
www.fairchildsemi.com
2
74LVX08
AC Electrical Characteristics
Symbol tPLH tPHL 3.3 r 0.3 tOSLH tOSHL Output to Output Skew (Note 5) 2.7 3.3
|t PLHm tPLHn|, tOSHL
Parameter Propagation Delay Time
VCC (V) 2.7 Min
TA
25qC
Typ 6.3 8.8 4.8 7.3 Max 11.4 14.9 7.1 10.6 1.5 1.5
TA 40qC to 85qC Min 1.0 1.0 1.0 1.0 Max 13.5 17.0 8.5 12.0 1.5 1.5
Units
CL (pF) 15
ns
50 15 50 50
ns
Note 5: Parameter guaranteed by design. tOSLH
|t PHLm tPHLn|
Capacitance
Symbol CIN CPD Input Capacitance Power Dissipation Capacitance (Note 6)
Note 6: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Parameter Min
TA
25qC
Typ 4 18 Max 10
TA
40qC to 85qC
Min Max 10
Units pF pF
3
www.fairchildsemi.com
74LVX08
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M14A
www.fairchildsemi.com
4
74LVX08
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M14D
5
www.fairchildsemi.com
74LVX08 Low Voltage Quad 2-Input AND Gate
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC14
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LVX08MTC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X