Part Number Hot Search : 
T201117 PJP2NA90 Q2406 C123J 00C11 2152A5 AAT2557 IRFS4
Product Description
Full Text Search
 

To Download 74HCT11N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications * The IC06 74HC/HCT/HCU/HCMOS Logic Package Information * The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines
74HC/HCT11 Triple 3-input AND gate
Product specification File under Integrated Circuits, IC06 December 1990
Philips Semiconductors
Product specification
Triple 3-input AND gate
FEATURES * Output capability: standard * ICC category: SSI GENERAL DESCRIPTION
74HC/HCT11
The 74HC/HCT11 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A. The 74HC/HCT11 provide the 3-input AND function. QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf = 6 ns TYPICAL SYMBOL tPHL/ tPLH CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz fo = output frequency in MHz CL = output load capacitance in pF VCC = supply voltage in V (CL x VCC2 x fo) = sum of outputs 2. For HC the condition is VI = GND to VCC For HCT the condition is VI = GND to VCC - 1.5 V ORDERING INFORMATION See "74HC/HCT/HCU/HCMOS Logic Package Information". PARAMETER propagation delay nA, nB, nC to nY input capacitance power dissipation capacitance per gate notes 1 and 2 CONDITIONS HC CL = 15 pF; VCC = 5 V 10 3.5 18 11 3.5 20 HCT ns pF pF UNIT
December 1990
2
Philips Semiconductors
Product specification
Triple 3-input AND gate
PIN DESCRIPTION PIN NO. 1, 3, 9 2, 4, 10 7 12, 6, 8 13, 5, 11 14 SYMBOL 1A to 3A 1B to 3B GND 1Y to 3Y 1C to 3C VCC NAME AND FUNCTION data inputs data inputs ground (0 V) data outputs data inputs positive supply voltage
74HC/HCT11
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
FUNCTION TABLE INPUTS nA L L L L H H H Fig.4 Functional diagram. Fig.5 Logic diagram (one gate). H Notes 1. H = HIGH voltage level L = LOW voltage level nB L L H H L L H H nC L H L H L H L H OUTPUT nY L L L L L L L H
December 1990
3
Philips Semiconductors
Product specification
Triple 3-input AND gate
DC CHARACTERISTICS FOR 74HC For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: standard ICC category: SSI AC CHARACTERISTICS FOR 74HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HC SYMBOL PARAMETER +25 min. tPHL/ tPLH propagation delay nA, nB, nC to nY typ. 32 12 10 tTHL/ tTLH output transition times 19 7 6 max. 100 20 17 75 15 13 -40 to +85 min. max. 125 25 21 95 19 16 -40 to +125 min. max. 150 30 26 110 22 19 ns ns UNIT
74HC/HCT11
TEST CONDITIONS VCC WAVEFORMS (V) 2.0 4.5 6.0 2.0 4.5 6.0 Fig.6 Fig.6
December 1990
4
Philips Semiconductors
Product specification
Triple 3-input AND gate
DC CHARACTERISTICS FOR 74HCT For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: standard ICC category: SSI
74HC/HCT11
Note to HCT types The value of additional quiescent supply current (ICC) for a unit load of 1 is given in the family specifications. `To determine ICC per input, multiply this value by the unit load coefficient shown in the table below. INPUT nA, nB, nC UNIT LOAD COEFFICIENT 1.00
AC CHARACTERISTICS FOR 74HCT GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HCT SYMBOL PARAMETER +25 min. tPHL/ tPLH tTHL/ tTLH propagation delay nA, nB, nC to nY output transition times typ. 16 7 max. 24 15 -40 to +85 min. max. 30 19 -40 to +125 min. max. 36 22 ns ns 4.5 4.5 Fig.6 Fig.6 UNIT VCC (V) WAVEFORMS TEST CONDITIONS
AC WAVEFORMS
(1) HC : VM = 50%; VI = GND to VCC HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.6
Waveforms showing the input (nA, nB, nC) to output (nY) propagation delays and the output transition times.
PACKAGE OUTLINES See "74HC/HCT/HCU/HCMOS Logic Package Outlines".
December 1990
5
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 74HCT11N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X