Part Number Hot Search : 
19C20 BA5915FP MAX3229 TM6118 B176H 1590G MC1024 MC14405
Product Description
Full Text Search
 

To Download 65PQ015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20998 rev. C 08/01
65PQ015
SCHOTTKY RECTIFIER 65 Amps
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 65Apk, TJ=125C range
Description/Features
The 65PQ015 Schottky rectifier module has been optimized for ultra low forward voltage drop specifically for the OR-ing of parallel power supplies. The proprietary barrier technology allows for reliable operation up to 125 C junction temperature. Typical applications are in parallel switching power supplies, converters, reverse battery protection, and redundant power subsystems. TO-247 package 125C TJ operation (VR < 5V) Single diode configuration Optimized for OR-ing applications Ultra low forward voltage drop Guard ring for enhanced ruggedness and long term reliability High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
65PQ015 Units
65 15 1500 0,46 - 55 to 125 A V A V C
Case Styles
65PQ015
Base Cathode
2
1
3
Anode
Anode
TO-247AC
1
65PQ015
Bulletin PD-20998 rev. C 08/01
Voltage Ratings
Part number
VR VR Max. DC Reverse Voltage (V) Max. DC Reverse Voltage (V) @ TJ = 100 C @ TJ = 125 C
65PQ015
15 5
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current Non-Repetitive Avalanche Energy Repetitive Avalanche Current
60PQ015 Units
65 1500 400 9 2 A A mJ A
Conditions
50% duty cycle @ TC = 83C, rectangular wave form 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied
TJ = 25 C, IAS = 2 Amps, L = 4.5 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Forward Voltage Drop (1)
65PQ015 Units
0,50 0,71 0,46 0,76 18 (1) 870 1.2 0,137 4,9 4300 8 10000 V V V V mA mA A mV m pF nH V/ s @ 65A @ 130A @ 65A @ 130A
Conditions
TJ = 25 C TJ = 125 C VR = rated VR VR = 5V
IRM
Reverse Leakage Current
TJ = 25 C TJ = 100 C TJ = 125 C TJ = TJ max.
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance Typical Series Inductance
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
(1) Pulse Width < 300s, Duty Cycle <2%
65PQ015 Units
-55 to 125 -55 to 150 0.8 0.3 6 (0.21) Min. Max. 6 (5) 12 (10) C C C/W C/W g (oz.)
Conditions
RthJC Max. Thermal Resistance Junction to Case RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight MountingTorque Case Style
DC operation Mounting surface , smooth and greased
Kg-cm Non-lubricated threads (Ibf-in)
TO-247AC(TO-3P) JEDEC
2
www.irf.com
65PQ015
Bulletin PD-20998 rev. C 08/01
1000
10 0 0 T J = 100 C Reve rse C urren t - I R (m A ) 75 C
100
50 C 10 25 C
In st a nt an e ous Fo rw a rd C urre nt - I F (A)
100
1 0 2 4 6 8 10 12 14 16 Reverse V olta ge - VR (V )
Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
T = 12 5 C
J
1 0 00 0 (p F)
T = 10 0 C
J
10
T = 25 C
J
J unction C ap a citan ce - C
T J = 25 C
T
1 0 0 .5 1 1 .5 Forw a rd V olta g e D ro p - V (V )
FM
10 0 0
2
2
4
6
8
10
12
14
16
Reverse V olta ge - VR (V )
Fig. 1 - Maximum Forward Voltage Drop Characteristics
1 Therm al Im pedance Z thJC ( C /W ) D D D D D 0 .1 = = = = = 0 .75 0 .50 0 .33 0 .25 0 .2 0
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
PD M
t1 Notes: Sin g le P u lse (Th erm a l R esista nc e) 0.0 1 0 .0 000 1 t2
1. D uty factor D = t 1/ t 2 2. Peak TJ = PD M x Z thJC+ T C 0 .1 1 10 1 00
0.00 0 1
0.00 1
0 .01
t 1 , R ec ta n g ula r Pu lse Du ra tio n (Seco n d s)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
www.irf.com
3
65PQ015
Bulletin PD-20998 rev. C 08/01
150 A llo wab le C ase Tem p eratur e - ( C ) A ve ra ge P ow er Loss - (W atts) 80 D D D D D = = = = = 0.20 0.25 0.33 0.50 0.75
120 DC 90
60
40 RM S Lim it DC
60
Sq ua re w ave (D = 0.50) 5 V a pp lied
30
se e no te (2)
20
0 0 20 40 60 80 10 0 Averag e Forw a rd C urrent - I F(AV ) (A )
0 0 20 40 60 80 1 00 Averag e Forw a rd C urrent - I F (AV ) (A )
Fig. 5 - Maximum Allowable Case Temperature Vs. Average Forward Current
10000 N on -Repe titive Surge C urre nt - I FSM (A )
Fig. 6 - Forward Power Loss Characteristics
At An y Rated Load C ond ition An d W ith Rated V RRM Ap plied Follow in g Surg e 1000
100 10
100
1000
10000
Sq uare W ave Pulse D uration - t p (m icrosec)
Fig. 7 - Maximum Non-Repetitive Surge Current
L H IG H-SPE ED SW ITC H FR EE-W H E EL D IO D E 40H FL40 S02 V d = 25 V olt
D UT
IRFP460 Rg = 25 ohm
+
C URRE NT M O N ITO R
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 5 V
4
www.irf.com
65PQ015
Bulletin PD-20998 rev. C 08/01
Outline Table
3. 65 (0 .14 4) 3. 55 (0 .13 9) 5. 30 (0 .20 9) 4.70 ( 0.185) 2.5 ( 0.098)
1.5 ( 0.059)
15 .90 (0 .626 ) 15 .30 (0 .602 )
DIA.
5. 70 (0 .22 5) 5.30 ( 0.208) 20 .30 (0 .800 ) 19 .70 (0 .775 ) 5.50 ( 0.217) 4. 50 (0 .17 7) 1 2 3 (2 PLCS.)
Base Cathode
2
14. 80 ( 0.583)
14 .20 (0 .559 )
4. 30 (0 .17 0) 3. 70 (0 .14 5) 2. 20 (0 .08 7)
1
3
Anode
Anode
1. 40 (0 .05 6)
2. 40 (0 .09 5) MAX. 0.80 ( 0.032) 0. 40 (0 .21 3)
MAX.
1. 00 (0 .03 9) 10. 94 ( 0.430) 10 .86 (0 .427 )
Conform to JEDEC outline TO-247AC (TO-3P) Dimensions in millimeters and (inches)
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 08/01
www.irf.com
5


▲Up To Search▲   

 
Price & Availability of 65PQ015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X