Part Number Hot Search : 
Z85233 PIC18 M450V DEVICE D20400 PD754 M2532 MS4012F
Product Description
Full Text Search
 

To Download 5B40-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Isolated, Wide Bandwidth Millivolt and Voltage Input 5B40 & 5B41
FEATURES
Isolated Analog Input Voltages. Amplifies, Protects, and Filters Analog Input. 10kHz bandwidth which ideally suits them to measuring signals that vary rapidly with time. Generates an output of -5V to +5V. Module circuitry can withstand 240v rms at the input screwterminals. All 5B40 & 5B41 series modules are mix-and-match and Hot Swappable.
Figure 1. 5B40 and 5B41 Functional Block Diagram
FUNCTIONAL BLOCK DIAGRAM
APPLICATIONS
Industrial signal conditioning Industrial signal isolation Industrial signal filtering
There are also a number of backplanes and mounting sockets which provide a complete signal conditioning solution for end users. Each backplane incorporates screw terminals for field wiring inputs and outputs and cold junction sensors for thermocouple applications. These signal conditioners are designed to provide an easy and convenient solution to signal conditioning problems of both designers and end users in measurement and control applications. Typical uses include microcomputer-based measurement systems, standard data acquisition systems, programmable controllers, analog recorders and dedicated control systems. The 5 B series modules are ideally suited to applications where monitoring and control of temperature, pressure, flow, rotation and other analog signals are required. The 5B Series modules and backplanes are approved by Factory Mutual (FM) and the 5B Series modules are approved by the Canadian Standards Association (CSA) for use in Class 1, Division 2, Groups A, B, C, and D locations. These approvals certify that the 5B Series is suitable for use in locations where a hazardous concentration of flammable gas may exist only under fault conditions of operation. Equipment of this category is called "nonincendive" and they need no special enclosures or other physical safeguards. The 5B series modules and backplanes have been tested and passed the stringent heavy industrial requirements of the European Union's electromagnetic compatibility (ENC) directive - EN50082-1 and EN50081-2. When used according to installation directions (refer to 5B series User Manual), any errors caused by EMI/RFI interference will be less than 0.1% of the full scale 5B measurement range for field strengths up to 10 V/M and frequencies up to 1 GHz.
PRODUCT OVERVIEW
The 5B Series represents an innovative generation of low cost, high performance plug-in signal conditioners. Designed for industrial applications, these modules incorporate highly reliable transformer-based isolation and automated surfacemount manufacturing technology. They are compact, economical components whose performance exceeds that available from more expensive devices. Combining 1500 V rms continuous isolation, +0.05% calibrated accuracy, small size and low cost, the 5B Series is an attractive alternative to expensive signal conditioners and in-house designs All modules are potted and identical in pin-out and size (2.27" x 2.32" x 0.595"). They can be mixed and matched, permitting users to address their exact needs, and may be "hot swapped without disturbing field wiring or power. The isolated input modules provide 0 to +5V or +5V outputs and accept J, K, T, E, R, S, N, or B type thermocouples. These modules feature complete signal conditioning functions including 240 V rms input protection, filtering, chopper stabilized low drift +1 uV/oC amplification, 1500 V rms isolation, and sensor excitation when required. All modules feature excellent common mode rejection and meet industrial transient surge withstand specifications.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. www.analog.com Tel: 781.329.4700 Fax: 781.326.8703 (c) 2004 Analog Devices, Inc. All rights reserved.
5B40 & 5B41 GENERAL DESCRIPTION
The 5B40 and 5B41 are wide-bandwidth single-channel signal conditioning modules that amplify, protect, filter and isolate analog input voltages. Both modules provide a 10 kHz bandwidth which ideally suits them to measuring signals that vary rapidly with time. Examples include pressure inside a plastic injection molding machine, strain on an automobile chassis during a crash test and vibrations on a machine bearing shortly before failure. The 5B40 and 5B41 protect the computer side from damage due to field-side over-voltage faults. All models withstand 240V rms at their input terminals without damage thereby shielding computer-side circuitry from field-side over-voltage conditions. In addition, 5B40 and 5B41 Series modules are mix-and-match and hot swappable, so can be inserted or removed from any socket in the same backplane without disrupting system power. A chopper-stabilized input amplifier provides low drift and stable gain. At the amplifier input, a stable, laser-trimmed zeroscale input offset is subtracted from the input signal to set the zero-scale value. For user convenience, the zero can be optionally factory-set to meet custom needs, This allows . suppression of a zero-scale input value many times larger than the total span for precise expanded-scale measurements. A single-pole anti-aliasing filter resides at each modules input. A three-pole, low-pass filter in the output stage sets the bandwidth and yields optimal noise performance for accurate measurement of small signals in high electrical noise. Signal isolation by transformer coupling uses a proprietary modulation technique for linear, stable and reliable performance. The differential input circuit on the field side is fully floating, eliminating the need for any input grounding. A demodulator on the computer side of the signal transformer recovers the original signal, which is then filtered and buffered to provide a low-noise, low-impedance output signal. The output common must be kept within 3Vdc of power common. A series output switch eliminates the need for external multiplexing in many applications. The switch is turned on by an active-low enable input. If the switch is to be on at all times, the enable-input should be grounded to power common as it is on the 5B01 and 5B08 backplanes.
.
Figure 2
Rev. 0 | Page 2 of 8
5B40 & 5B41
5B40 and 5B41 Models Available
Model 5B40-01 5B40-02 5B40-03 5B40-04 5B40-05 5B40-06 5B40-Custom Input Range -10 mV to +10 mV -50 mV to +50 mV -100 mV to +100 mV -10 mV to +10 mV -50 mV to +50 mV -100 mV to +100 mV * Output Range -5 V to +5 V -5 V to +5 V -5 V to +5 V 0 V to +5 V 0 V to +5 V 0 V to +5 V * Model 5B41-01 5B41-02 5B41-03 5B41-04 5B41-05 5B41-06 5B41-07 5B41-Custom * Custom Input/Output ranges are available. Refer to configuration guide. Input Range -1 V to +1 V -5 V to +5 V -10 V to +10 V -1 V to +1 V -5 V to +5 V -10 V to +10 V -20 V to +20 V * Output Range -5 V to +5 V -5 V to +5 V -5 V to +5 V 0 V to +5 V 0 V to +5 V 0 V to +5 V -5 V to +5 V *
5B40 and 5B41 Specifications
Description Model 5B40 Input Ranges Standard Ranges Custom Ranges Output Ranges (RL > 50 k)4 10 mV to 100 mV 5 mV to 500 mV -5 V to +5 V or 0 V to +5 V Accuracy2 Initial @ +25C Nonlinearity Input Offset vs. Temperature Output Offset vs. Temperature Gain vs. Temperature Input Bias Current 0.05% Span 10 V RTI 0.05% (Vz1) 0.02% Span 1 V/C 40 V/C 25 ppm of Reading/C 3 nA Input Resistance Power On Power Off Overload 200 M 40 k 40 k Noise Input, 0.1 Hz to 10 Hz Bandwidth Output, 100 kHz Bandwidth Bandwidth, -3 dB Output Rise Time, 10% to 90% Span 0.4 V rms 10 mV peak-peak 10 kHz 35 s Common-Mode Voltage (CMV)3 Input-to-Output, Continuous Output-to-Power, Continuous Transient 1500 V rms, maximum 3 V maximum ANSI/IEEE C37.90.1-1989 * * * 2 V rms * * * 650 k 650 k 650 k 0.05% Span 0.05% (Vz1) * 20 V/C * 50 ppm of Reading/C 0.2 nA 1 V to 20 V 0.5 V to 20 V * Model 5B41
Rev. 0 | Page 3 of 8
5B40 & 5B41
Common-Mode Rejection (CMR) 1 k Source Imbalance, 50/60 Hz Normal Mode Rejection 100 dB -3 dB @ 10 kHz Input Protection Continuous Transient Output Resistance Voltage Output Protection Output Selection Time 240 V rms, maximum ANSI/IEEE C37.90.1-1989 50 Continuous Short to Ground 6 s @ Cload = 0 to 2,000 pF Output Enable Control Max Logic "0" Min Logic "1" Max Logic "1" Input Current "0" Power Supply Voltage Power Supply Current Power Supply Sensitivity, RTI Mechanical Dimensions +1 V +2.5 V +36 V 0.4 mA +5 V 5% 30 mA 2 V/Vs% 2.275" x 2.375" x 0.595" (57.8 mm x 59.1 mm x 15.1 mm) Environmental Temperature Range Rated Performance Operating Storage Relative Humidity RFI Susceptibility -25C to +85C -40C to +85C -40C to +85C 0 to 93% @ +40C non-condensing 0.5% Span error @ 400 MHz, 5 Watt, 3 ft * * * * * * * * * * * 0.4 mV/Vs% * * * * * * 90 dB *
* Specifications same as model 5B40. 1 Vz is the nominal input voltage that results in a 0 V output. 2 Includes the combined effects of repeatability, hysteresis, and nonlinearity and assumes RL > 50 k. Loads heavier than 50 k will degrade nonlinearity and gain temperature coefficient. 3 The output common must be kept within 3 V of power common. Specifications subject to change without notice.
Rev. 0 | Page 4 of 8
5B40 & 5B41 PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
Figure 3 5B40 & 5B41 Input Field Connections
Table 1. Pin Function Descriptions--
Pin No. 2 3 Description LO HI
Figure 4 . Model 5B Series Module, with pin-out assignments.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. 0 | Page 5 of 8
5B40 & 5B41 OUTLINE DIMENSIONS
Figure 5. Outline Dimensions
Rev. 0 | Page 6 of 8
5B40 & 5B41 NOTES
Rev. 0 | Page 7 of 8
5B40 & 5B41 NOTES
(c) 2004 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective companies. D05101-0-9/04(0)
Rev. 0 | Page 8 of 8
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 5B40-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X