Part Number Hot Search : 
MV57642 1N4255E3 PIC16F8 PNN5022A 75M00 BCP54M 1900X252 SAC18
Product Description
Full Text Search
 

To Download 3EZ20D10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3EZ3.9D10 Series
VZ : 3.9 - 400 Volts PD : 3 Watts
FEATURES :
* Complete Voltage Range 3.9 to 400 Volts * High peak reverse power dissipation * High reliability * Low leakage current * Pb / RoHS Free
SILICON ZENER DIODES
DO - 41
0.107 (2.7) 0.080 (2.0)
1.00 (25.4) MIN.
0.205 (5.2) 0.166 (4.2)
MECHANICAL DATA
* Case : DO-41 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.339 gram
0.034 (0.86) 0.028 (0.71) 1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified
Rating
DC Power Dissipation at TL = 75 C (Note1) Maximum Forward Voltage at IF = 200 mA Maximum Thermal Resistance Junction to Ambient Air (Note2) Junction Temperature Range Storage Temperature Range
Symbol
PD VF RJA TJ Ts
Value
3.0 1.5 60 - 55 to + 175 - 55 to + 175
Unit
W V K/W C C
Note : (1) TL = Lead temperature at 3/8 " (9.5mm) from body (2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case.
Fig. 1 Power Temperature Derating Curve
PD, MAXIMUM DISSIPATION (WATTS)
5 4 3 2 L = 1" 1 0 L = 3/8"
L = LEAD LENGTH TO HEAT SINK
L = 1/8"
Rev. 02 : April 1, 2005
0
40
80
120
160
200
TL, LEAD TEMPERATURE (C)
Page 1 of 3
Rev. 02 : April 1, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Nominal Zener Voltage VZ @ IZT IZT (V) (mA) 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 27 28 30 33 36 39 43 47 51 56 62 68 75 82 91 100 192 174 160 147 134 121 110 100 91 82 75 68 63 58 53 50 47 44 42 40 37 34 31 28 27 25 23 21 19 17 16 15 13 12 11 10 9.1 8.2 7.5 Maximum Zener Impedance ZZT @ IZT ZZK @ IZK () () 4.5 4.5 4.0 3.5 2.5 1.5 2.0 2.0 2.3 2.5 3.5 4.0 4.5 4.5 5.0 5.5 5.5 6.0 6.0 7.0 7.0 8.0 9.0 10 12 16 20 22 28 33 38 45 50 55 70 85 95 115 160 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 Maximum Reverse Leakage Current IR @ VR (V) (A) 80 30 20 5.0 5.0 5.0 50 50 50 50 50 50 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 1.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 7.6 8.4 9.1 9.1 10.6 11.4 12.2 13.0 13.7 14.4 15.2 16.7 18.2 20.6 21.0 22.5 25.1 27.4 29.7 32.7 35.6 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 Maximum DC Zener Current IZM (mA) 630 590 550 520 480 435 393 360 330 297 270 225 246 208 193 180 169 159 150 142 135 123 112 100 96 90 82 75 69 63 57 53 48 44 40 36 33 30 27
TYPE
IZK (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.3 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
3EZ3.9D10 3EZ4.3D10 3EZ4.7D10 3EZ5.1D10 3EZ5.6D10 3EZ6.2D10 3EZ6.8D10 3EZ7.5D10 3EZ8.2D10 3EZ9.1D10 3EZ10D10 3EZ11D10 3EZ12D10 3EZ13D10 3EZ14D10 3EZ15D10 3EZ16D10 3EZ17D10 3EZ18D10 3EZ19D10 3EZ20D10 3EZ22D10 3EZ24D10 3EZ27D10 3EZ28D10 3EZ30D10 3EZ33D10 3EZ36D10 3EZ39D10 3EZ43D10 3EZ47D10 3EZ51D10 3EZ56D10 3EZ62D10 3EZ68D10 3EZ75D10 3EZ82D10 3EZ91D10 3EZ100D10
Page 2 of 3
Rev. 02 : April 1, 2005
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified Nominal Zener Voltage VZ @ IZT IZT (V) (mA) 110 120 130 140 150 160 170 180 190 200 220 240 270 300 330 360 400 6.8 6.3 5.8 5.3 5.0 4.7 4.4 4.2 4.0 3.7 3.4 3.1 2.8 2.5 2.3 2.1 1.9 Maximum Zener Impedance ZZT @ IZT ZZK @ IZK () () 225 300 375 475 550 625 650 700 800 875 1600 1700 1800 1900 2200 2700 3500 4000 4500 5000 5000 6000 6500 7000 7000 8000 8000 9000 9000 9000 9000 9000 9000 9000 Maximum Reverse Leakage Current IR @ VR (V) (A) 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 1.0 1.0 1.0 1.0 1.0 83.6 91.2 98.8 106.4 114.0 121.6 130.4 136.8 144.8 152.0 167.0 182.0 205.0 228.0 251.0 274.0 304.0 Maximum DC Zener Current IZM (mA) 25 22 21 19 18 17 16 15 14 13 12 11 10 9 8 8 7
TYPE
IZK (mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
3EZ110D10 3EZ120D10 3EZ130D10 3EZ140D10 3EZ150D10 3EZ160D10 3EZ170D10 3EZ180D10 3EZ190D10 3EZ200D10 3EZ220D10 3EZ240D10 3EZ270D10 3EZ300D10 3EZ330D10 3EZ360D10 3EZ400D10
Note : ( 1 ) Suffix " 10 " indicates 10% tolerance, suffix " 5 " indicates 5% tolerance. ( 2 ) " EZ " will be omitted in marking on the diode
Page 3 of 3
Rev. 02 : April 1, 2005


▲Up To Search▲   

 
Price & Availability of 3EZ20D10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X