Part Number Hot Search : 
GD74LS06 PNA1801L OPLUS5 29GL512P V271BA60 AN7116 IDT70T16 TLYH157P
Product Description
Full Text Search
 

To Download 2SC1383 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC1383/2SC1384
2
3
1
2
3
1
1. EMITTER 2. COLLECTOR 3. BASE
TO-92MOD
Value V CEO
2SC1383 2SC1384 2SC1383 2SC1384 25 50 30 60
5.0 1.0 Peak Collector Current Icp(DC) 1.5 Adc
1
1.0 8.0 125
2SC1383=2SC1383, 2SC1384=2SC1384
2.0 10 10
2SC1383 2SC1384 2SC1383 2SC1384
25 50 30 60
20
1
0.1
u
WEITRON
http://www.weitron.com.tw
2SC1383/2SC1384
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) (Countinued)
Characteristics Symbol Min Max Unit
ON CHARACTERISTICS
DC Current Gain (IC=500 mAdc, VCE=10 Vdc) (IC=1.0 Adc, VCE=5.0 Vdc) Collector-Emitter Saturation Voltage (IC=500 mAdc, IB=50mAdc) Base-Emitter Saturation Voltage (IC=500 Adc, IB=50mAdc) hFE (1) hFE (2) VCE(sat) VBE(sat) 85 50 340 0.4 1.2 Vdc Vdc
SMALL-SIGNAL CHARACTERISTICS
Current-Gain-Bandwidth Product (IC=50 mAdc, VCE=10 Vdc, f=30MHz) fT 100 MHz
CLASSIFICATION OF hFE Rank Range Q 85-170 R 120-240 H 170-340
WEITRON
http://www.weitron.com.tw
2SC1383/2SC1384
1.2
1.5
T a=25u C
C ollector power dissipation P C ( W )
1.0
1.25
C ollector current I C ( A )
I B =10mA 9mA 8mA 7mA 6mA 5mA 4mA
0.8
1.0
0.6
0.75
0.4
0.5
3mA 2mA
0.2
0.25
1mA
0
0
20
40
60
80
100 120 140 160
0
Ambient tempera ture
Ta
(u ) C
0
2
4
16
8
0
FIG1. Total Power Dissipation Vs Ambient Temperature
1.2 V C E =10V T a=25u C 1.0
C ollector to emitter voltage
VCE
(V )
FIG2. Static Characteristic
C ollector to emitter saturation voltage V C E (sat) ( V )
10 3 1 T a=75u C 0.3 0.1 0.03 0.01 0.003 0.001 0.01 25u C -25u C
I C /I B =10
C ollector current IC ( A )
0.8
0.6
0.4
0.2
0
0
2
4
6
1
8
10
2
0.03
0.1
0.3
1
3
10
B as e current
IB
( mA )
FIG3. Collect Current Vs Base Current
100
C ollector current I C
(A)
FIG4. Collector-Emitter Saturation Voltage
600 V C E =10V
Base to emitter saturation voltage V BE (sat) ( V )
I C /I B =10
30 10 3 25u C 1 75u C 0.3 0.1 0.03 0.01 0.01 T a = -25u C
Forward current transfer ratio hFE
500
400
300 T a=75u C 200 25u C -25u C
100
0.03
0.1
0.3
1
3
10
0 0.01
0.03
0.1
0.3
1
3
10
C ollector current
IC
(A)
C ollector current
FIG 5. Base-Emitter Saturation Voltage
IC
(A)
FIG6. Current Gain Bandwidth Product
WEITRON
http://www.weitron.com.tw
2SC1383/2SC1384
200 180
C ollector output capacitance C ob ( pF )
V C B =10V T a=25u C
50 45 40 35 30 25 20 15 10 5 0 1 3 10 30 100 I E =0 f=1MHz T a=25u C
Transition frequency fT ( MHz )
160 140 120 100 80 60 40 20 0 -1 -3 -10 -30 -100
E mitter current I E
( mA )
C ollector to bas e voltage
FIG7. Current-Gain-Bandwidth
VCB
(V )
FIG9. Capacitance
120
C ollector to emitter voltage V C E R ( V )
I C =10mA T a=25u C 100
80
60 2S C 1384 40 2S C 1383 20
0 0.1
0.3
1
3
10
30
100
B as e to emitter res is tance
R BE
(k
)
FIG9. VCER VS R BE
WEITRON
http://www.weitron.com.tw
2SC1383/2SC1384
TO-92MOD Outline Dimensions
G
unit:mm
D
C
K L
Dim A B C D E G J K L M
B
M
J
TO-92MOD
Min Max 5.100 4.700 2.030 1.730 0.600 0.400 1.100 0.900 0.500 0.400 6.200 5.800 8..800 8.400 1.500TYP 2.900 3.100 12.20 13.450
WEITRON
http://www.weitron.com.tw
E
A


▲Up To Search▲   

 
Price & Availability of 2SC1383

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X