Part Number Hot Search : 
SB4045PT KTA702E 25640 17083 BA641 D221K 2SC1590 CXG8003Q
Product Description
Full Text Search
 

To Download 1N5404G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
1N5400G THRU 1N5408G
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 3.0 Amperes
FEATURES
* * * * * High reliability Low leakage Low forward voltage drop High current capability Glass passivated junction
DO-27
MECHANICAL DATA
* * * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Color band denotes cathode end Mounting position: Any Weight: 1.18 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375*(9.5mm) lead length at T L = 105oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 3.0A DC Maximum DC Reverse Current @TA = 25 oC at Rated DC Blocking Voltage @TA = 100 oC Maximum Full Load Reverse Current Average, Full Cycle .375"(9.5mm) lead length at T L = 75oC Typical Junction Capacitance (Note) Typical Thermal Resistance Operating and Storage Temperature Range NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts VRRM VRMS VDC IO IFSM VF
1N5400G 1N5401G 1N5402G 1N5404G 1N5406G 1N5407G 1N5408G UNITS 50 35 50 100 70 100 200 140 200 400 280 400 3.0 200 1.1 5.0 300 30 600 420 600 800 560 800 1000 700 1000 Volts Volts Volts Amps Amps Volts uAmps uAmps pF
0
IR
CJ RJ A TJ, TSTG
40 30 -65 to + 175
C/ W 0 C
142
NEXT NEXT NEXT
EXIT BACK BACK EXI BACK EXIT
RATING AND CHARACTERISTIC CURVES (1N5400G THRU 1N5408G)
DC COMPONENTS CO., LTD.
R
143
NEXT NEXT NEXT
BACK EXIT BACK EXI BACK EXIT


▲Up To Search▲   

 
Price & Availability of 1N5404G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X