Part Number Hot Search : 
UCN5822 SB1060F Q5006 Q5006 BGA2850 BGA2850 UFR3003C DLP11
Product Description
Full Text Search
 

To Download 11DQ06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
:11DQ06 Type :11DQ06
OUTLINE DRAWING
FEATURES
* Miniature Size * Low Forward Voltage drop * Low Power Loss, High Efficiency * High Surge Capability * 30 Volts thru 100 Volts Types Available * 52mm Inside Tape Spacing Package Available
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage Without Fin or Average Rectified P.C.Board Output Current P.C.Board mounted RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Symbol VRRM VRSM IO IF(RMS) IFSM Tjw Tstg Symbol IRM VFM 25 0.89 1.0
Approx Net Weight:0.32g 11DQ06 60 65 Ta=25C* Ta=54C* 50Hz Half Sine Wave Resistive Load Unit V V A A A C C Unit mA V C/W
1.57 50Hz Half Sine Wave,1cycle, Non-repetitive - 40 to + 150 - 40 to + 150 Conditions Min. Typ. Max. 1 0.55 130 81
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current Peak Forward Voltage Tj= 25C, VRM= VRRM Tj= 25C, IFM= 1.0A Without Fin or P.C.Board Thermal Resistance (Junction to Ambient) Rth(j-a) P.C.Board mounted *:Print Lands=5x5mm,Both Sides
11DQ06 OUTLINE DRAWING (Dimensions in mm)
FORWARD CURRENT VS. VOLTAGE
11DQ06
5
INSTANTANEOUS FORWARD CURRENT (A)
2 Tj=25C Tj=150C 1
0.5
0.2
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
11DQ06
D.C.
1.0
AVERAGE FORWARD POWER DISSIPATION (W)
0.8
RECT 180 HALF SINE WAVE RECT 120
0.6
RECT 60
0.4
0.2
0 0 0.4 0.8 AVERAGE FORWARD CURRENT (A) 1.2 1.6
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
Tj= 150 C 50 11DQ06
PEAK REVERSE CURRENT (mA)
20
10 0 10 20 30 40 50 60 70 PEAK REVERSE VOLTAGE (V)
AVERAGE REVERSE POWER DISSIPATION
11DQ06
AVERAGE REVERSE POWER DISSIPATION (W)
2.4
D.C.
2.0
RECT 300
1.6
RECT 240
1.2
RECT 180
0.8
HALF SINE WAVE
0.4
0 0 10 20 30 40 50 60 70 REVERSE VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
W it h o u t F in o r P . C . B o a r d ,V R M = 6 0 V 11DQ06
1.6
D.C.
AVERAGE FORWARD CURRENT (A)
1.2
HALF SINE WAVE. RECT 120.
0.8
RECT 60.
RECT 180.
0.4
0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE (C)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
P . C . B o a r d m o u n t e d (L = 8 m m ,P rin t L a n d = 1 0 x 1 0 m m ), V R M = 6 0 V 11DQ06
1.6
D.C.
AVERAGE FORWARD CURRENT (A)
1.2
RECT 180. HALF SINE WAVE. RECT 120.
0.8
RECT 60.
0.4
0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Half Sine Wave,Non-Repetitive,No Load 30 11DQ06
25
SURGE FORWARD CURRENT (A)
20
15
10
5
0.02s
I FSM
0 0.02
0.05
0.1
0.2 TIME (s)
0.5
1
2
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
T j= 2 5 C ,V m = 2 0 m V R M S ,f = 1 0 0 k H z ,T yp ica l V a lu e 200 11DQ06
JUNCTION CAPACITANCE (pF)
100
50
20
10 0.5 1 2 5 10 20 50 100 REVERSE VOLTAGE (V)


▲Up To Search▲   

 
Price & Availability of 11DQ06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X