Part Number Hot Search : 
20114 C100EP 200S1 M54HC00D P4SMAJ20 1N6277L LTC3555 PSD813FH
Product Description
Full Text Search
 

To Download WTL2602 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTL2602
N-Channel Enhancement Mode Power MOSFET
P b Lead(Pb)-Free
3 GATE 1,2,5,6 DRAIN
DRAIN CURRENT 6.3 AMPERES DRAIN SOURCE VOLTAGE 20 VOLTAGE
Features:
*Super High Dense Cell Design For Low RDS(ON) RDS(ON) < 34m@VGS=4.5V *Rugged and Reliable *Capable of 2.5V Gate Drive *Simple Drive Requirement *SOT-26 Package
4 SOURCE
1
6
5
4
2
3
SOT-26
Maximum Ratings (TA=25C Unless Otherwise Specified)
Rating Drain-Source Voltage Gate-Source Voltage Continuous Drain Current3, VGS@4.5V, TA=25C TA=70C Pulsed Drain Current1,2 Total Power Dissipation(TA=25C) Maximum Junction-ambient Operating Junction and Storage Temperature Range Symbol VDS VGS ID IDM PD RJA TJ,Tstg Value 20 12 6.3 5 30 2 62.5 -55~+150 W C/W C A Unit V
Device Marking
WTL2602=2602
http:www.weitron.com.tw
WEITRON
1/6
08-Sep-05
WTL2602
Electrical Characteristics (TA = 25
Characteristic Unless otherwise noted) Symbol Min Typ Max Unit
Static
Drain-Source Breakdown Voltage VGS=0,ID=250A Gate-Source Threshold Voltage VDS=VGS,ID=250A Gate-Source Leakage current VGS=12V Drain-SourceLeakage Current(Tj=25C) VDS=20V,VGS=0 Drain-SourceLeakage Current(Tj=55C) VDS=16V,VGS=0 Drain-SourceOn-Resistance VGS=10V,I D=5.5A VGS=4.5V,I D=5.3A VGS=2.5V,ID=2.6A VGS=1.8V,I D=1.0A Forward Transconductance VDS=5V,I D=5.3A BVDSS VGS(Th) IGSS 20 0.5 IDSS 10 V 100 1 A nA
RDS(on)
-
13
30 34 50 90 -
m
gfs
S
Dynamic
Input Capacitance VGS=0V,VDS=15V,f=1.0MHz Output Capacitance VGS=0V,VDS=15V,f=1.0MHz Reverse Transfer Capacitance VGS=0V,VDS=15V,f=1.0MHz Ciss Coss Crss 603 144 111 1085 pF
http:www.weitron.com.tw
WEITRON
2/6
08-Sep-05
WTL2602
Switching
Turn-on Delay Time2 VDS=15V, VGS=10V, ID=1A, RD=15, RG=2 Rise Time VDS=15V, VGS=10V, ID=1A, RD=15, RG=2 Turn-off Delay Time VDS=15V, VGS=10V, ID=1A, RD=15, RG=2 Fall Time VDS=15V, VGS=10V, ID=1A, RD=15, RG=2 Total Gate Charge2 VDS=10V,VGS=4.5V,I D=5.3A Gate-Source Charge VDS=10V,VGS=4.5V,I D=5.3A Gate-Source Change VDS=10V,VGS=4.5V,I D=5.3A td(on) tr td(off) tf Qg Qgs Qgd 6 14 18.4 2.8 8.7 1.5 3.6 ns 16 nC
Source-Drain Diode Characteristics
Forward On Voltage2 VGS=0V,IS=1.2A Reverse Recovery Time VGS=0V,IS=5A,dl/dt=100A/s Reverse Recovery Charge VGS=0V,IS=5A,dl/dt=100A/s VSD T rr Q rr 16.8 11 1.2 V ns nC
Note: 1. Pulse width limited by max. junction temperature. 2. Pulse width 300s, duty cycle 2%. 3. Surface mounted on 1 in2 copper pad of FR4 board; 156C/W when mounted on Min. copper pad.
http:www.weitron.com.tw
WEITRON
3/6
08-Sep-05
WTL2602
80
TA =25C
60
5.0V 4.5V 4.0V
50
TA =150C
40
5.0V 4.5V 4.0V
ID ,DRAIN CURRENT (A)
ID ,Drain Current (A)
40
VG=2.5V
30
20
20
10
VG=2.5V
0
0
1
2
3
4
5
6
7
0
0
1
2
3
4
5
6
7
8
FIG.1 Typical Output Characteristics
100 1.8
VDS ,DRAIN-TO-SOURCE VOLTAGE(V)
Fig.2 Typical Output Characteristics
VDS ,Drain-to-source Voltage(V)
80
I D = 1.0A TA = 25C Normalized RDs(on)
1.6 1.4 1.2 1.0 0.8
I D = 5.3A VG = 4.5V
RDs(on) (m)
60
40
20
1
2
3
4
5
6
7
8
9
10
11
0.6 -50
0
50
100
150
Fig.3 On-Resistance v.s. Gate Voltage
10 1.6 1.4 1.2
VGS ,Gate-to-source Voltage(V)
Fig.4 Normalized OnResistance
Tj ,Junction Temperature(C)
I S ( A)
Tj = 150C
Tj = 25C
VGS(th) (V)
1.0
1.0 0.8 0.6 0.4
0.1
0.01
0
Fig.5 Forward Characteristics of Reverse Diode
VDS ,Source-to-Drain Voltage(V)
0.4
0.8
1.2
1.6
0.2
-50
Tj ,Junction Temperature(C)
0
50
100
150
Fig.6 Gate Threshold Voltage v.s. Junction Temperature
WEITRON
http://www.weitron.com.tw
4/6
08-Sep-05
WTL2602
14
1000 f = 1.0MHz
VGS , Gate to Source Voltage(V)
12 10 8 6 4 2 0
I D = 5.3A VDS = 16V
Ciss
Coss
C(pF)
100
Crss
0
5
10
15
20
25
0
1
5
9
13
17
21
25
29
Fig 7. Gate Charge Characteristics
100
QG , Total Gate Charge(nC)
VDS, Drain-to-Source Voltage(V)
Fig 8. Typical Capacitance Characteristics
1
Duty factor = 0.5 0.2
10
Normalized Thermal Response(R ja)
1ms
0.1
0.1
0.05
PDM
ID(A)
1
10ms 100ms
0.01
0.01
t T
0.1
TA = 25C Single Pulse
0.01 0.1
1 10
Is DC
100
Duty factor = t / T Peak Tj=PDM x R ja + Tu R ja=156C / W
Single pulse
0.001 0.0001
0.001
0.01
0.1
1
10
100
1000
Fig 9. Maximum Safe Operation Area
VDS 90%
VDS , Drain-to-Source Voltage(V)
t, Pulse Width(s)
Fig 10. Effective Transient Thermal Impedance
VG QG QGS QGD
4.5V
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Circuit
Fig.12 Gate Charge Waveform
WEITRON
http://www.weitron.com.tw
5/6
08-Sep-05
WTL2602
SOT-26 Outline Dimension
A G
Unit:mm
SOT-26
Dim A B C D E F F1 G H I J K L Min
2.70 2.60 1.40 0.30 0.00 0 0.08
Max
3.10 3.00 1.80 0.55 0.10 10 0.25
Top View
B C
L Front View H F1
F J Side View K
D
1.90 REF 1.20 REF 0.12 REF 0.37 REF 0.60 REF 0.95 REF
WEITRON
http://www.weitron.com.tw
E
6/6
I
08-Sep-05


▲Up To Search▲   

 
Price & Availability of WTL2602

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X