|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TGM-18-2002 Module Amplifier 2 GHz - 18 GHz This Module Amplifier offers exceptional performance over the band 2 GHz to 18 GHz with 18.0 dBm P1dB output power and 9.0 dB Gain. Teledyne Microwave amplifiers are balanced or feedback designs and manufactured with the latest MIC & MMIC technology. The GaAs FET's used in these amplifiers are well established proven devices from multiple sources. Teledyne Microwave offers a complete line of Narrow and broadband Amplifiers covering the frequency range 500 MHz to 40 GHz. These products are available in either connectorized packages or as modules. For a complete list of these products and more, please visit our website. Other products from Teledyne Microwave Transceivers, Synthesizers, and YIG Products include: Specifications: Model Number: TGM-18-2002 Frequency Range: 2 GHz - 18 GHz 9.0 dB Gain (min): Gain Vs Temp Coefficient per 1 deg C: -0.022 dB Noise Figure (max): 11.0 dB 18.0 dBm Output Power @ 1dB Compression: Gain Flatness Vs Frequency: +/-0.8 dB 3rd Order Intercept (Typ): Contact Factory Power Supply: Input Voltage: 11.5 to 15 VDC 330 mA Current @ 12 VDC (typ): Current @ 12 VDC (max): Contact Factory Case Type (See attached Outline): 1248NP Temperature Range: +25C TELEDYNE MICROWAVE ISO 9001:2000 1274 Terra Bella Avenue, Mountain View, CA 94043 * PHN# 800.832.6869 or +1.650.962.6944 * FAX# 650.962.6845 www.teledynemicrowave.com * microwave@teledyne.com All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product 08/05 TGM-18-2002 Module Amplifier 2 GHz - 18 GHz TELEDYNE MICROWAVE ISO 9001:2000 1274 Terra Bella Avenue, Mountain View, CA 94043 * PHN# 800.832.6869 or +1.650.962.6944 * FAX# 650.962.6845 www.teledynemicrowave.com * microwave@teledyne.com All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product 08/05 |
Price & Availability of TGM-18-2002 |