Part Number Hot Search : 
SR2100 EVALZ NTE451 A471J 4743A E2502H42 A6275ELW 75B12
Product Description
Full Text Search
 

To Download TGM-06-2002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TGM-06-2002
Module Amplifier
2 GHz - 6 GHz
This Module Amplifier offers exceptional performance over the band 2 GHz to 6 GHz with 14 dBm P1dB output power and 12 dB Gain. Teledyne Microwave amplifiers are balanced or feedback designs and manufactured with the latest MIC & MMIC technology. The GaAs FET's used in these amplifiers are well established proven devices from multiple sources. Teledyne Microwave offers a complete line of Narrow and broadband Amplifiers covering the frequency range 500 MHz to 40 GHz. These products are available in either connectorized packages or as modules. For a complete list of these products and more, please visit our website. Other products from Teledyne Microwave Transceivers, Synthesizers, and YIG Products include:
Specifications:
Model Number: TGM-06-2002 Frequency Range: 2 GHz - 6 GHz 12 dB Gain (min): Gain Vs Temp Coefficient per 1 deg C: -0.011 dB Noise Figure (max): 2.5 dB 14 dBm Output Power @ 1dB Compression: Gain Flatness Vs Frequency: 5 dB Slope 3rd Order Intercept (Typ): Contact Factory Power Supply: Input Voltage: 11.5 to 15 VDC 80 mA Current @ 12 VDC (typ): Current @ 12 VDC (max): Contact Factory Case Type (See attached Outline): 1006P Temperature Range: +25C
TELEDYNE MICROWAVE
ISO 9001:2000
1274 Terra Bella Avenue, Mountain View, CA 94043 * PHN# 800.832.6869 or +1.650.962.6944 * FAX# 650.962.6845 www.teledynemicrowave.com * microwave@teledyne.com
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
08/05
TGM-06-2002
Module Amplifier
2 GHz - 6 GHz
TELEDYNE MICROWAVE
ISO 9001:2000
1274 Terra Bella Avenue, Mountain View, CA 94043 * PHN# 800.832.6869 or +1.650.962.6944 * FAX# 650.962.6845 www.teledynemicrowave.com * microwave@teledyne.com
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
08/05


▲Up To Search▲   

 
Price & Availability of TGM-06-2002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X