Part Number Hot Search : 
UN921M ABT162 S1036 74LV139 ABT16 AN1268 MH1362 2SA1025
Product Description
Full Text Search
 

To Download TGC1430H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advance Product Information
August 29, 2000
20 - 40 GHz IQ Mixer
* * * * *
TGC1430H
Key Features and Performance
0.25um pHEMT Technology 20 - 40 GHz RF/LO Frequencies DC - 1GHz IF -11 +/- 1dB Conversion Gain 15 dBm Input Drive
Primary Applications
Chip Dimensions 1.50 mm x 2.0 mm
* * *
Point-to-Point Radio Point-to-Multipoint Communications Image Reject Mixers
0 -5 Conversion Gain (dB) -10 -15 -20 -25 -30 18 20 22 24 26 28 30 32 34 36 38 40 LO Frequency (GHz) +100MHz -500MHz -100MHz +750MHz +250MHz -750MHz -250MHz +1GHz +500MHz -1GHz
Conversion Gain (dB)
0 -5 -10 -15 -20 -25 -30 18 20 22 24 26 28 30 32 34 36 38 40 LO Frequency (GHz) +100MHz -500MHz -100MHz +750MHz +250MHz -750MHz -250MHz +1GHz +500MHz -1GHz
Conversion Gain vs IF Frequency (LO Input @ +15dBm) In-Phase IF Port
Conversion Gain vs IF Frequency (LO Input @ +15dBm) Quadrature IF Port
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process specifications. Specifications subject to change without notice
TriQuint Semiconductor Texas : Phone (972)994-8465 Fax (972)994 8504 Web: www.triquint.com
1
Advance Product Information
August 29, 2000
TGC1430H
IF
RF
LO
IF
TGC1430G - Recommended Assembly Drawing
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process specifications. Specifications subject to change without notice
TriQuint Semiconductor Texas : Phone (972)994-8465 Fax (972)994 8504 Web: www.triquint.com
Advance Product Information
August 29, 2000
TGC1430H Assembly Process Notes
Reflow process assembly notes: *= *= *= *= *= AuSn (80/20) solder with limited exposure to temperatures at or above 300C alloy station or conveyor furnace with reducing atmosphere no fluxes should be utilized coefficient of thermal expansion matching is critical for long-term reliability storage in dry nitrogen atmosphere
Component placement and adhesive attachment assembly notes: *= *= *= *= *= *= *= vacuum pencils and/or vacuum collets preferred method of pick up avoidance of air bridges during placement force impact critical during auto placement organic attachment can be used in low-power applications curing should be done in a convection oven; proper exhaust is a safety concern microwave or radiant curing should not be used because of differential heating coefficient of thermal expansion matching is critical
Interconnect process assembly notes: *= *= *= *= *= thermosonic ball bonding is the preferred interconnect technique force, time, and ultrasonics are critical parameters aluminum wire should not be used discrete FET devices with small pad sizes should be bonded with 0.0007-inch wire maximum stage temperature: 200C
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should be observed during handling, assembly and test.
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process specifications. Specifications are subject to change without notice.
TriQuint Semiconductor Texas : Phone (972)994-8465 Fax (972)994 8504 Web: www.triquint.com


▲Up To Search▲   

 
Price & Availability of TGC1430H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X