Part Number Hot Search : 
61132 CY14B ON1272 C74AC 00TTS JANTX2N HMC203 100LVE
Product Description
Full Text Search
 

To Download STTH3012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STTH3012
Ultrafast recovery - 1200 V diode
Main product characteristics
A K
IF(AV) VRRM Tj VF (typ) trr (typ)
30 A 1200 V 175 C 1.30 V 57 ns
A K
DO-247 STTH3012W
Features and benefits

Ultrafast, soft recovery Very low conduction and switching losses High frequency and/or high pulsed current operation High reverse voltage capability High junction temperature
A K
TO-220AC STTH3012D
Description
The high quality design of this diode has produced a device with low leakage current, regularly reproducible characteristics and intrinsic ruggedness. These characteristics make it ideal for heavy duty applications that demand long term reliability. Such demanding applications include industrial power supplies, motor control, and similar mission-critical systems that require rectification and freewheeling. These diodes also fit into auxiliary functions such as snubber, bootstrap, and demagnetization applications. The improved performance in low leakage current, and therefore thermal runaway guard band, is an immediate competitive advantage for this device.
Order codes
Part Number STTH3012D STTH3012W Marking STTH3012D STTH3012W
March 2006
Rev 1
www.st.com
1/9
9
Characteristics
STTH3012
1
Table 1.
Symbol VRRM IF(RMS) IF(AV) IFRM IFSM Tstg Tj
Characteristics
Absolute ratings (limiting values at 25 C, unless otherwise specified)
Parameter Repetitive peak reverse voltage RMS forward current Average forward current, = 0.5 Repetitive peak forward current Tc = 105 C tp = 5 s, F = 5 kHz square Value 1200 50 30 300 210 -65 to + 175 175 Unit V A A A A C C
Surge non repetitive forward current tp = 10 ms Sinusoidal Storage temperature range Maximum operating junction temperature
Table 2.
Thermal parameters
Symbol Rth(j-c) Parameter Junction to case Value 0.95 Unit C/W
Table 3.
Symbol IR(1)
Static electrical characteristics
Parameter Reverse leakage current Test conditions Tj = 25 C Tj = 125 C Tj = 25 C Tj = 125 C IF = 25 A 1.25 1.20 VR = VRRM Min. Typ Max. 20 A 15 150 2.1 1.9 1.8 V 2.25 IF = 30 A 1.35 1.30 2.05 1.95 Unit
VF(2)
Forward voltage drop
Tj = 150 C Tj = 25 C Tj = 125 C Tj = 150 C
1. Pulse test: tp = 5 ms, < 2 % 2. Pulse test: tp = 380 s, < 2 %
To evaluate the conduction losses use the following equation: P = 1.60 x IF(AV) + 0.012 IF2(RMS)
2/9
STTH3012 Table 4.
Symbol
Characteristics Dynamic characteristics
Parameter Test conditions IF = 1 A, dIF/dt = -50 A/s, VR = 30 V, Tj = 25 C IF = 1 A, dIF/dt = -100 A/s, VR = 30 V, Tj = 25 C 57 25 1.5 550 6 ns V Min. Typ Max. 115 ns 80 35 A Unit
trr
Reverse recovery time
IRM S tfr VFP
Reverse recovery current Softness factor Forward recovery time Forward recovery voltage
IF = 30 A, dIF/dt = -200 A/s, VR = 600 V, Tj = 125 C IF = 30 A, dIF/dt = -200 A/s, VR = 600 V, Tj = 125 C dIF/dt = 100 A/s IF = 30 A VFR = 1.5 x VFmax, Tj = 25 C IF = 30 A, dIF/dt = 100 A/s, Tj = 25 C
Figure 1.
P(W)
80 70 60 50 40 30 20 10
Conduction losses versus average current
Figure 2.
IFM(A)
120
Forward voltage drop versus forward current
= 0.2 = 0.1 = 0.05
= 0.5
110 100 90
Tj=150C (typical values)
=1
80 70 60 50 40
Tj=150C (maximum values) Tj= 25C (maximum values)
T
30 20
IF(AV)(A)
0 0 5 10 15 20 25
=tp/T
30
tp
10 0
VFM(V)
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
35
3/9
Characteristics
STTH3012
Figure 3.
Relative variation of thermal impedance junction to case versus pulse duration
Figure 4.
Peak reverse recovery current versus dIF/dt (typical values)
Zth(j-c)/Rth(j-c)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 1.E-03 1.E-02 1.E-01 1.E+00
Single pulse
IRM(A)
60 55 50 45 40
IF=IF(AV) IF=2 x IF(AV) VR=600V Tj=125C
35 30 25 20 15 10
IF=0.5 x IF(AV)
tp(s)
5 0 0 50 100 150
dIF/dt(A/s)
200 250 300 350 400 450 500
Figure 5.
trr(ns)
800
Reverse recovery time versus dIF/dt (typical values)
VR=600V Tj=125C
Figure 6.
Qrr(C)
8
VR=600V Tj=125C
Reverse recovery charges versus dIF/dt (typical values)
7 6 5
700
IF=2 x IF(AV)
IF=2 x IF(AV)
600
IF=IF(AV)
IF=IF(AV)
500
IF=0.5 x IF(AV)
4 3
IF=0.5 x IF(AV)
400 2 300 1
200 0 50 100 150
dIF/dt(A/s)
200 250 300 350 400 450 500
dIF/dt(A/s)
0 0 50 100 150 200 250 300 350 400 450 500
Figure 7.
Softness factor versus dIF/dt (typical values)
Figure 8.
Relative variations of dynamic parameters versus junction temperature
IF=IF(AV) VR=600V Reference: Tj=125C
S factor
3.0
IF 2xIF(AV) VR=600V Tj=125C
2.00 1.75 1.50 1.25
S factor
2.5
2.0 1.00
trr
1.5
0.75 0.50
IRM
1.0
QRR
0.25
Tj(C)
0.5 0 50 100 150
dIF/dt(A/s)
200 250 300 350 400 450 500
0.00 25 50 75 100 125
4/9
STTH3012
Characteristics
Figure 9.
VFP(V)
30
IF=IF(AV) Tj=125C
Transient peak forward voltage versus dIF/dt (typical values)
Figure 10. Forward recovery time versus dIF/dt (typical values)
tfr(ns)
1100 1000 900
IF=IF(AV) VFR=1.5 x VF max. Tj=125C
25
20
800 700
15 600 10 500 400 5
dIF/dt(A/s)
0 0 100 200 300 400 500
300 200 0 100
dIF/dt(A/s)
200 300 400 500
Figure 11. Junction capacitance versus reverse voltage applied (typical values)
C(pF)
1000
F=1MHz VOSC=30mVRMS Tj=25C
100
VR(V)
10 1 10 100 1000
5/9
Package information
STTH3012
2
Package information
Epoxy meets UL94, V0 Cooling method: by conduction (C) Recommended torque value: 0.55 Nm (TO-220AC) Recommended torque value: 0.80 Nm (DO-247) Maximum torque value: 0.7 Nm (TO-220AC) Maximum torque value: 1.0 Nm (DO-247) Table 5. DO-247 dimensions
DIMENSIONS REF. Millimeters Min. A D
V
Inches Min. 0.191 0.086 0.015 0.039 0.078 Max. 0.203 0.102 0.031 0.055
Max 5.15 2.60 0.80 1.40 2.00
4.85 2.20 0.40 1.00
E
V Dia
F F2
H
A
F3 G
2.00 10.90 15.45 19.85 3.70 18.50 14.20 34.60 5.50 2.00 5 60 3.55
2.40
0.078 0.429
0.094
L5 L L2 L4 F2 L3 F3 V2 F G M E L1 D
H L L1 L2 L3 L4 L5 M V V2 Dia.
15.75 0.608 20.15 0.781 4.30 0.145 0.728 14.80 0.559 1.362 0.216 3.00 0.078 5 60 3.65 0.139
0.620 0.793 0.169
0.582
0.118
0.143
6/9
STTH3012 Table 6. T0-220AC dimensions
Package information
DIMENSIONS REF. Millimeters Min.
H2 OI L5 L7 L6 L2 C A
Inches Min. 0.173 0.048 0.094 0.019 0.024 0.044 0.194 0.393 Max. 0.181 0.051 0.107 0.027 0.034 0.066 0.202 0.409
Max. 4.60 1.32 2.72 0.70 0.88 1.70 5.15 10.40
A C D E F F1 G
4.40 1.23 2.40 0.49 0.61 1.14 4.95 10.00
F1
L9 L4 F
D
H2 L2 L4
M E
16.40 typ. 13.00 2.65 15.25 6.20 3.50 14.00 2.95 15.75 6.60 3.93
0.645 typ. 0.511 0.104 0.600 0.244 0.137 0.551 0.116 0.620 0.259 0.154
L5 L6 L7 L9 M Diam. I
G
2.6 typ. 3.75 3.85
0.102 typ. 0.147 0.151
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
7/9
Ordering information
STTH3012
3
Ordering information
Part Number STTH3012D STTH3012W Marking STTH3012D STTH3012W Package TO-220AC DO-247 Weight 1.86 g
4.4 g
Base qty 50 30
Delivery mode Tube Tube
4
Revision history
Date 02-Mar-2006 Revision 1 First issue. Description of Changes
8/9
STTH3012
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZE REPRESENTATIVE OF ST, ST PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS, WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of STTH3012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X