Part Number Hot Search : 
1H330 LNBK10SP LBS70A05 LA7224 L6402 2SC32 1N4749 LBS70A05
Product Description
Full Text Search
 

To Download STTH3006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STTH3006
Turbo 2 ultrafast high voltage rectifier
Main product characteristics
IF(AV) VRRM Tj VF (typ) trr (max) 30 A 600 V 175 C 1.10 V 50 ns
K A
K A
TO-220AC STTH3006D
DO-247 STTH3006W
Features and benefits

Ultrafast switching Low reverse current Low thermal resistance Reduces switching & conduction losses Package insulation voltage: DOP3I : 2500 VRMS
K A
DOP3I STTH3006PI
Order Codes
Part Number STTH3006D STTH3006W STTH3006PI Marking STTH3006D STTH3006W STTH3006PI
Description
The STTH3006 uses ST Turbo 2 600 V technology and is especially suited for use in switching power supplies, and industrial applications, such as rectification and continuous mode PFC boost diode. Table 1. Absolute Ratings (limiting values)
Symbol VRRM IF(RMS) IF(AV) IFSM Tstg Tj Repetitive peak reverse voltage RMS forward voltage TO-220AC / DO-247 Average forward current DOP3I Surge non repetitive forward current Storage temperature range Maximum operating junction temperature Parameter
Value 600 50 Tc = 115 C Tc = 85 C = 0.5 = 0.5 30 160 -65 to + 175 175
Unit V A A A C C
tp = 10 ms sinusoidal
August 2006
Rev 2
1/8
www.st.com 8
Characteristics
STTH3006
1
Characteristics
Table 2.
Symbol
Thermal resistance
Parameter TO-220AC / DO-247 Value (max). 1.1 C/W DOP3I 1.7 Unit
Rth(j-c)
Junction to case
Table 3.
Symbol IR (1) VF (2)
s
Static electrical characteristic
Parameter Reverse leakage current Forward voltage drop Test conditions Tj = 25 C Tj = 150 C Tj = 25 C Tj = 150 C VR = VRRM Min. Typ Max. 25 A 80 800 1.85 IF = 30 A V 1.10 1.40 Unit
1. Pulse test: tp = 5 ms, < 2% 2. Pulse test: tp = 380 s, < 2%
To evaluate the conduction losses use the following equation: P = 1.07 x IF(AV) + 0.011 IF2(RMS) Table 4.
Symbol
Dynamic characteristics
Parameter Reverse recovery time Reverse recovery current Forward recovery time Forward recovery voltage Test conditions IF = 0.5 A Irr = 0.25 A IR =1 A Tj = 25 C IF = 1 A dIF/dt = -50 A/s VR =30 V 50 8 Min. Typ Max. Unit 50 ns 70 11 500 2.5 A ns V
trr
IRM tfr VFP
VR = 400 V I = 30 A Tj = 125 C F dIF/dt = -100 A/s Tj = 25 C Tj = 25 C dIF/dt = 100 A/s IF = 30 A VFR = 1.1 x VFmax IF = 30 A dIF/dt = 100 A/s VFR = 1.1 x VFmax
2/8
STTH3006
Characteristics
Figure 1.
P(W)
55 50 45 40 35 30
Conduction losses versus average forward current
Figure 2.
IFM(A)
200
Forward voltage drop versus forward current
= 0.5 = 0.2 = 0.1 = 0.05 =1
180 160 140 120 100
Tj=150C (typical values)
Tj=150C (maximum values)
25 20 15 10 5 0 0 5 10 15 20 25 30 35 80
Tj=25C (maximum values)
T
60 40
IF(AV)(A)
=tp/T
tp
20 0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
VFM(V)
1.8 2.0 2.2 2.4 2.6 2.8 3.0
Figure 3.
Relative variation of thermal impedance junction to case versus pulse duration
Figure 4.
Peak reverse recovery current versus dIF/dt (typical values)
Zth(j-c)/Rth(j-c)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 1.E-03 1.E-02 1.E-01 1.E+00
Single pulse
IRM(A)
30
VR=400V Tj=125C IF=2 x IF(AV) IF=IF(AV) IF=0.5 x IF(AV)
25
20
IF=0.25 x IF(AV)
15
10
5
tp(s)
0 0 50 100 150 200
dIF/dt(A/s)
250 300 350 400 450 500
Figure 5.
trr(ns)
200
Reverse recovery time versus dIF/dt (typical values)
Figure 6.
Qrr(C)
3.0
Reverse recovery charges versus dIF/dt (typical values)
VR=400V Tj=125C
VR=400V Tj=125C
2.5
IF=2 x IF(AV)
150
IF=2 x IF(AV) IF=IF(AV) IF=0.5 x IF(AV)
2.0
IF=IF(AV)
100
1.5
1.0 50 0.5
IF=0.5 x IF(AV)
dIF/dt(A/s)
0 0 200 400 600 800 1000 0.0 0 200
dIF/dt(A/s)
400 600 800 1000
3/8
Characteristics
STTH3006
Figure 7.
Softness factor versus dIF/dt (typical values)
Figure 8.
Relative variations of dynamic parameters versus junction temperature
IF=IF(AV) VR=400V Reference: Tj=125C
S factor
S factor
0.6
IF2 x IF(AV) VR=400V Tj=125C
2.50 2.25 2.00 1.75
0.5
0.4
1.50 1.25 1.00
0.3
0.2
0.75 0.50
IRM
0.1
0.25
QRR
dIF/dt(A/s)
0.0 0 50 100 150 200 250 300 350 400 450 500
Tj(C)
25 50 75 100 125
0.00
Figure 9.
VFP(V)
8.0 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0
Transient peak forward voltage versus dIF/dt (typical values)
Figure 10. Forward recovery time versus dIF/dt (typical values)
tfr(ns)
800 700 600 500 400 300 200 100
IF=IF(AV) VFR=1.1 x VF max. Tj=125C
IF=IF(AV) Tj=125C
dIF/dt(A/s)
0 100 200 300 400 500 0 100
dIF/dt(A/s)
200 300 400 500
Figure 11. Junction capacitance versus reverse voltage applied (typical values)
C(pF)
1000
F=1MHz VOSC=30mVRMS Tj=25C
100
VR(V)
10 1 10 100 1000
4/8
STTH3006
Package information
2
Package information

Epoxy meets UL94, V0 Cooling method: by conduction (C) Recommended torque value: 0.55 Nm (TO-220AC) Maximum torque value: 0.70 Nm (TO-220AC) DO247 dimensions
Dimensions Ref. Millimeters Min. A
V
Table 5.
Inches Min. Typ. Max. 0.203 0.102 0.031 0.055 0.078
Typ.
Max.
4.85 2.20 0.40 1.00 2.00 2.00 10.90 15.45 19.85 3.70 18.50 14.20 34.60 5.50 2.00 5 60 3.55
5.15 0.191 2.60 0.086 0.80 0.015 1.40 0.039
D E
Dia
V
F F2
H A
F3 G
2.40 0.078 0.429 15.75 0.608 20.15 0.781 4.30 0.145 0.728 14.80 0.559 1.362 0.216 3.00 0.078 5 60 3.65 0.139
0.094
L5
H
L L2 L4 F2 L3 F3 V2 F G M E L1 D
0.620 0.793 0.169
L L1 L2 L3 L4 L5 M V V2 Dia.
0.582
0.118
0.143
5/8
Package information Table 6. TO-220AC dimensions
Dimensions Ref. Millimeters Min. A
H2 OI L5 L7 L6 L2 C A
STTH3006
Inches Min. 0.173 0.048 0.094 0.019 0.024 0.044 0.194 0.393 Max. 0.181 0.051 0.107 0.027 0.034 0.066 0.202 0.409
Max. 4.60 1.32 2.72 0.70 0.88 1.70 5.15 10.40
4.40 1.23 2.40 0.49 0.61 1.14 4.95 10.00
C D E F F1 G
F1
L9 L4 F
D
H2 L2 L4
16.40 typ. 13.00 2.65 15.25 6.20 3.50 14.00 2.95 15.75 6.60 3.93
0.645 typ. 0.511 0.104 0.600 0.244 0.137 0.551 0.116 0.620 0.259 0.154
M E G
L5 L6 L7 L9 M Diam. I
2.6 typ. 3.75 3.85
0.102 typ. 0.147 0.151
6/8
STTH3006 Table 7. DOP3I dimensions
Ordering information
Dimensions Ref.
E R E1 OP c A
Millimeters Min. Max. 4.60 1.40 1.55 0.70 13.10 15.50 7.75 11.30 21.10 15.60 4.17 2.90
Inches Min. 0.173 0.047 0.057 0.020 0.474 0.594 0.297 0.425 0.815 0.565 0.161 0.106 Max. 0.181 0.055 0.061 0.028 0.516 0.610 0.305 0.445 0.831 0.614 0.164 0.114
A b c c1
4.40 1.20 1.45 0.50 12.15 15.10 7.55 10.80 20.4 14.35 4.08 2.70
G D
Y
D E E1
L
e G L
c1 Q
b e
P Q R Y
4.60 typ. 15.80 16.50
0.181 typ. 0.622 0.650
3
Ordering information
Delivery mode Tube Tube Tube
Ordering type STTH3006D STTH3006W STTH3006PI
Marking STTH3006D STTH3006W STTH3006PI
Package TO-220AC DO-247 DOP3I
Weight 1.90 g 4.40 g 4.46 g
Base qty 50 30 30
4
Revision history
Date 22-May-2006 10-Aug-2006 Revision 1 2 Initial release. Added Package insulation voltage on page 1 for DOP3I. Changes
7/8
STTH3006
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of STTH3006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X