Part Number Hot Search : 
1060CT 120N1 UZ5750 SF1220G 1000A BAT54H M050B C2065
Product Description
Full Text Search
 

To Download SMLJ10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
l l l l l l l l l l l
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
SMLJ5.0 THRU SMLJ170CA
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
DO-214AB (SMLJ) (LEAD FRAME)
G
For surface mount application in order to optimize board space Low inductance Low profile package Built-in strain relief Glass passivated junction Excellent clamping capability Repetition Rate( duty cycle): 0.5% Fast response time: typical less than 1ps from 0V to BV min Typical ID less than 1uA above 10V High temperature soldering: 250 C/10 seconds at terminals Plastic package has Underwrites Laboratory Flammability Classification 94V-O
o
H
Mechanical Data
l
D
CASE: JEDEC DO-214AB molded plastic body over passivated junction
E
A
C
B F
DIMENSIONS INCHES MIN .079 .115 .002 .006 .030 ..305 .260 .220 MM MIN 2.00 2.92 0.051 0.152 0.76 7.75 6.60 5.59
l l
Terminals: solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes positive end( cathode) except Bi-directional types.
DIM A B C D E F G H
l l
Standard packaging: 16mm tape per ( EIA 481). Weight: 0.007 ounce, 0.21 gram
Maximum Ratings @ 25oC Unless Otherwise Specified Peak Pulse Current on IPPM See Table 1 Amps 10/1000us waveform(Note1, Fig3) Peak Pulse Power PPPM Minimum Watts Disspation on 10/1000us 3000 waveform(Note1,2,Fig1) Peak forward surge IFSM) 200.0 Amps current (JEDEC Method) (Note 2,3) Operation And Storage TJ , -55o C to Temperature Range TSTG +150o C
MAX .103 .121 .008 .012 .050 .320 .280 .245
MAX 2.62 3.07 0.203 0.305 1.27 8.13 7.11 6.22
NOTE
SUGGESTED SOLDER PAD LAYOUT
0.280"
0.121"
0.060"
NOTES: o 1. Non-repetitive current pulse per Fig.3 and derated above TA=25 C per Fig.2. 2 2. Mounted on 8.0mm copper pads to each terminal. 3. 8.3ms, single half sine-wave or equivalent square wave, duty cycle=4 pulses per. Minutes maximum.
www.mccsemi.com
SMLJ5.0 thru SMLJ170CA
PPPM: PEAK PULSE POWER, KW
PEAK PULSE POWER (P ) OR CURRENT (IPP ) PP DERATING IN PERCENTAGE
MCC
100 75 50 25 0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE Fig. 2-PULSE RATING CURVE
100
Non-Repetitive Pulse Waveform Shown in Figure 3 TA=25OC
10
1.0
0.1 0.1us
1.0us
10us
100us
0.1ms
1.0ms
td, PULSE WIDTH, SEC Fig. 1-PEAL PULSE POWER VS PULSE.TIME
IPPM , PEAK PULSE CURRENT-%
150 CJ, CAPACITANCE, pF
tf=10usec Peak Value IPPm Half Value-1/2Ipp TA=25OC Pulse Width (td) is Defined As the Point Where the Peak Current Decays to 50% of IPP
104
TJ =25OC F=1.0MHZ Vsig=50mVP_P Measured at Zero Bias
100
1000
50
10/1000usec Waveform as Defined by R.E.A
100
Measured at Stand-Off Voltage (VMW)
0 0 1.0 2.0 Tr, TIME, ms 3.0 4.0
10 5.0
10 20 50 100 200 V (BR), BREAKDOWN VOLTAGE, VOLTS
500
Fig. 3-PULSE WAVEFORM
Fig. 4-TYPICAL CAPACITANCE VS STAND-OFF VOLTAGE
IFSM , PEAK FORWARD SURGE CURRENT
200 100 AMPERES
TJ =TJ max 8.3ms Single Half Since-Wave Vsig=50mVP_P
50
UNIDIRECTIONAL ONLY
10
1
5
10
50
100
NUMBER OF CYCLES AT 60HZ
Fig-5MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CUTTENT
www.mccsemi.com
MCC
SMLJ5.0 THRU SMLJ170CA
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE STAND-OFF VOLTAGE V WM MAXIMUM REVERSE LEAKAGE @V WM ID
MCC PART NUMBER
BREAKDOWN VOLTAGE V (BR) @IT (VOLTS)
MAXIMUM CLAMPING VOLTAGE@IPP
PEAK PULSE CURRENT IPP
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING CODE
SMLJ5.0 SMLJ5.0A SMLJ6.0 SMLJ6.0A SMLJ6.5 SMLJ6.5A SMLJ7.0 SMLJ7.0A SMLJ7.5 SMLJ7.5A SMLJ8.0 SMLJ8.0A SMLJ8.5 SMLJ8.5A SMLJ9.0 SMLJ9.0A SMLJ10 SMLJ10A SMLJ11 SMLJ11A SMLJ12 SMLJ12A SMLJ13 SMLJ13A SMLJ14 SMLJ14A SMLJ15 SMLJ15A SMLJ16 SMLJ16A SMLJ17 SMLJ17A SMLJ18 SMLJ18A SMLJ20 SMLJ20A SMLJ22 SMLJ22A SMLJ24 SMLJ24A SMLJ26 SMLJ26A
5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26
6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9
7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.5 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9
10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1
312.5 326.0 263.2 291.3 243.9 267.9 225.6 250.0 209.8 232.6 200.0 220.6 118.8 208.4 177.4 194.8 159.6 176.4 149.2 164.8 136.4 150.6 126.0 139.4 116.2 129.4 111.6 123.0 104.2 115.4 98.4 106.6 93.2 102.8 83.8 92.6 76.2 84.4 69.8 77.2 64.4 71.2
1000 1000 1000 1000 500 500 200 200 100 100 50 50 25 25 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
HDD HDE HDF HDG HDH HDK HDL HDM HDN HDP HDQ HDR HDS HDT HDU HDV HDW HDX HDY HDZ HED HEE HEF HEG HEH HEK HEL HEM HEN HEP HEQ HER HES HET HEU HEV HEW HEX HEY HEZ HFD HFE
www.mccsemi.com
MCC
SMLJ5.0 THRU SMLJ170CA
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE STAND-OFF VOLTAGE V WM MAXIMUM REVERSE LEAKAGE @V WM ID BREAKDOWN VOLTAGE V (BR) @IT (VOLTS) MAXIMUM CLAMPING VOLTAGE@IPP PEAK PULSE CURRENT IPP
MCC PART NUMBER
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING CODE
SMLJ28 SMLJ28A SMLJ30 SMLJ30A SMLJ33 SMLJ33A SMLJ36 SMLJ36A SMLJ40 SMLJ40A SMLJ43 SMLJ43A SMLJ45 SMLJ45A SMLJ48 SMLJ48A SMLJ51 SMLJ51A SMLJ54 SMLJ54A SMLJ58 SMLJ58A SMLJ60 SMLJ60A SMLJ64 SMLJ64A SMLJ70 SMLJ70A SMLJ75 SMLJ75A SMLJ78 SMLJ78A SMLJ85 SMLJ85A SMLJ90 SMLJ90A SMLJ100 SMLJ100A SMLJ110 SMLJ110A SMLJ120 SMLJ120A
28 28 30 30 33 33 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120
31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133
38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102.0 92.1 106.0 95.8 115.0 104.0 122.0 111.0 136 123 149.0 135.0 163 147
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193
60.0 66.0 56.0 62.0 50.4 56.2 46.6 51.6 42.0 46.4 39.2 43.2 37.4 41.2 35.0 38.8 37.0 36.4 31.2 34.4 39.2 32.0 28.0 31.0 26.4 29.2 24.0 26.6 22.4 24.8 21.6 22.8 19.8 20.8 18.8 20.6 16.8 18.6 15.4 16.8 14.0 15.6
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
HFF HFG HFH HFK HFL HFM HFN HFP HFQ HFR HFS HFT HFU HFV HFW HFX HFY HFZ HGD HGE HGF HGG HGH HGK HGL HGM HGN HGP HGQ HGR HGS HGT HGU HGV HGW HGX HGY HGZ HHD HHE HHF HHG
www.mccsemi.com
MCC
SMLJ5.0 THRU SMLJ170CA
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE STAND-OFF VOLTAGE V WM MAXIMUM REVERSE LEAKAGE @V WM ID
MCC PART NUMBER
BREAKDOWN VOLTAGE V (BR) @IT (VOLTS)
MAXIMUM CLAMPING VOLTAGE@IPP
PEAK PULSE CURRENT IPP
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING CODE
SMLJ130 SMLJ130A SMLJ150 SMLJ150A SMLJ160 SMLJ160A SMLJ170 SMLJ170A
130 130 150 150 160 160 170 170
144 144 167 167 178 178 189 189
176.0 159.0 204.0 185.0 218.0 197.0 231.0 209.0
1 1 1 1 1 1 1 1
231 209 268 243 287 259 304 275
13.0 14.4 11.2 12.4 10.4 11.6 9.8 11.0
5 5 5 5 5 5 5 5
HHH HHK HHL HHM HHN HHP HHQ HHR
www.mccsemi.com
MCC
SMLJ5.0 THRU SMLJ170CA
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE STAND-OFF VOLTAGE V WM MAXIMUM REVERSE LEAKAGE @V WM ID
MCC PART NUMBER
BREAKDOWN VOLTAGE V (BR) @IT (VOLTS)
MAXIMUM CLAMPING VOLTAGE@IPP
PEAK PULSE CURRENT IPP
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING CODE
SMLJ5.0 C SMLJ5.0 CA SMLJ6.0 C SMLJ6.0 CA SMLJ6.5 C SMLJ6.5 CA SMLJ7.0 C SMLJ7.0 CA SMLJ7.5 C SMLJ7.5 CA SMLJ8.0 C SMLJ8.0 CA SMLJ8.5 C SMLJ8.5 CA SMLJ9.0 C SMLJ9.0 CA SMLJ10 C SMLJ10 CA SMLJ11 C SMLJ11 CA SMLJ12 C SMLJ12 CA SMLJ1 3C SMLJ13 CA SMLJ14 C SMLJ14 CA SMLJ15 C SMLJ15 CA SMLJ16C SMLJ16 CA SMLJ17 C SMLJ17 CA SMLJ18 C SMLJ18 CA SMLJ20 C SMLJ20 CA SMLJ22 C SMLJ22 CA SMLJ24 C SMLJ24 CA SMLJ26 C SMLJ26 CA
5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26
6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9
7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.20 9.21 10.9 9.83 11.50 10.40 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.1 29.8 26.9 32.6 29.5 35.3 31.9
10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1
312.5 326.0 263.2 291.3 243.9 267.9 225.6 250.0 209.8 232.6 200.0 220.6 168.8 208.4 177.4 194.8 159.6 176.4 149.2 184.8 136.4 150.6 126.0 139.4 116.2 129.4 111.6 123.0 104.2 115.4 98.4 106.6 93.2 102.8 83.8 92.6 76.2 84.4 69.8 77.2 64.4 71.2
2000 2000 2000 2000 1000 1000 400 400 200 200 100 100 50 50 20 20 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
IDD IDE IDF IDG IDH IDK IDL IDM IDN IDP IDQ IDR IDS IDT IDU IDV IDW IDX IDY IDZ IED IEE IEF IEG IEH IEK IEL IEM IEN IEP IEQ IER IES IET IEU IEV IEW IEX IEY IEZ IFD IFE
www.mccsemi.com
MCC
SMLJ5.0 THRU SMLJ170CA
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE STAND-OFF VOLTAGE V WM MAXIMUM REVERSE LEAKAGE @V WM ID BREAKDOWN VOLTAGE V (BR) @IT (VOLTS) MAXIMUM CLAMPING VOLTAGE@IPP PEAK PULSE CURRENT IPP
MCC PART NUMBER
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING CODE
SMLJ28C SMLJ28CA SMLJ30C SMLJ30CA SMLJ33C SMLJ33CA SMLJ36C SMLJ36CA SMLJ40C SMLJ40CA SMLJ43C SMLJ43CA SMLJ45C SMLJ45CA SMLJ48C SMLJ48CA SMLJ51C SMLJ51CA SMLJ54C SMLJ54CA SMLJ58C SMLJ58CA SMLJ60C SMLJ60CA SMLJ64C SMLJ64CA SMLJ70C SMLJ70CA SMLJ75C SMLJ75CA SMLJ78C SMLJ78CA SMLJ85C SMLJ85CA SMLJ90C SMLJ90CA SMLJ100C SMLJ100CA SMLJ110C SMLJ110CA SMLJ120C SMLJ120CA
28 28 30 30 33 33 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120
31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133
38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102.0 92.1 106.0 95.8 115.0 104.0 122.0 111.0 136 123 149.0 135.0 163 147
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193
60.0 66.0 56.0 62.0 50.4 56.2 46.6 51.6 42.0 46.4 39.2 43.2 37.4 41.2 35.0 38.8 37.0 36.4 31.2 34.4 39.2 32.0 28.0 31.0 26.4 29.2 24.0 26.6 22.4 24.8 21.6 22.8 19.8 20.8 18.8 20.6 16.8 18.6 15.4 16.8 14.0 15.6
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
IFF IFG IFH IFK IFL IFM IFN IFP IFQ IFR IFS IFT IFU IFV IFW IFX IFY IFZ IGD IGE IGF IGG IGH IGK IGL IGM IGN IGP IGQ IGR IGS IGT IGU IGV IGW IGX IGY IGZ IHD IHE IHF IHG
www.mccsemi.com
MCC
SMCL5.0 THRU SMCL170CA
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE STAND-OFF VOLTAGE V WM MAXIMUM REVERSE LEAKAGE @V WM ID
MCC PART NUMBER
BREAKDOWN VOLTAGE V (BR) @IT (VOLTS)
MAXIMUM CLAMPING VOLTAGE@IPP
PEAK PULSE CURRENT IPP
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING CODE
SMLJ130C SMLJ130CA SMLJ150C SMLJ150CA SMLJ160C SMLJ160CA SMLJ170C SMLJ170CA
130 130 150 150 160 160 170 170
144 144 167 167 178 178 189 189
176.0 159.0 204.0 185.0 218.0 197.0 231.0 209.0
1 1 1 1 1 1 1 1
231 209 268 243 287 259 304 275
13.0 14.4 11.2 12.4 10.4 11.6 9.8 11.0
5 5 5 5 5 5 5 5
IHH IHK IHL IHM IHN IHP IHQ IHR
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of SMLJ10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X