Part Number Hot Search : 
AM100 L6181 MM74C923 PYE23T BZY93C62 AKD46 T1099N 1205S
Product Description
Full Text Search
 

To Download SI1012X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Si1012R/X
New Product
Vishay Siliconix
N-Channel 1.8-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V) rDS(on) (W)
0.70 @ VGS = 4.5 V 20 0.85 @ VGS = 2.5 V 1.25 @ VGS = 1.8 V
ID (mA)
600 500 350
FEATURES
D D D D D D High-Side Switching Low On-Resistance: 0.7 W Low Threshold: 0.8 V (typ) Fast Swtiching Speed: 10 ns 1.8-V Operation Gate-Source ESD Protection
BENEFITS
D D D D D Ease in Driving Switches Low Offset (Error) Voltage Low-Voltage Operation High-Speed Circuits Low Battery Voltage Operation
APPLICATIONS
D Drivers: Relays, Solenoids, Lamps, Hammers, Displays, Memories D Battery Operated Systems D Power Supply Converter Circuits D Load/Power Switching Cell Phones, Pagers
SC-75A or SC-89
G 1
Ordering Information: SC-75A (SOT- 416): Si1012R-Marking Code : C SC-89 (SOT- 490): SI1012X-Marking Code: A
Top View
3
D
S
2
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)b _ Pulsed Drain Currenta Continuous Source Current (diode conduction)b Maximum Power Dissipationb for SC-75 TA = 25_C TA = 85_C TA = 25_C for SC-89 TA = 85_C TJ, Tstg ESD PD TA = 25_C TA = 85_C IDM IS 275 175 90 275 160 -55 to 150 2000
Symbol
VDS VGS
5 secs
20
Steady State
Unit
V
"6 600 500 350 1000 250 150 80 250 140
ID 400 mA
mW
Maximum Power
Dissipationb
Operating Junction and Storage Temperature Range Gate-Source ESD Rating (HBM, Method 3015) Notes a. Pulse width limited by maximum junction temperature. b. Surface Mounted on FR4 Board. Document Number: 71166 S-02464--Rev. A, 25-Oct-00
_C V
www.vishay.com
1
Si1012R/X
Vishay Siliconix
New Product
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta VGS(th) IGSS IDSS ID(on) VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "4.5 V VDS = 16 V, VGS = 0 V VDS = 16 V, VGS = 0 V, TJ = 85_C VDS = 5 V, VGS = 4.5 V VGS = 4.5 V, ID = 600 mA Drain-Source On-State Resistancea rDS(on) VGS = 2.5 V, ID = 500 m A VGS = 1.8 V, ID = 350 m A Forward Transconductancea Diode Forward Voltagea gfs VSD VDS = 10 V, ID = 400 mA IS = 150 mA, VGS = 0 V 700 0.41 0.53 0.70 1.0 0.8 1.2 0.70 0.85 1.25 S V W 0.45 "0.5 0.3 "1.0 100 5 V mA nA mA mA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Qg Qgs Qgd td(on) tr td(off) tf VDD = 10 V, RL = 47 W ID ^ 200 mA, VGEN = 4.5 V, RG = 10 W VDS = 10 V, VGS = 4.5 V, ID = 250 mA 750 75 225 5 5 25 11 ns pC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS NOTED)
Output Characteristics
1.0 1200
Transfer Characteristics
TC = -55_C
0.8 I D - Drain Current (A)
1000 ID - Drain Current (mA) VGS = 5 thru 1.8 V 25_C 800 125_C 600
0.6
0.4
400
0.2 1V 0.0 0.0
200
0.5
1.0
1.5
2.0
2.5
3.0
0 0.0
0.5
1.0
1.5
2.0
2.5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
www.vishay.com
2
Document Number: 71166 S-02464--Rev. A, 25-Oct-00
Si1012R/X
New Product
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS NOTED)
On-Resistance vs. Drain Current
4.0 r DS(on) - On-Resistance ( W ) 100
Vishay Siliconix
Capacitance
C - Capacitance (pF)
3.2
80 Ciss 60
2.4
1.6 VGS = 1.8 V 0.8 VGS = 2.5 V VGS = 4.5 V 0.0 0 200 400 600 800 1000
40 Coss
20
0 0
Crss 4 8 12 16 20
ID - Drain Current (mA)
VDS - Drain-to-Source Voltage (V)
Gate Charge
5 V GS - Gate-to-Source Voltage (V) VDS = 10 V ID = 250 mA 4 1.60
On-Resistance vs. Junction Temperature
r DS(on) - On-Resistance (W) (Normalized)
1.40
VGS = 4.5 V ID = 600 mA
3
1.20 VGS = 1.8 V ID = 350 mA 1.00
2
1
0.80
0 0.0
0.2
0.4
0.6
0.8
0.60 -50
-25
0
25
50
75
100
125
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
1000 TJ = 125_C r DS(on) - On-Resistance ( W ) I S - Source Current (mA) 4 5
On-Resistance vs. Gate-to-Source Voltage
ID = 350 mA 3 ID = 200 mA 2
100 TJ = 25_C
10
TJ = -55_C
1
1 0.0
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 1 2 3 4 5 6 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Document Number: 71166 S-02464--Rev. A, 25-Oct-00
www.vishay.com
3
Si1012R/X
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS NOTED)
Threshold Voltage Variance vs. Temperature
0.3 3.0
IGSS vs. Temperature
0.2 V GS(th) Variance (V) ID = 0.25 mA 0.1 IGSS - (mA)
2.5
2.0
-0.0
1.5
-0.1
1.0 VGS = 4.5 V
-0.2
0.5
-0.3 -50
-25
0
25
50
75
100
125
0.0 -50
-25
0
25
50
75
100
125
TJ - Temperature (_C)
TJ - Temperature (_C)
BVGSS vs. Temperature
BVGSS - Gate-to-Source Breakdown Voltage (V) 7 6 5 4 3 2 1 0 -50
-25
0
25
50
75
100
125
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient (SC-75A)
2 1 Duty Cycle = 0.5
Normalized Effective Transient Thermal Impedance
0.2
Notes:
0.1 0.1 0.05
t1 PDM
0.02
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 833_C/W
t1 t2
Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
www.vishay.com
4
Document Number: 71166 S-02464--Rev. A, 25-Oct-00
Si1012R/X
New Product
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS NOTED)
Vishay Siliconix
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1 Duty Cycle = 0.5
Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10-4 10-3 10-2 10-1 Square Wave Pulse Duration (sec) 1 10
Document Number: 71166 S-02464--Rev. A, 25-Oct-00
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SI1012X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X