Part Number Hot Search : 
2SC43 NM3SOL3R SDA20000 1SMB13 ER504 2SD15 PFR855S FQA58N08
Product Description
Full Text Search
 

To Download SBL4045CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
MCC
Features
* * * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
SBL4045CT
40 Amp
Schottky
Meatl of Silicon Rectifier, Majority Conducton Guard ring for transient protection Low Forward Voltage Drop High Current Capability, High Efficiency Low Power Loss
Barrier Rectifier 45 Volts TO-220AB
B C L M D A E
* *
Maximum Ratings
Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C MCC Catalog Number SBL4045CT Maximum Reccurrent Peak Reverse Voltage 45V Maximum RMS Voltage 31.5V Maximum DC Blocking Voltage 45V
K
F G I J N HH PIN 1 PIN 2 CASE
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage IF(AV) IFSM 40 A 350A TC= 116C 8.3ms, half sine
A B C D E F G H I J K L M N
PIN 3
INCHES .600 .620 .393 .409 .104 .116 .244 .259 .356 .361 .137 .154 .511 .551 .094 .106 .024 .034 .019 .027 .147 .151 .173 .181 .048 .051 0.102t y p. MM 15.25 15.75 10.00 10.40 2.65 2.95 6.20 6.60 9.05 9.15 3.50 3.93 13.00 14.00 2.40 2.70 0.61 0.88 0.49 0.70 3.75 3.85 4.40 4.60 1.23 1.32 2.6t yp .
VF
.58V
I FM = 20A; TJ = 25 C
Maximum DC Reverse Current At Rated DC Blocking Voltage
IR
10mA
TJ = 25C
*Pulse Test: Pulse Width 300sec, Duty Cycle 1%
www.mccsemi.com
RATING AND CHARACTERISTIC CURVES SBL4045CT
MCC
1 0 00 1 00 10 1 50 C 0 .1 25 C 0 .0 1 0.0 0 1 0 5 10 15 20 25 30 35 40 45 Reverse V oltag e - V R (V ) T J = 15 0 C 125 C 100 C 75 C Reverse Cu rrent - I R (m A)
1 00 0
Instantan eous Forw ard C urrent - I F (A)
100
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
10 0 00 Junc tion Capac itan ce - C T (pF)
10 T J = 150 C T J = 125 C T J = 25 C
T J = 25 C
1 0 00
1 0 0 .2 0.4 0.6 0 .8 1 1.2 1 .4 1.6 1 .8 Forw a rd V olta g e D rop - V FM (V )
10 0 0 10 20 30 40 50 Reverse V oltag e - V R (V )
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
10 Therm al Im pedan ce Z thJC ( C /W )
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
D D D D D
= = = = =
0.75 0.50 0.33 0.25 0.20
PD M
0.1 Notes: Sing le Pulse (Therm a l Resista n ce) 0.0 1 0.000 01
t1 t2
1. D uty factor D = t 1/ t 2 2. Peak TJ = PD M x Z thJC+ T C 0 .1 1 10 10 0
0.0 001
0.0 01
0 .01
t 1 , Recta ng ula r Pu lse Du ra tio n (Seco n d s)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.mccsemi.com
RATING AND CHARACTERISTIC CURVES SBL4045CT
MCC
18 A ve ra ge Pow er Loss - (W at ts) 16 14 12 10 8 6 4 2 D D D D D = = = = = 0.20 0.25 0.33 0.50 0.75
1 50 Allow able Case Tem perature - ( C) 1 45 1 40 1 35 1 30 1 25 1 20 1 15 1 10 1 05 1 00 0 5 10 15 20 25 30 Averag e Forw a rd C urren t - I F(A V ) (A )
se e no te (2)
DC
RM S Lim it DC
Sq uare w a ve (D = 0.50) 80% Rated V R a pp lied
0 0 5 10 15 20 25 30 A vera ge Forw a rd C urren t - I F(A V ) (A)
10000 Non-Repetitive Surge Current - I F SM (A) At Any Rated Load C ondition An d W ith Ra ted V RRM Ap plied Follow ing Surge
1000
100 10
100
1000
10000
Square W ave Pulse D uration - t p (m icrosec)
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of SBL4045CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X