Part Number Hot Search : 
S4805 BZX84C18 2SC2983 IRFP460 11001 SF602 FR205 MDAG03
Product Description
Full Text Search
 

To Download S312 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series 3
3 Amp * 120, 240 Vac * AC Output
work (S3 types), Series 3 is an ideal replacement for power reed relays in microprocessor or computer-based logic level systems. Designed for long, reliable service in a multitude of demand* UL, CSA, VDE Approved ing industrial environments. Manufactured in Crydom's ISO 9001 These solid state relays combine small Certified facility for optimum product size and high ratings in a PC-board- performance and reliability. mounted SPST-NO design. Available with (S30 types) or without snubber net-
* Compact for High Density PCB M ount * Small Footprint
CURRENT DERATING CURVE
4
Load Current [Amps]
MODEL NO. INPUT SPECIFICATIONS
Control Voltage Range Nominal Input Impedance
S312
S3012A
S322
S3022A
3.5-8 Vdc 200 Ohm 20 mAdc 3.5 Vdc 1.0 Vdc 20-140 Vrms .15-3.0 .15-3.0
3.5-8 Vdc 200 Ohm 20 mAdc 3.5 Vdc 1.0 Vdc 40-280 Vrms .15-3.0 .15-3.0
3
Typical Input Current @ 5 Vdc
2 1 0 20 40 60 80
Ambient Temperature [uC]
Must Turn On Voltage Must Turn Off Voltage
OUTPUT SPECIFICATIONS
Operating Voltage Range (47-63 Hz) Load Current Range (Arms) Transient Over-Voltage
.45 .68 (11.4) (17.3)
Max Load Current vs. Temperature
600 Vpk 55 Apk
600 Vpk 55 Apk 200 V/sec 1.0 mA 4.0 mA
S3 Package
.025 x .025 TERMINAL PIN (4 PLACES)
BOTTOM VIEW
Max. Surge Current, (16.6ms) Min. Off-State dv/dt @ Max. Rated Voltage Max.Off-State Leakage @ Rated Voltage Max. On-State Voltage Drop @ Rated Current Max.Turn-On Time Max. Turn-Off TIme Power Factor (Min.) WIth Max. Load
200 V/sec 4.0 mA
1.0 mA
LOAD
.80 .60 (20.3) (15.2)
INPUT
2 1
3
+
1.5 Vpk 1/2 cycle 1/2 cycle 0.5 4000 Vrms
1.5 Vpk 1/2 cycle 1/2 cycle 0.5
4
.10 (2.5)
.70 (17.8) .80 (20.3) 1.20 (30.5)
GENERAL SPECIFICATIONS
.70 .87 (17.8) (22.1)
S30 Package
Dielectric Strength
Insulation Resistance (Min.) @ 500 Vdc Max. Capacitance
109 Ohm 8.0 pF -30 to 80C -30 to 125C 0.6 oz. (0.8 g) Thermally Conductive Epoxy
INPUT
LOAD
2 .60 .80 (15.2) (20.3) 1
3
+
.025 x .025 TERMINAL PIN (4 PLACES)
BOTTOM VIEW
Ambient Operating Temperature Range
Ambient Storage Temperature Range
M ECHANICAL SPECIFICATIONS
Weight: (typical) Encapsulation:
4
.10 (2.5)
.70 (17.8) .80 (20.3) 1.45 (36.8)
GENERAL NOTES
(c)2002 CRYDOM CORP, Specifications subject to change without notice.
All dimensions are in inches (millimeters)
APPROVALS

All parameters at 25C unless otherwise specified. Dielectric and insulation resistance are measured between input and output. Off-State dv/dt test method per EIA/NARM standard RS-443.
UL E116949 CSA LR81689 VDE 10114 UG
FastFax Document No. 117 SERIES 3 Rev. 042302 PAGE 1 OF 1
For recommended applications and more information contact: USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540 Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154 Email: sales@crydom.com WEB SITE: http://www.crydom.com UK: +44 (0)1202 365070 * FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com. GERMANY: +49 (0)180 3000 506


▲Up To Search▲   

 
Price & Availability of S312

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X