Part Number Hot Search : 
MRF284 LBT09031 0S223K 0R12K NTE5554 SEL5755C BZ5239 ATF16
Product Description
Full Text Search
 

To Download PN3643 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PN3643
Discrete POWER & Signal Technologies
PN3643
C
BE
TO-92
NPN General Purpose Amplifier
This device is designed for use as general purpose amplifiers and switches requiring collector currents to 300 mA. Sourced from Process 10. See PN100 for characteristics.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
30 60 5.0 500 -55 to +150
Units
V V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient
Max
PN3643 625 5.0 83.3 200
Units
mW mW/C C/W C/W
(c) 1997 Fairchild Semiconductor Corporation
PN3643
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO ICES Collector-Emitter Breakdown Voltage* Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current I C = 10 mA, I B = 0 I C = 10 A, IE = 0 I E = 10 A, I C = 0 VCE = 50 V, IE = 0 VCE = 50 V, IE = 0, TA = +65 C 30 60 5.0 50 1.0 V V V nA A
ON CHARACTERISTICS*
hFE VCE(sat) DC Current Gain Collector-Emitter Saturation Voltage VCE = 10 V, IC = 150 mA VCE = 10 V, IC = 500 mA I C = 150 mA, IB = 15 mA 100 20 300 0.22 V
SMALL SIGNAL CHARACTERISTICS
Cob G pe hfe Output Capacitance Collector Efficiency Amplifier Power Gain Small-Signal Current Gain VCB = 10 V, f = 140 kHz, VCE = 15 V, f = 30 MHz, Rg = 140 , RL = 260 VCE = 15 V, f = 30 MHz, Rg = 140 , RL = 260 I C = 50 mA, VCE = 5.0 V, f = 100 MHz 60 10 2.5 8.0 pF % dB
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%


▲Up To Search▲   

 
Price & Availability of PN3643

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X