Part Number Hot Search : 
BCPZRL BD25B ARN30A12 PC150 25470 M63828 1N4148WT 74LVX14M
Product Description
Full Text Search
 

To Download OP268FPS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Bulletin OP268FPS November 2000
Plastic Point Source Infrared Emitting Diode
Type OP268FPS
Features *Point source irradiance pattern *Flat lensed for wide radiation angle *Easily stackable on 0.100"(2.54 mm)
hole centers
Absolute Maximum Ratings (TA = 25o C unless otherwise noted)
Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0 V Continuous Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA Peak Forward Current (2 s pulse width, 0.1% duty cycle). . . . . . . . . . . . . . . . . . 1.0 A Storage and Operating Temperature Range . . . . . . . . . . . . . . . . . . . -40C to +100C Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 sec. with soldering iron] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260C (1) Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW(2)
NOTES: (1) RMA flux is recommended. Duration can be ex tended to 10 seconds maximum when flow soldering. Max imum 20 grams force may be applied to the leads when soldering. (2) Derate linearly 1.33 mW/C above 25C. (3) E e(APT) is a measurement of the average apertured radiant en ergy incident upon a sensing area 0.081" (2.06 mm) in diameter, perpendicular to and centered on the mechanical axis of the " emitting surface"and 0.400" (10.16 mm) from the measurement surface. Ee(APT) is not necessarily uniform within the measured area.
Description
The OP268FPS contains an 850 nm gallium aluminum arsenide infrared emitting diode molded in an " end-looking" miniature black package. This device has a wide radiation angle due to its flat emitting surface. The point source GaAIAs IRED emits photons from a 0.004" diameter area centered with the optical centerline. Small size and 0.100" (2.54 mm) lead spacing allow considerable design flexibility. The stable VF vs. Temperature characteristic make them ideal for applications where voltage is limited (such as battery operation). The low tr /tf make them ideal for high speed operation.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006 11
(972) 323-2200
Fax (972) 323-2396
Type OP268FPS
Electrical Characteristics (TA = 25o C unless otherwise noted) SYMBOL
Ee(APT) VF IR p B HP tr tf
PARAMETER
Apertured Irradiance Forward Voltage Reverse Current Wavelength at Peak Emission Spectral Bandwidth Between Half Power Points Emission Angle at Half Power Rise Time Fall Time
MIN TYP MAX
.10 .90 1.80 20 850 50 50 10 10
UNITS
mW/cm V A nm nm Deg. ns ns
2
TEST CONDITIONS
I F = 20 mA(3) I F = 20 mA VR = 2 V I F = 20 mA I F = 20 mA I F = 20 mA I F(PK) = 20 mA PW = 10 s, D.C. = 10%
Optek re serves the right to make changes at any time in order to improve design and to supply the best product possi ble. Optek Technology, Inc. 1215 W. Crosby Road Carrollton, Texas 75006 (972)323-2200 Fax (972)323-2396 12


▲Up To Search▲   

 
Price & Availability of OP268FPS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X