Part Number Hot Search : 
1N5072 ZMM5253B 3CA003 K4164 TMP04 GLENAIR GS1333 08852
Product Description
Full Text Search
 

To Download MURA110T3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MURA105T3, MURA110T3
Preferred Devices
Surface Mount Ultrafast Power Rectifiers
Ideally suited for high voltage, high frequency rectification, or as free wheeling and protection diodes in surface mount applications where compact size and weight are critical to the system.
* * * *
Small Compact Surface Mountable Package with J-Bend Leads Rectangular Package for Automated Handling High Temperature Glass Passivated Junction Low Forward Voltage Drop (0.66 Volts Max @ 1.0 A, TJ = 150C)
http://onsemi.com
Mechanical Characteristics:
ULTRAFAST RECTIFIERS 1 AMPERE 50-100 VOLTS
* Case: Epoxy, Molded * Weight: 70 mg (approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal * * * * *
Leads are Readily Solderable Lead and Mounting Surface Temperature for Soldering Purposes: 260C Max. for 10 Seconds Shipped in 12 mm Tape and Reel, 5000 units per reel Polarity: Polarity Band Indicates Cathode Lead ESD Protection: Human Body Model > 4000 V (Class 3) ESD Protection: Machine Model > 400 V (Class C) Marking: U4A, U4B
MARKING DIAGRAM
SMA CASE 403D PLASTIC
U4x
x = A (105T3) B (110T3)
ORDERING INFORMATION MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage MURA105T3 MURA110T3 Average Rectified Forward Current @ TL = 155C @ TL = 135C Non-Repetitive Peak Surge Current (Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz) Operating Junction Temperature Range Symbol VRRM VRWM VR IF(AV) 1.0 2.0 IFSM 50 A Value Unit V 50 100 A
Preferred devices are recommended choices for future use and best overall value.
Device MURA105T3 MURA110T3
Package SMA SMA
Shipping 5000/Tape & Reel 5000/Tape & Reel
TJ
- 65 to +175
C
(c) Semiconductor Components Industries, LLC, 2003
1
January, 2003 - Rev. 3
Publication Order Number: MURA105T3/D
MURA105T3, MURA110T3
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Lead (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Symbol PsiJL (Note 2) RJA Max 24 216 Unit C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 3) (iF = 1.0 A, TJ = 25C) (iF = 1.0 A, TJ = 150C) Maximum Instantaneous Reverse Current (Note 3) (Rated dc Voltage, TJ = 25C) (Rated dc Voltage, TJ = 150C) Maximum Reverse Recovery Time (iF = 1.0 A, di/dt = 50 A/s) vF 0.875 0.66 iR 2.0 50 trr 30 ns A Volts
1. Rating applies when surface mounted on the minimum pad size recommended, PC Board FR-4. 2. In compliance with JEDEC 51, these values (historically represented by RJL) are now referenced as PsiJL. 3. Pulse Test: Pulse Width = 300 s, Duty Cycle v 2.0%.
100 IR, REVERSE CURRENT (mA) TJ = 175C
100 IR, REVERSE CURRENT (mA)
TJ = 175C
10
10 TJ = 100C
1 TJ = 100C 0.1
1
TJ = 25C
0.01
TJ = 25C 0 20 40 60 80 100
0.001
0.1 0 20 40 60 80 100 VR, REVERSE VOLTAGE (VOLTS) VR, REVERSE VOLTAGE (VOLTS)
Figure 1. Typical Reverse Current
IF, INSTANTANEOUS FORWARD CURRENT (A) IF, INSTANTANEOUS FORWARD CURRENT (A)
Figure 2. Maximum Reverse Current
10 TC = 175C 100C 25C 1
10 TC = 175C 100C 25C 1
0.1
0.1
0.01 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 VF, INSTANTANEOUS VOLTAGE (VOLTS)
0.01 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 VF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 3. Typical Forward Voltage
Figure 4. Maximum Forward Voltage
http://onsemi.com
2
MURA105T3, MURA110T3
50 45 C, CAPACITANCE (pF) C, CAPACITANCE (pF) 40 35 30 25 20 15 10 5 0 0 0 4 8 12 16 20 24 28 32 36 40 0 4 8 12 16 20 24 28 32 36 40 VR, REVERSE VOLTAGE (VOLTS) VR, REVERSE VOLTAGE (VOLTS) NOTE: TYPICAL CAPACITANCE AT 0 V = 45 pF 50 40 30 20 10 60 NOTE: MAXIMUM CAPACITANCE AT 0 V = 48 pF
Figure 5. Typical Capacitance
Figure 6. Maximum Capacitance
IF(AV), AVERAGE FORWARD CURRENT (A)
3.5 3
dc
RqJL = 24C/W TJ = 175C
IF, AVERAGE FORWARD CURRENT (A)
4
1.5 RqJA = 216C/W TJ = 175C
dc 1 SQUARE WAVE 0.5
2.5 SQUARE WAVE 2 1.5 1 0.5 0 100 110 120 130 140 150 160 170 180 TL, LEAD TEMPERATURE (C)
0 0 20 40 60 80 100 120 140 160 TA, AMBIENT TEMPERATURE (C)
Figure 7. Current Derating, Lead
Figure 8. Current Derating, Ambient (FR-4 Board with Minimum Pad)
PF, AVERAGE POWER DISSIPATION (W)
2.5 TJ = 175C 2 dc SQUARE WAVE 1.5
1
0.5 0 0 0.5 1 1.5 2 2.5 3 3.5 IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 9. Power Dissipation
http://onsemi.com
3
MURA105T3, MURA110T3
PACKAGE DIMENSIONS
SMA CASE 403D-02 ISSUE A
S A
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 403D-01 OBSOLETE, NEW STANDARD IS 403D-02. DIM A B C D H J K S INCHES MIN MAX 0.160 0.180 0.090 0.115 0.075 0.095 0.050 0.064 0.002 0.006 0.006 0.016 0.030 0.060 0.190 0.220 MILLIMETERS MIN MAX 4.06 4.57 2.29 2.92 1.91 2.41 1.27 1.63 0.05 0.15 0.15 0.41 0.76 1.52 4.83 5.59
D
B
POLARITY INDICATOR OPTIONAL AS NEEDED
C
K
J
H
0.157 4.0
0.0787 2.0
0.0787 2.0
inches mm
SMA FOOTPRINT
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada JAPAN: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
4
MURA105T3/D


▲Up To Search▲   

 
Price & Availability of MURA110T3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X