Part Number Hot Search : 
B1240 P342P MAX19999 SCL4081B MAX3971 HAF70009 AN222 SMH250
Product Description
Full Text Search
 

To Download MURA110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MURA105, MURA110
PRV : 50 - 100 Volts Io : 1.0 Ampere
FEATURES :
* * * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Super fast recovery time Pb / RoHS Free
SURFACE MOUNT ULTRAFAST RECTIFIERS
SMA (DO-214AC)
5.0 0.15
4.5 0.15
1.1 0.3
1.2 0.2 2.6 0.15 2.1 0.2
0.2 0.07
MECHANICAL DATA :
* * * * * * Case : SMA Molded plastic Epoxy : UL94V-O rate flame retardant Lead : Lead Formed for Surface Mount Polarity : Color band denotes cathode end Mounting position : Any Weight : 0.067 gram
2.0 0.2
Dimensions in millimeter
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reversr Voltage Maximum DC Blocking Voltage Maximum Average Rectified Forward Current
SYMBOL VRRM VRWM VDC IF(AV)
MURA105 50 50 50
MURA110 100 100 100
UNIT V V V V
1.0 ( TL = 155 C ) 2.0 ( TL = 135 C )
Maximum Non-Repetitive Peak Surge Current (Surge Applied at Rate Load Conditions Halfwave, Single Phase, 60 Hz) Maximum Instantaneous Forward Voltage at IF = 1.0 A (Note 1) Maximum Instantaneous Reverse Current (Note 1) (Rated dc Voltage) Thermal Resistance, Junction to Lead (Note 2) Thermal Resistance, Junction to Ambient (Note 2) Maximum Reverse Recovery Time (IF=1.0A, di/dt = 50A/s) Operating Junction Temperature Range TJ - 65 to + 175 C VF IR IR(H) RJL RJA
Trr
IFSM
50 0.875 (TJ = 25C) 0.66 (TJ = 150C) 2.0 (TJ = 25C) 50 (TJ = 150C) 24 216 30
A
V A C/W C/W ns
Notes :
(1) Pulse Test : Pulse Width = 300 s, Duty Cycle 2.0 %. (2) Rating Applies when surface mounted on the minimum pad size recommended, PC Board FR-4.
Page 1 of 2
Rev. 01 : September 10, 2005
RATING AND CHARACTERISTIC CURVES ( MURA105, MURA110 )
FIG.1 - CURRENT DERATING, LEAD
FIG.2 - MAXIMUM CAPACITANCE
AVERAGE RECTIFIED FORWARD CURRENT, AMPERES
4.0 dc
60 NOTE : MAXIMUM CAPACITANCE AT 0 V = 48 pF
C , CAPACITANCE, pF
140 150 160 170 180 190
3.0
45
2.0 SQUARE WAVE 1.0
30
15
0 100 110 120 130
0 0 4 8 12 16 20 24 28 32 36 40
LEAD TEMPERATURE, ( C)
VR, REVERSE VOLTAGE, VOLTS
FIG.3 - MAXIMUM INSTANTANEOUS FORWARD VOLTAGE
10
FIG. 4 - MAXIMUM REVERSE CURRENT
100
INSTANTANEOUS FORWARD CURRENT, AMPERES
TJ = 175 C
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
1
10 TJ = 100 C
0.1
TC = 175 C = 100 C = 25C
1.0
TJ = 25 C
0.01 0.3
0.1 0 25 50 75 100
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE, VOLT
AVERAGE POWER DISSIPATION, WATT
FIG. 5 - POWER DISSIPATION
3.2 2.8 2.4 2.0 1.6 1.2 0.8 0.4 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 SQUARE WAVE dc TJ = 175 C
.
AVERAGE FORWARD CURRENT, AMPERES
Page 2 of 2
Rev. 01 : September 10, 2005


▲Up To Search▲   

 
Price & Availability of MURA110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X